Part Number Hot Search : 
TMC429 M6034F AD5247 1N4489 SMB10CA CM150 CF5034LA 5F2FZES
Product Description
Full Text Search
 

To Download SVT15100UB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p s v t 1 5 1 0 0u b may 1 2 ,2015 - rev.00 page 1 extreme low vf schottky barrier rectifier voltage 1 0 0 v current 1 5 a f eatures ? ideal for automated placement ? extreme low forward voltage drop, low power loss ? high efficiency operation ? low thermal resistance ? ultra thin profile package for space constrained utilization ? easy pick and place package suitable for automated handling ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: to - 277 b packag e ? terminals: solder plated, solderable per mil - std - 750,method 2026 ? weight: 0.0038 ounces, 0.1088 grams . ? marking: part number note : 1. mounted on a fr4 pcb, single - sided copp er, mini pad. 2. mounted on a 10cm*10cm* 1 mm copper pad area maximum ratings and electrical characteristics ( t a =25 o c unless otherwise noted) parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 1 0 0 v maximum rms voltage v rm s 70 v maximum dc blocking voltage v r 1 0 0 v maximum average forward rectified current i f(av) 1 5 a peak forward surge current : 8.3ms single half sine - wave
supe rimposed on rated load i fsm 2 5 0 a typical thermal resistance (note 1) (note 2) r ja j c 110 3 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c 0 . 1 7 2 ( 4 . 3 5 ) 0 . 1 6 7 ( 4 . 2 5 ) 0 . 0 4 8 ( 1 . 2 0 ) 0 . 0 3 9 ( 1 . 0 0 ) 0 . 1 3 6 ( 3 4 5 ) 0 . 1 2 8 ( 3 2 5 ) . . 0 . 0 8 5 ( 2 1 5 ) 0 . 0 7 6 ( 1 9 5 ) . . 0 . 0 8 3 ( 2 1 0 ) . 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 0 9 ( 0 . 2 5 ) 0 . 0 5 2 ( 1 . 3 0 ) 0 . 0 4 4 ( 1 . 1 0 ) 0.243(6.15) 0.238(6.05) 0.282(7.15) 0.269(6.85) 0.193(4.90) 0.181(4.60) 0.053(1.35) 0.045(1.15)
p s v t 1 5 1 0 0u b may 12,2015-rev.00 page 2 electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units breakdown voltage v br i r =0. 5ma t j =25 o c 1 0 0 - - v instantaneous forward voltage v f i f =1a i f = 5 a i f = 1 5 a t j =25 o c - - - 0.38 0. 4 7 0. 61 - - 0. 66 v i f =1a i f = 5 a t j =125 o c - - 0.25 0. 4 - - v reverse current i r v r = 70 v t j =25 o c - 15 - ? ? ? 0 2 4 6 8 10 12 14 16 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) 0.001 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 i r , reverse current (ma) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 1 10 100 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 i f , forward current (a) v f , forward voltage (v) t j = 150 c t j = 125 c t j = 25 c t j = 75 c percent of rated peak reverse voltage (%)
p s v t 1 5 1 0 0u b may 1 2 ,2015 - rev.00 page 3 B C mounting pad layout order information 0 . 1 3 8 ( 3 . 5 0 ) 0 . 1 3 8 ( 3 . 5 0 ) 0.193 (4.90) 0.038 (0.97) 0.038 (0.97) 0.056 (1.43) 0 . 0 5 5 ( 1 . 4 0 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 0 8 3 ( 2 . 1 0 )
p s v t 1 5 1 0 0u b may 1 2 ,2015 - rev.00 page 4 part no_packing code_versi on sv t 1 5 1 0 0u b _r2_00001 for example : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version code means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx pack ing type 1 st code packing size code 2 nd code hf or rohs
1 st code 2 nd ~5 th code tape and ammunition box
(t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing
(b/p) b 13" 2 tube packing
(t/p) t 26mm x tape a nd reel (right oriented)
(trr) s 52mm y tape and reel (left oriented)
(trl) l panasert t/b cathode up
(pbcu) u forming f panasert t/b cathode down
(pbcd) d
p s v t 1 5 1 0 0u b may 1 2 ,2015 - rev.00 page 5 disclaimer


▲Up To Search▲   

 
Price & Availability of SVT15100UB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X