|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
p s v t 1 5 1 0 0u b june 16,2016 - rev.01 page 1 extreme low vf schottky barrier rectifier voltage 1 0 0 v current 1 5 a f eatures ? ideal for automated placement ? extreme low forward voltage drop, low power loss ? high efficiency operation ? low thermal resistance ? ultra thin profile package for space constrained utilization ? easy pick and place package suitable for automated handling ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: to - 277 b packa ge ? terminals: solder plated, solderable per mil - std - 750,method 2026 ? weight: 0.0038 ounces, 0.1088 grams . ? marking: part number note : 1. mounted on a fr4 pcb, single - sided copp er, mini pad. 2. mounted on a 10cm*10cm* 1 mm copper pad area maximum ratings and electrical characteristics ( t a =25 o c unless otherwise noted) parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 1 0 0 v maximum rms voltage v rm s 70 v maximum dc blocking voltage v r 1 0 0 v maximum average forward rectified current i f(av) 1 5 a peak forward surge current : 8.3ms single half sine - wave supe rimposed on rated load i fsm 2 5 0 a typical thermal resistance (note 1) (note 2) r ja j c 110 3 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c 0 . 1 7 2 ( 4 . 3 5 ) 0 . 1 6 7 ( 4 . 2 5 ) 0 . 0 4 8 ( 1 . 2 0 ) 0 . 0 3 9 ( 1 . 0 0 ) 0 . 1 3 6 ( 3 4 5 ) 0 . 1 2 8 ( 3 2 5 ) . . 0 . 0 8 5 ( 2 1 5 ) 0 . 0 7 6 ( 1 9 5 ) . . 0 . 0 8 3 ( 2 1 0 ) . 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 0 9 ( 0 . 2 5 ) 0 . 0 5 2 ( 1 . 3 0 ) 0 . 0 4 4 ( 1 . 1 0 ) 0.243(6.15) 0.238(6.05) 0.282(7.15) 0.269(6.85) 0.193(4.90) 0.181(4.60) 0.053(1.35) 0.045(1.15) p s v t 1 5 1 0 0u b june 16,2016 - rev.01 page 2 electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units breakdown voltage v br i r =0. 5ma t j =25 o c 1 0 0 - - v instantaneous forward voltage v f i f =1a i f = 5 a i f = 1 5 a t j =25 o c - - - 0.38 0. 4 7 0. 61 - - 0. 66 v i f =1a i f = 5 a t j =125 o c - - 0.25 0. 4 - - v reverse current i r v r = 70 v t j =25 o c - 15 - ? r = 1 0 0v t j =25 o c t j =125 o c - - - 1 5 80 - ? ? p s v t 1 5 1 0 0u b june 16,2016 - rev.01 page 3 0 2 4 6 8 10 12 14 16 0 25 50 75 100 125 150 t c , c ase t em per at ur e ( c) i f , fo rw ard c urren t (a) 0 . 0 0 1 0 . 0 1 0 . 1 1 10 100 10 20 30 40 50 60 70 80 90 100 i r , r ev erse cu rr en t (m a ) t j = 25 c t j = 7 5 c t j = 1 2 5 c t j = 1 5 0 c fig.3 ty pic a l rev e rs e chara c t e ris t ic s fig.4 ty pic a l fo rw a rd ch a ra c t e ris t ic s fig.1 fo rw a rd cu rre nt de ra t ing cu rv e fig.2 ty pic a l j un c t ion capa c itanc e 1 10 100 1000 1 10 100 c j , junct i on c apaci t ance ( pf) v r , r ev erse b i as v ol t ag e (v) 0 . 1 1 10 100 0 0. 2 0. 4 0. 6 0. 8 1 i f , forw ar d c ur r ent ( a) v f , fo rw ard v ol t ag e (v) t j = 15 0 c t j = 1 2 5 c t j = 25 c t j = 75 c p ercen t of r ated p ea k r ev erse v ol t ag e (% ) 0 20 40 60 80 100 120 0 25 50 75 100 125 150 t j , jun ct i on te mpera t ure ( c) r ev erse v ol t ag e (v) r ev erse v ol t ag e ( v ) fig. 5 ope ra ting te mpe ra ture der a ting curv e p s v t 1 5 1 0 0u b june 16,2016 - rev.01 page 4 B C mounting pad layout order information p s v t 1 5 1 0 0u b june 16,2016 - rev.01 page 5 part no_packing code_versi on sv t 1 5 1 0 0u b _r2_00001 for example : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version code means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx pac king type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d p s v t 1 5 1 0 0u b june 16,2016 - rev.01 page 6 disclaimer |
Price & Availability of SVT15100UB-R2-00001 |