Part Number Hot Search : 
SWG12400 BAT160S SP6205 82000 LTV824M DB103 HSB14 WFF2N65B
Product Description
Full Text Search
 

To Download SVT15100U-R2-00001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p s v t 1 5 1 0 0u june 16,2016 - rev.01 page 1 extreme low vf schottky barrier rectifier voltage 1 0 0 v current 1 5 a f eatures ? ideal for automated placement ? extreme low forward voltage drop, low power loss ? high efficiency operation ? low thermal resistance ? ultra thin profile package for space constrained utilization ? easy pick and place package suitable for automated handling ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: to - 277 packag e ? terminals: solder plated, solderable per mil - std - 750,method 2026 ? weight: 0.003 79 ounces, 0.10 73 grams. ? marking: part number note : 1. mounted on a fr4 pcb, single - sided copp er, mini pad. 2. mounted on a 10cm*10cm* 1 mm copper pad area maximum ratings and electrical characteristics ( t a =25 o c unless otherwise noted) parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 1 0 0 v maximum rms voltage v rm s 70 v maximum dc blocking voltage v r 1 0 0 v maximum average forward rectified current i f(av) 1 5 a peak forward surge current : 8.3ms single half sine - wave
supe rimposed on rated load i fsm 2 5 0 a typical thermal resistance (note 1) (note 2) r ja j c 110 3 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c 0 . 1 7 2 ( 4 . 3 5 ) 0 . 1 6 7 ( 4 . 2 5 ) 0 . 0 4 8 ( 1 . 2 0 ) 0 . 0 3 9 ( 1 . 0 0 ) 0 . 1 3 6 ( 3 4 5 ) 0 . 1 2 8 ( 3 2 5 ) . . 0 . 0 8 5 ( 2 1 5 ) 0 . 0 7 6 ( 1 9 5 ) . . 0 . 0 8 3 ( 2 1 0 ) . 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 0 9 ( 0 . 2 5 ) 0 . 0 5 2 ( 1 . 3 0 ) 0 . 0 4 4 ( 1 . 1 0 ) 0.243(6.15) 0.238(6.05) 0.262(6.65) 0.250(6.35) 0.183(4.65) 0.171(4.35) 0.043(1.10) 0.035(0.90)
p s v t 1 5 1 0 0u june 16,2016 - rev.01 page 2 electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units breakdown voltage v br i r =0. 5ma t j =25 o c 1 0 0 - - v instantaneous forward voltage v f i f =1a i f = 5 a i f = 1 5 a t j =25 o c - - - 0.38 0. 4 7 0. 61 - - 0. 66 v i f =1a i f = 5 a t j =125 o c - - 0.25 0. 4 - - v reverse current i r v r = 70 v t j =25 o c - 15 - ? r = 1 0 0v t j =25 o c t j =125 o c - - - 1 5 80 - ? ?
p s v t 1 5 1 0 0u june 16,2016 - rev.01 page 3 0 2 4 6 8 10 12 14 16 0 25 50 75 100 125 150 t c , c ase t em per at ur e ( c) i f , fo rw ard c urren t (a) 0 . 0 0 1 0 . 0 1 0 . 1 1 10 100 10 20 30 40 50 60 70 80 90 100 i r , r ev erse cu rr en t (m a ) t j = 25 c t j = 7 5 c t j = 1 2 5 c t j = 1 5 0 c fig.3 ty pic a l rev e rs e chara c t e ris t ic s fig.4 ty pic a l fo rw a rd ch a ra c t e ris t ic s fig.1 fo rw a rd cu rre nt de ra t ing cu rv e fig.2 ty pic a l j un c t ion capa c itanc e 1 10 100 1000 1 10 100 c j , junct i on c apaci t ance ( pf) v r , r ev erse b i as v ol t ag e (v) 0 . 1 1 10 100 0 0. 2 0. 4 0. 6 0. 8 1 i f , forw ar d c ur r ent ( a) v f , fo rw ard v ol t ag e (v) t j = 15 0 c t j = 1 2 5 c t j = 25 c t j = 75 c p ercen t of r ated p ea k r ev erse v ol t ag e (% ) 0 20 40 60 80 100 120 0 25 50 75 100 125 150 t j , jun ct i on te mpera t ure ( c) r ev erse v ol t ag e (v) r ev erse v ol t ag e ( v ) fig. 5 ope ra ting te mpe ra ture der a ting curv e
p s v t 1 5 1 0 0u june 16,2016 - rev.01 page 4 B C mounting pad layout order information
p s v t 1 5 1 0 0u june 16,2016 - rev.01 page 5 part no_packing code_versi on sv t 1 5 1 0 0u _r2_00001 for example : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version code means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx pack ing type 1 st code packing size code 2 nd code hf or rohs
1 st code 2 nd ~5 th code tape and ammunition box
(t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing
(b/p) b 13" 2 tube packing
(t/p) t 26mm x tape a nd reel (right oriented)
(trr) s 52mm y tape and reel (left oriented)
(trl) l panasert t/b cathode up
(pbcu) u forming f panasert t/b cathode down
(pbcd) d
p s v t 1 5 1 0 0u june 16,2016 - rev.01 page 6 disclaimer


▲Up To Search▲   

 
Price & Availability of SVT15100U-R2-00001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X