Part Number Hot Search : 
TC0154A TC0154A C2220FBD AON7401 CXA1398M 4HC40 API860 ALTECH
Product Description
Full Text Search
 

To Download SVT15100L-R2-00001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p s v t 15 100l june 7,2016 - rev.01 page 1 ultra low vf schottky barrier rectifier voltage 10 0 v current 15 a f eatures ? ideal for automated placement ? ultra low forward voltage drop, low power loss ? high efficiency operation ? low thermal resistance ? ultra thin profile package for space constrained utilization ? easy pick and place package suitable for automated handling ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: to - 277 package ? te rminals: solder plated, solderable per mil - std - 750,method 2026 ? weight: 0.0038 ounces, 0.10 73 grams. ? marking: part number note : 1. mounted on a fr4 pcb, single - sided copper, mini pad. 2. mounted on a 10cm*10cm*0.5mm copper pad area maximum ratings and electrical characteristics ( t a =25 o c unless otherwise noted) parameter symbo l limit unit maximum repetitive peak reverse voltage v rrm 10 0 v maximum rms voltage v rm s 70 v maximum dc blocking voltage v r 10 0 v maximum average forward rectified current i f(av) 15 a peak forward surge current : 8.3ms single half sine - wave
superimpo sed on rated load i fsm 2 0 0 a typical thermal resistance (note 1) (note 2) r ja j c 110 3.5 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c 0 . 1 7 2 ( 4 . 3 5 ) 0 . 1 6 7 ( 4 . 2 5 ) 0 . 0 4 8 ( 1 . 2 0 ) 0 . 0 3 9 ( 1 . 0 0 ) 0 . 1 3 6 ( 3 4 5 ) 0 . 1 2 8 ( 3 2 5 ) . . 0 . 0 8 5 ( 2 1 5 ) 0 . 0 7 6 ( 1 9 5 ) . . 0 . 0 8 3 ( 2 1 0 ) . 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 0 9 ( 0 . 2 5 ) 0 . 0 5 2 ( 1 . 3 0 ) 0 . 0 4 4 ( 1 . 1 0 ) 0.243(6.15) 0.238(6.05) 0.262(6.65) 0.250(6.35) 0.183(4.65) 0.171(4.35) 0.043(1.10) 0.035(0.90)
p s v t 15 100l june 7,2016 - rev.01 page 2 electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units breakdown voltage v br i r =0. 5ma t j =25 o c 10 0 - - v instantaneous forward v oltage v f i f =1a i f = 5 a i f = 15 a t j =25 o c - - - 0.3 9 0.5 0. 71 - - 0.76 v i f =1a i f = 5 a t j =125 o c - - 0.28 0.4 5 - - v reverse current i r v r = 80 v t j =25 o c - 10 - ? r = 10 0v t j =25 o c t j =125 o c - - - 6 6 0 - ? ?
p s v t 15 100l june 7,2016 - rev.01 page 3 0 2 . 5 5 7 . 5 10 12. 5 15 1 7 . 5 0 25 50 75 100 125 150 t c , c ase t empe rat ure ( c) i f , fo rw ard c urren t (a) 0. 001 0 . 0 1 0 . 1 1 10 100 10 20 30 40 50 60 70 80 90 100 i r , r ev er se c ur r ent ( m a) pe r cent of r at ed pe ak r ev er se vo l t ag e ( % ) t j = 2 5 c t j = 7 5 c t j = 125 c t j = 150 c fig.3 ty pic a l rev e rs e chara c t e ris t ic s fig. 4 ty pic a l forw a rd char a c ter is tic s fig. 1 forw a rd curr e nt de ra ting cur v e fig. 2 ty pic a l j unc tion ca pa c ita nc e 1 10 100 1000 10000 1 10 100 c j , junc t ion cap acit ance ( pf) v r , r ev er se bi as vo l t ag e ( v) 0 . 0 1 0 . 1 1 10 100 0 0 . 2 0 . 4 0 . 6 0 . 8 1 1 . 2 i f , fo rw ard c urren t (a) v f , fo rw ard v ol t ag e (v) t j = 15 0 c t j = 12 5 c t j = 2 5 c t j = 7 5 c 0 20 40 60 80 100 120 0 25 50 75 100 125 150 t j , junct i on temper at ur e ( c) r ev er se vo l t ag e ( v) fig.5 ope ra t ing tempe ra t ure dera t ing cu rv e
p s v t 15 100l june 7,2016 - rev.01 page 4 B C mounting pad layout order information
p s v t 15 100l june 7,2016 - rev.01 page 5 part no_packing code_versio n sv t15100l _r2_00001 for example : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version code means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx packi ng type 1 st code packing size code 2 nd code hf or rohs
1 st code 2 nd ~5 th code tape and ammunition box
(t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing
(b/p) b 13" 2 tube packing
(t/p) t 26mm x tape an d reel (right oriented)
(trr) s 52mm y tape and reel (left oriented)
(trl) l panasert t/b cathode up
(pbcu) u forming f panasert t/b cathode down
(pbcd) d
p s v t 15 100l june 7,2016 - rev.01 page 6 disclaimer


▲Up To Search▲   

 
Price & Availability of SVT15100L-R2-00001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X