Part Number Hot Search : 
2020T E712526 XN06537 APT15 TIP812 TC0144A 1SS358PT 1N5223
Product Description
Full Text Search
 

To Download SFA-34-24T-HP-CDFJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj features z integrated single fiber bi-directional optical subassembly z 2x10 sff pinout supports i 2 c digital diagnostics z voice/data fttx ont/onu applications z 1244 mbps tx, 2488 mbps rx asymmetric data rate z 1310 nm tx, 1490 nm rx z burst mode transmission z commercial temperature and industrial temperature versions available z 28 db link budget; 20 km reach z tx burst mode detection, tx_sd z compliant to iec-60825 class 1 laser diode z compliant to fsan g.984.2 classb+ z compliant with sff-8472 v10.3 z sc/apc fiber connector z rohs compliant z internal calibration regulatory compliance table 1 ? regulatory compliance feature standard performance electrostatic discharge (esd) to the electrical pins mil-std-883e method 3015.7 class 1(>500v for xfi pins, >2000v for other pins.) electrostatic discharge (esd) to the duplex lc receptacle iec 61000-4-2 gr-1089-core compatible with standards electromagnetic interference (emi) fcc part 15 class b en55022 class b (cispr 22b) vcci class b compatible with standards immunity iec 61000-4-3 compatible with standards laser eye safety fda 21cfr 1040.10 and 1040.11 en60950, en (iec) 60825-1,2 compatible with class i laser product. rohs 2002/95/ec 4.1&4.2 2005/747/ec compliant with standards note note: in light of item 5 in annex of 2002/ 95/ec, ?pb in the glass of cathode ray tubes, electronic components and fluorescent tubes.? and item 13 in annex of 2005/747/ec, ?lead and cadmiu m in optical and filter glass.?, the two exemptions are being concerned for source p hotonics transceivers, because source photonics transceivers use glass, which may contain pb, for co mponents such as lenses, windows, isolators, and other electronic components.
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj absolute maximum ratings table 2 ? absolute maximum ratings parameter symbol min. typical max. unit notes storage temperature t s -40 - +85 c operating relative humidity rh 10 - 90 % lead solder temperature tsolder - - 260 c supply voltage vcc_uc -0.3 - 4.2 v vcc_rx -0.3 - 4.2 v vcc_tx -0.3 - vcc_rx + 1 v esd human body model hbm - - 1000 v recommended operating conditions table 3 ? recommended operating conditions parameter symb ol min. typical max. unit notes operating case temperature (SFA-34-24T-HP-CDFJ) t c 0 - 70 c operating case temperature (sfa-34-24t-hp-tdfj) tc -40 - +85 c operating voltage vcc 3.14 3.30 3.46 v total tx and rx supply current icc - - 300 ma power dissipation pd - - 1.2 w bit rate(tx) br - 1244.16 - mbps bit rate(rx) br - 2488.32 - mbps transmission distance td - - 20,000 m power supply noise rejection - - 100 mv p-p (1260-1360nm) to 1490 rx isolation 30 - - db (1550-1560nm) ext to 1490 rx isolation 34 - - db (1260-1360nm) to 1490 rx optical crosstalk - - -47 db back reflection @ 1310nm - - -12 db back reflection @ 1490nm - - -27 db rx reflectance - - -20 db 1530nm to 1490nm rx isolation 7 - - db 1539nm to 1490nm rx isolation 22 - - db
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj optical characteristics table 4 ? optical characteristics transmitter parameter symbol min. typical max. unit notes center wavelength range c 1290 1310 1330 nm average output power p 0ut 0.5 - 5 dbm average output power (laser off) p 0ut-off - - -45 dbm spectral width (-20db) 20 - - 1 nm extinction ratio er 10 - - db 1 optical rise/fall time (20%-80%) t r /t f - - 250 ps smsr smsr 30 - - db jitter generation jg - - 0.2 ui 2 transmitter output eye compliant with g.984.2 figure 3 receiver center wavelength range c 1480 - 1500 nm received optical power p in -28 - -8 dbm 3 signal detect assertion level sda - - -28 dbm signal detect de-assertion level sdd -38 - - dbm hysteresis p sda-sdd 0.5 - 6 db rssi accuracy rssi -3 - +3 db notes: 1. measured with a prbs 2 23 -1, nrz, 50% duty cycle. 2. 4khz to 10mhz 3. measured with a prbs 2 31 -1, 50% duty cycle. electrical characteristics table 5 ? electrical characteristics transmitter parameter symbol min. typical max. unit notes differential data input amplitude v in,p-p 300 - 1600 mvpp 4 input differential impedance z in - 100 - ? 5 tx_brst enable time t burst_en - - 12.86 ns 6 tx_brst disable time t burst_dis - - 12.86 ns 6 tx_brst voltage - low v tx_enb_low 0 - 0.8 v tx_brst voltage ? high v tx_enb_hith 2.0 - vcc v tx_sd delay (timing ?d?) t tx_sd_d - - 300 ns 7
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj tx_sd width difference (timing ?x?) t tx_sd_x - - 100 ns 7 tx_sd startup time t tx_sd_startup - - 300 ms 7 receiver differential output voltage 600 - 900 mv 8 signal detect output high voltage v sd_high 2.4 - - v 9 signal detect output low voltage v sd_low - - 0.6 v 10 data output rise and fall time t r /t f - - 160 ps notes: 4. lvpecl input, dc coupled internally 5. txd+/-. 6. 16 bits data @1244mbps, refer to figure3. 7. tx_sd timing diagram: figure 1, tx_sd timing diagram figure 2, tx_sd startup timing diagram 8. cml output, ac coupled internally 9. lvttl with internal 10k ? pull up resistor. asserts high when input data amplitude is above threshold. 10. lvttl. de-asserts low when input data amplitude is below threshold.
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj figure 3, timing parameter definition in burst mode sequence recommended interface circuit gpon mac serdes laser driver (bm) lia (cm) microprocessor +3.3v +3.3v +3.3v +3.3v pon_tx_disable txp txn rxn rxp nc nc nc nc 10f 0.1f 10f 0.1f 0.1f 2x1h z=50 z=50 z=50 z=50 2x4.7-10k 10k temperature supply voltage tx power rx power v eet (12,16) v cct (11) v ccr (7) v eer (2,3,6) tx_brst(13) td+(14) td-(15) rd-(9) rd+(10) sd(8) sda(18) scl(17) pon_sda pon_scl 100 tx_fault(19) bias current r2=nc +3.3v r1=nc r1=nc r2=nc +3.3v tx_sd(20) 4.7-10k figure 4, recommended interface circuit
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj pin definitions figure 5, pin view table 6 ? pin definitions pin logic symbol name/description note 1 na nc no user connection 2 na gnd_rx digital rx ground 3 na gnd_rx digital rx ground 4 na nc reserved, no user connection 5 na nc reserved, no user connection 6 na gnd_rx digital rx ground 7 na vcc_rx digital rx vcc 8 lvttl-o sd signal detect output, pull up internally (4.7k ? ). asserts high when input optical power level is above threshold 9 cml-o rxd- rx data bar output, cml. 50 ? terminated to vcc and ac coupled to module output 10 cml-o rxd+ rx data output, cml. 50 ? terminated to vcc and ac coupled to module output 11 na vcc_tx digital tx vcc 12 na gnd_tx digital tx ground 13 lvttl-i tx_brst tx burst enable. lvttl input, active high. 14 cml-i txd+ tx data input. internally dc coupled. 100 ? differential termination. 15 cml-i txd- tx data bar input. internally dc coupled. 100 ? differential termination. 16 na gnd_tx digital tx ground 17 lvttl-i scl i 2 c clock input 1 18 lvttl-i/o sda i 2 c data input/output 1 19 lvttl-o tx_fault lvttl transmitter fault, high active. 20 lvttl-o tx_sd tx transmitter state indication, assert high when tx on. note 1. this pin is an open collector/drain output pin and s hall be pulled up with 4.7k-10k ohms to a host_vcc on the host board.
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj mechanical diagram figure 6, mechanical diagram eeprom information figure 7, eeprom diagram table 7 ?eeprom memory content (a0h) addr. field size (bytes) name of field hex description 0 1 identifier 02 module/connector soldered to motherboard 1 1 ext. identifier 04 mod4 2 1 connector 0b optical pigtail
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj 3-10 8 transceiver 00 00 00 00 00 00 00 00 11 1 encoding 03 nrz 12 1 br, nominal 0c 1.244gbps 13 1 reserved 00 14 1 length (9um)-km 14 20(km) 15 1 length (9um) c8 200(100m) 16 1 length (50um) 00 not support mmf 17 1 length (62.5um) 00 not support mmf 18 1 length (copper) 00 not support copper 19 1 reserved 00 20-35 16 vendor name 53 4f 55 52 43 45 50 48 4f 54 4f 4e 49 43 53 20 ?sourcephotonics ?(asc ) 36 1 reserved 00 37-39 3 vendor oui 00 00 00 40-55 16 vendor pn 53 46 41 33 34 32 34 54 48 50 43(54) 44 46 4a 20 20 ?sfa3424thpc(t)dfj? (ascii) 56-59 4 vendor rev xx xx 20 20 ascii(?31 30 20 20? means 1.0 revision) 60-61 2 wavelength 05 1e 1310nm laser wavelength 62 1 reserved 00 63 1 cc_base xx check sum of byte 0-62 64-65 2 options 00 0c tx_fault, los 66 1 br, max 00 67 1 br, min 00 68-83 16 vendor sn xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx ascii 84-91 8 date code xx xx xx xx xx xx 20 20 year(2 bytes),month(2 bytes), day(2 bytes) 92 1 diagnostic monitoring type 68 ext calibration, average power measurement 93 1 enhanced options b0 optical alarm/warning implemented soft tx_dis, tx_fault implemented 94 1 sff-8472 compliance 02 diagnos tics compliance(sff-8472 ) 95 1 cc_ext xx check sum of byte 64-94 96-255 64 vendor specific table 8 ?eeprom memory content (a2h) addr. field size (bytes) name of field hex description 0 00 2 temp high alarm 64 00(i temp) 50 00(c temp) 100 i temp 80 c temp 2 02 2 temp low alarm ce 00(i temp) -50 i temp
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj f3 00(c temp) -13 c temp 4 04 2 temp high warning 5a 00 (i temp) 4b 00(c temp) 90 i temp 75 c temp 6 06 2 temp low warning d8 00(i temp) f8 00(c temp) -40 i temp -8 c temp 8 08 2 voltage high alarm 8c a0 3.6v 10 0a 2 voltage low alarm 75 30 3.0v 12 0c 2 voltage high warning 88 b8 3.5v 14 0e 2 voltage low warning 79 18 3.1v 16 10 2 bias high alarm c3 50 100ma 18 12 2 bias low alarm 00 00 0ma 20 14 2 bias high warning 9c 40 80ma 22 16 2 bias low warning 00 00 0ma 24 18 2 tx power high alarm 9b 82 6dbm 26 1a 2 tx power low alarm 22 d0 -0.5dbm 28 1c 2 tx power high warning 7b 86 5dbm 30 1e 2 tx power low warning 2b d4 0.5dbm 32 20 2 rx power high alarm 07 cb -7dbm 34 22 2 rx power low alarm 00 0f -28dbm 36 24 2 rx power high warning 06 30 -8dbm 38 26 2 rx power low warning 00 14 -27dbm 40 28 16 reserved 00?.000 reserved 56 38 4 rx_pwr(4) calibration 00 00 00 00 4th order rssi calibration coefficient 60 3c 4 rx_pwr(3) calibration 00 00 00 00 3rd order rssi calibration coefficient 64 40 4 rx_pwr(2) calibration 00 00 00 00 2nd order rssi calibration coefficient 68 44 4 rx_pwr(1) calibration 3f 80 00 00 1st order rssi calibration coefficient 72 48 4 rx_pwr(0) calibration 00 00 00 00 0th order rssi calibration coefficient 76 4c 2 tx_i(slope) calibration 01 00 slope for bias calibration 78 4e 2 tx_i(offset) calibration 00 00 offset for bias calibration 80 50 2 tx_pwr(slope) calibration 01 00 slope for tx power calibration 82 52 2 tx_pwr(offset) calibration 00 00 offset for tx power calibration 84 54 2 t(slope) calibration 01 00 slope for temperature calibration 86 56 2 t(offset) calibration 00 00 offset for temperature calibration, in units of 256ths c 88 58 2 v(slope) calibration 01 00 slope for vcc calibration 90 5a 2 v(offset) calibration 00 00 offset for vcc calibration 92 5c 3 reserved 00 00 00 reserved 95 5f 1 checksum xx checksum 96 60 2 transceiver temperature xx xx temperature in c/256 98 62 2 supply voltage xx xx vcc 100 64 2 tx bias current xx xx biasmon 102 66 2 tx optical output power xx xx back facet monitor
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj 104 68 2 rx optical input power xx xx rssi 106 6a 2 reserved 00 00 reserved 108 6c 2 reserved 00 00 reserved 110 6e.7 1bit tx_dis state x soft tx disable state 6e.6 1bit soft tx disable x write bit that allows software disable laser output. 6e.5 1bit reserved. 0 reserved 6e.4 1bit rate select state 0 not supported. 6e.3 1bit rate select 0 not supported. 6e.2 1bit tx_fault x digital state of the tx fault output 6e.1 1bit rx los x digital state of the rx los output 6e.0 1bit data ready bar x indicates transceiver has achieved power up and data is ready. 111 6f.7 1bit reserved 0 reserved 6f.6 1bit reserved 0 reserved 6f.5 1bit reserved 0 reserved 6f.4 1bit reserved 0 reserved 6f.3 1bit reserved 0 reserved 6f.2 1bit reserved x reserved 6f.1 1bit reserved 0 reserved 6f.0 1bit reserved x reserved 112 70.7 1bit temperature too high alarm x temperature too high alarm 70.6 1bit temperature too low alarm x temperature too low alarm 70.5 1bit vcc too high alarm x vcc too high alarm 70.4 1bit vcc too low alarm x vcc too low alarm 70.3 1bit biasmon too high alarm x biasmon too high alarm 70.2 1bit biasmon too low alarm x biasmon too low alarm 70.1 1bit tx power too high alarm x tx power too high alarm 70.0 1bit tx power too low alarm x tx power too low alarm 113 71.7 1bit rx power too high alarm x rx power too high alarm 71.6 1bit rx power too low alarm x rx power too low alarm 71.5 1bit reserved interrupt status bit x reserved interrupt status bit 71.4 1bit reserved interrupt status bit x reserved interrupt status bit 71.3 1bit reserved interrupt status bit x reserved interrupt status bit 71.2 1bit reserved interrupt status bit x reserved interrupt status bit 71.1 1bit reserved interrupt status bit x reserved interrupt status bit 71.0 1bit reserved interrupt status bit x reserved interrupt status bit 114 72 1 reserved 00 reserved 115 73 1 reserved 00 reserved 116 74.7 1bit temperature too high warning x temperature too high warning 74.6 1bit temperature too low warning x temperature too low warning 74.5 1bit vcc too high warning x vcc too high warning
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj 74.4 1bit vcc too low warning x vcc too low warning 74.3 1bit biasmon too high warning x biasmon too high warning 74.2 1bit biasmon too low warning x biasmon too low warning 74.1 1bit tx power too high warning x tx power too high warning 74.0 1bit tx power too low warning x tx power too low warning 117 75.7 1bit rx power too high warning x rx power too high warning 75.6 1bit rx power too low warning x rx power too low warning 75.5 1bit reserved interrupt status bit 0 reserved interrupt status bit 75.4 1bit reserved interrupt status bi t 0 reserved interrupt status bit 75.3 1bit reserved interrupt status bi t 0 reserved interrupt status bit 75.2 1bit reserved interrupt status bit 0 reserved interrupt status bit 75.1 1bit reserved interrupt status bi t 0 reserved interrupt status bit 75.0 1bit reserved interrupt status bi t 0 reserved interrupt status bit 118 76 1 reserved 00 reserved 119 77 1 reserved 00 reserved 120 78 8 vendor specific 00 00 00 00 00 00 00 00 vendor specific table 9 ? digital diagnostic specification (a2h) data address parameter range accuracy 96-97 temperature 0 to 70c (c-temp) -40 to -85c (i-temp) 5c 98-99 vcc voltage 0 to vcc 5% 100-101 bias current 0 to 100ma 10% 102-103 tx power 0 to 5dbm 3db 104-105 rx power -28 to -8dbm 3db order information table 10 ? order information part no. application data rate laser source fiber type temp range SFA-34-24T-HP-CDFJ gpon ont tx:1244.16mb/s rx:2488.32mb/s 1310nm dfb smf 0 to 70c sfa-34-24t-hp-td fj gpon ont tx:1244.16mb/s rx:2488.32mb/s 1310nm dfb smf -40 to 85c
d s - 6830 r e v 0 1 2 0 11-11- 30 SFA-34-24T-HP-CDFJ sfa-34-24t-hp-tdfj warnings handling precautions: this device is susceptible to damage as a result of electrostatic discharge (esd). a static free environment is highly recommended. foll ow guidelines according to proper esd procedures. laser safety: radiation emitted by laser devices can be dangerous to human eyes. avoid eye exposure to direct or indirect radiation. legal notice important notice! all information contained in this document is subject to change without notice, at source photonics?s sole and absolute discretion. source photonics warrants perfo rmance of its products to current specifications only in accordance with the company?s standard one-y ear warranty; however, specifications designated as ?preliminary? are given to describe components only, and source photonics expressly disclaims any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. please refer to the company?s terms and conditions of sa le for further warranty information. source photonics assumes no liability for applications assistance, customer pr oduct design, software performance, or infringement of patents, services, or intellectual property described herein. no license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and source photonics makes no representations or warrant ies that the product(s) described herein are free from patent, copyright, or intellectual property ri ghts. products described in this document are not intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. source photonics cu stomers using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnif y source photonics for any damages resulting from such use or sale. the information contained in this document is provided on an ?as is? basis. customer agrees that source photonics is not liable for any actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. customer must contact source photonics to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current. contact u.s.a. headquarters 20550 nordhoff street chatsworth, ca 91311 usa tel: +1-818-773-9044 fax: +1-818-773-0261 china building #2&5, west export processing zone no. 8 kexin road, hi-tech zone chengdu, 611731, china tel: +86-28-8795-8788 fax: +86-28-8795-8789 taiwan 9f, no 81, shui lee rd. hsinchu, taiwan, r.o.c. tel: +886-3-5169222 fax: +886-3-5169213 ? copyright source photonics, inc. 2009~2012 all rights reserved


▲Up To Search▲   

 
Price & Availability of SFA-34-24T-HP-CDFJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X