Part Number Hot Search : 
PE7422 MUR160 DG300AAK ZMM5256B NTXV1 1N4743 SSM24LPT P6KE20
Product Description
Full Text Search
 

To Download SBT20100CT-T0-00001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p s b t20100ct november 7,2016 - rev.03 page 1 schottky barrier rectifiers voltage 10 0 v current 2 0 a f eatures ? plastic package has underwriters laboratory flammability classification 94v - o. flame retardant epoxy molding compound. ? high surge capacity. ? for use in low voltage, high fre quency inverters free wheeling, and polarlity protection applications ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: molded plastic, to - 220ab ? terminals: axial leads,solderable per mil - std - 750, method 2026 ? approx. weig ht: 0.067 ounces, 1.89 grams ? marking: part number note : 1. device mounted on a infinite he atsink. maximum ratings ( t a =25 o c unless otherwise noted) parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 10 0 v maximum rms voltage v rm s 70 v storage t emperature r ange v r 10 0 v maxi mum average forward rectified current per device per diode i f(av) 20 10 a peak forward surge current : 8.3ms single half sine - wave
superimposed on rated load per diode i fsm 120 a maximum forward voltage at 10a per diode v f 0.8 v maximum dc reverse curre nt at rated dc blocking voltage per diode i r 60 ? a typical thermal resistance per diode (note 1) r ? jc 2 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c
p s b t20100ct november 7,2016 - rev.03 page 2 0 2. 5 5 7. 5 10 12. 5 0 25 50 75 100 125 150 t c , cas e t e m per atur e ( c) i f , f o r w ar d cur r ent ( a ) 0.001 0.01 0.1 1 10 100 20 30 40 50 60 70 80 90 100 i r , re v e rse cu rre n t (m a ) t j = 2 5 c t j = 7 5 c t j = 125 c t j = 150 c fig.3 t y pical reverse characteristics fig.4 t y pical forw ard characteristics fig.1 forw a rd current derating curve fig.2 t y pical junction capacitance 1 10 100 1000 11 0 1 0 0 c j , j unc tion capac itanc e ( pf ) v r , rever s e bias voltage ( v ) 0. 01 0. 1 1 10 100 0 0 .2 0 .4 0 .6 0 .8 1 1 .2 i f , f o r w ar d cur r ent ( a ) v f , f or w ar d voltage ( v ) t j = 1 2 5 c t j = 150 c t j = 2 5 c t j = 7 5 c pe r di ode pe r di ode pe r di ode pe r di ode per c ent of rated peak rever s e voltage ( % ) 0 20 40 60 80 100 120 0 25 50 75 100 125 150 t j , jun ct i on te mpera t ure ( c) r e v e rse v o l t a g e (v ) fig. 5 ope ra ting te mpe ra ture der a ting curv e
p s b t20100ct november 7,2016 - rev.03 page 3 part no_packing code_version sb t20100ct _ t0 _00001 for example : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version code means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs
1 st code 2 nd ~5 th code tape and ammunition box
(t/b) a n/a 0 hf 0 serial number tape an d reel (t/r) r 7" 1 rohs 1 serial number bulk packing
(b/p) b 13" 2 tube packing
(t/p) t 26mm x tape and reel (right oriented)
(trr) s 52mm y tape and reel (left oriented)
(trl) l panasert t/b cathode up
(pbcu) u forming f panasert t/b cathode down
(pbcd) d
p s b t20100ct november 7,2016 - rev.03 page 4 disclaimer reproducing and modifying information of the document is prohibited without permission from panjit international inc.. panjit international inc. reserves the rights to make changes of the content herein the do cument anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occu rred. panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non - infringement and merchantability. applications shown on the herein document are examples of standard use and operati on. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life - saving or life - sustaining, such as medical instruments, transportation equipmen t, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. since panjit u ses lot number as the tracking base, please provide t he lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SBT20100CT-T0-00001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X