Part Number Hot Search : 
DTA12 AD797BR 10C12A Q9012 AEP15024 C87F7032 AOXYY C87F7032
Product Description
Full Text Search
 

To Download SBT20100CK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s bt20100ct sbt20100fct SBT20100CK sbt20100cg 20a low vf schottky rectifier features ? ultra low forward voltage drop ? excellent high temperature stability ? patented super barrier rectifier technology ? soft, fast switching capability mechanical data ? case: to-220ab, ito-220ab,to-262ab,to-263ab ? case material: molded plastic, ul flammability classification rating 94v-0 ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 1 / 5 may.2015-rev.00 www.dy elec.com ordering information part no. package packing to-220ab 50pcs / tube sbt20100ct ito-220ab 50pcs / tube sbt20100fct to-262ab 50pcs / tube SBT20100CK to-263ab 50pcs / tube sbt20100cg to-263ab 800pcs / reel sbt20100cg maximum ratings(t a =25 o c unless otherwise noted) note : 1. mounted on infinite heatsink. parameter symbol value unit maximum repetitive peak reverse voltage v rrm 100 v maximum average forward rectified current per diode per de vice i f(av) 20 10 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 120 a typical thermal resistance per diode (note 1) r ? jc 2 o c/w operating junction temperature range t j -55 to + 150 o c storage temperature range t stg -55 to + 150 o c maximum rms voltage v rms 70 v
2 / 5 may.2015-rev.00 www.dy elec.com sbt20100ct sbt20100fct SBT20100CK sbt20100cg electrical characteristics(t a =25 o c unless otherwise noted) percent of rated peak reverse voltage (%) fig.3 typical reverse characteristics v f , forward voltage (v) fig.4 typical forward characteristics t c , case temperature ( c) fig.1 forward current derating curve v r , reverse bias voltage (v) fig.2 typical junction capacitance rating and characteristic curves parameter symbol test conditions min. typ. max. unit breakdown voltage per diode v br i r =0.5ma 100 - - v instantaneous forward voltage per diode v f i f =3a i f =5a i f =10a t j =25 o c - - - 0.42 0.58 0.72 - - 0.80 v i f=1a i f =5a t j =125 o c 0.32 0.54 v reverse current per diode i r vr=80v - 5 - ? a v r =100v t j =25 o c t j =125 o c - - - 7.2 50 - ? a ma - - - - 0 2.5 5 7.5 10 12.5 0 25 50 75 100 125 150 i f , forward current (a) per diode 1 10 100 1000 11 01 0 0 c j , junction capacitance (pf) per diode 0.001 0.01 0.1 1 10 100 20 30 40 50 60 70 80 90 100 i r , reverse current (ma) t j = 25 c t j = 75 c t j = 125 c t j = 150 c per diode 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 i f , forward current (a) per diode t j = 75 c t j = 125 c t j = 150 c t j = 25 c
package outline dimensions 3 / 5 may.2015-rev.00 www.dy elec.com sbt20100ct sbt20100fct SBT20100CK sbt20100cg
package outline dimensions 4 / 5 may .201 5-rev.0 0 www.dyelec.com sbt20100ct sbt20100fct SBT20100CK sbt20100cg
important notice and disclaimer ? re producin g and modifyin g in f ormatio n of th e documen t is prohibite d withou t permission fro m diyi . ? diyi reserves the right to make changes to this document and its products and specifications at any time without notice. customers should obtain and confirm the latest product information and specifications before final design, purchase or use. ? diyi discla im s any and al l l ia bilit y arisin g ou t of th e a pplicatio n or us e of any produc t includin g d am ag es incidentall y and co n sequent i all y occurred. ? diyi do es no t as sum e any and al l im plie d warr a nti es, includin g war ran ti es of fit ness for particula r purpose , non - infring em en t and merch a nt a bilit y. ? application s show n on th e her ein documen t ar e ex am pl es of st an dar d us e and operation. customer s ar e re sponsibl e in comprehendin g th e suit ab le us e in particula r ap plicatio n s. diyi m ak es no r ep re sentatio n or warr an ty tha t suc h ap plicatio ns wil l be suitable for the specified use without further testing or modification. ? th e product s show n her ein ar e no t de signe d and authorize d for equipments requirin g high leve l of reliability or relatin g to human lif e and for any app licatio ns concernin g life - saving or life - sustaining , suc h as medica l instruments , tr an sportatio n equ i pment , a erosp a ce ma chiner y et cetera . customer s usin g or sellin g th ese product s for us e in suc h applications do so at th eir ow n ri sk and agre e to full y ind e mnif y diyi for any d am ag es resulting from such improper use or sale. ? sinc e diyi us es lo t numbe r as th e tr acking ba se , pl ease provid e th e lo t numbe r for tr acking when complaining. 5 / 5 may.2015-rev.00 www.dy elec.com sbt20100ct sbt20100fct SBT20100CK sbt20100cg


▲Up To Search▲   

 
Price & Availability of SBT20100CK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X