Part Number Hot Search : 
LBC848B C4093 2SB767R ON2158 XXXGP LBC848B SSI3439J B1500A
Product Description
Full Text Search
 

To Download RIF-2-RSC-LDP-125DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/pi/products/2903319 07/23/2018???page? 1 ?/? 6 relay module?-?RIF-2-RSC-LDP-125DC/4x21?-?2903319 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. contact type: 4 changeover contacts. input voltage: 125?v?dc key commercial data packing unit 10 stk gtin gtin 4046356732215 technical data note utilization restriction emc: class a product, see manufacturer's declaration in the download area dimensions width 27 mm height 89 mm depth 75 mm ambient conditions ambient temperature (operation) -40 c ... 60 c ambient temperature (storage/transport) -40 c ... 85 c coil side nominal input voltage u n 125 v dc input voltage range in reference to u n see diagram typical input current at u n 7.5 ma typical response time 13 ms typical release time 14 ms coil voltage 125 v dc 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coil ac coil a2- a1+ 12 32 22 42 14 34 24 44 11 31 21 41 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/pi/products/2903319 07/23/2018???page? 2 ?/? 6 relay module?-?RIF-2-RSC-LDP-125DC/4x21?-?2903319 technical data coil side protective circuit damping diode operating voltage display yellow led contact side contact type 4 pdts type of switch contact single contact contact material agni maximum switching voltage 250 v ac/dc minimum switching voltage 5 v (at 24 ma) min. switching current 5 ma (at 24 v) maximum inrush current 16 a (20 ms, n/o contact) limiting continuous current 6 a (see diagram) interrupting rating (ohmic load) max. 144 w (at 24 v dc) 124 w (at 48 v dc) 108 w (at 60 v dc) 52 w (at 110 v dc) 48 w (at 220 v dc) 1500 va (for 250 v ac) switching capacity in acc. with din vde 0660/iec 60947 2 a (at 24 v, dc13) 0.22 a (at 120 v, dc13) 0.11 a (at 250 v, dc13) 1.5 a (at 24 v, ac15) 1.5 a (at 120 v, ac15) 1 a (at 240 v, ac15) connection data input side connection name input side connection method screw connection stripping length 8 mm conductor cross section solid 0.5 mm2 ... 4 mm2 conductor cross-section solid (2 conductors with same cross section) 0.5 mm2 ... 2.5 mm2 conductor cross section flexible 0.5 mm2 ... 4 mm2 0.5 mm2 ... 4 mm2 (ferrule with plastic sleeve) conductor cross section flexible (2 conductors with same cross section) 0.5 mm2 ... 2.5 mm2 0.5 mm2 ... 1.5 mm2 (twin ferrule with plastic sleeve) conductor cross section awg 20 ... 10 (solid) 20 ... 12 (flexible) torque 0.5 nm ... 0.6 nm connection data output side connection name contact side connection method screw connection 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coil ac coil a2- a1+ 12 32 22 42 14 34 24 44 11 31 21 41 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/pi/products/2903319 07/23/2018???page? 3 ?/? 6 relay module?-?RIF-2-RSC-LDP-125DC/4x21?-?2903319 technical data connection data output side stripping length 8 mm conductor cross section solid 0.5 mm2 ... 4 mm2 conductor cross-section solid (2 conductors with same cross section) 0.5 mm2 ... 2.5 mm2 conductor cross section flexible 0.5 mm2 ... 4 mm2 0.5 mm2 ... 4 mm2 (ferrule with plastic sleeve) conductor cross section flexible (2 conductors with same cross section) 0.5 mm2 ... 2.5 mm2 0.5 mm2 ... 1.5 mm2 (twin ferrule with plastic sleeve) conductor cross section awg 20 ... 10 (solid) 20 ... 12 (flexible) torque 0.5 nm ... 0.6 nm general test voltage relay winding/relay contact 2.5 kv rms (50 hz, 1 min.) test voltage pdt/pdt 2 kv rms (50 hz, 1 min.) operating mode 100% operating factor degree of protection ip20 (relay base) rt i (relay) mechanical service life approx. 2x 10 7 cycles mounting position any assembly instructions in rows with zero spacing standards and regulations standards/regulations din en 50178 rated insulation voltage 250 v ac rated surge voltage 2.5 kv insulation basic insulation degree of pollution 2 overvoltage category ii flammability rating according to ul 94 v2 environmental product compliance china rohs environmentally friendly use period = 50 for details about hazardous substances go to tab downloads, category manufacturer's declaration drawings 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coil ac coil a2- a1+ 12 32 22 42 14 34 24 44 11 31 21 41 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/pi/products/2903319 07/23/2018???page? 4 ?/? 6 relay module?-?RIF-2-RSC-LDP-125DC/4x21?-?2903319 circuit diagram dc coils diagram contact derating diagram operating voltage range diagram interrupting rating diagram electrical service life diagram service life reduction factor 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coil ac coil a2- a1+ 12 32 22 42 14 34 24 44 11 31 21 41 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/pi/products/2903319 07/23/2018???page? 5 ?/? 6 relay module?-?RIF-2-RSC-LDP-125DC/4x21?-?2903319 articles in set relay base?-?rif-2-bsc/4x21?-?2900932 rif-2... relay base, for industrial relay with 2 or 4 changeover contacts, screw connection, plug-in option for input/ interference suppression modules, for mounting on ns 35/7,5 ? ? single relay?-?rel-ir4/ldp-125dc/4x21?-?2903681 plug-in industrial relay with power contacts, 4 pdts, test key, status led, freewheeling diode, mechanical switch position indicator, polarity: a1+, a2-, coil voltage: 125 v dc ? ? retaining bracket?-?rif-rh-2?-?2900954 relay retaining bracket, with ejector function and holder for marking material, suitable for rif-2 relay base, for industrial relay ? ? approvals approvals approvals dnv gl / eac ex approvals approval details dnv gl? ? http://exchange.dnv.com/tari/ ?taa000018v eac? ? ? ?ru c- de.a*30.b.01082 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coil ac coil a2- a1+ 12 32 22 42 14 34 24 44 11 31 21 41 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/pi/products/2903319 07/23/2018???page? 6 ?/? 6 phoenix contact 2018 ? - all rights reserved http://www.phoenixcontact.com phoenix contact gmbh & co. kg flachsmarktstr. 8 32825 blomberg germany tel. +49 5235 300 fax +49 5235 3 41200 http://www.phoenixcontact.com 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coil ac coil a2- a1+ 12 32 22 42 14 34 24 44 11 31 21 41 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]


▲Up To Search▲   

 
Price & Availability of RIF-2-RSC-LDP-125DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X