Part Number Hot Search : 
K1446 MP2143 K1360 SPD5804 A9N18522 E1500 AD7501 N5227
Product Description
Full Text Search
 

To Download RIF-0-RSC-24DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/pi/products/2903364 07/23/2018???page? 1 ?/? 6 relay module?-?RIF-0-RSC-24DC/ 1au?-?2903364 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. contact type: 1 n/o contact. input voltage: 24 v dc key commercial data packing unit 10 stk gtin gtin 4046356731973 technical data note utilization restriction emc: class a product, see manufacturer's declaration in the download area dimensions width 6.2 mm height 84 mm depth 68 mm coil side nominal input voltage u n 24 v dc input voltage range in reference to u n see diagram typical input current at u n 9 ma typical response time 5 ms typical release time 8 ms coil voltage 24 v dc protective circuit damping diode operating voltage display yellow led power dissipation for nominal condition 0.22 w cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 a2- a1+ 14 13
https://www.phoenixcontact.com/pi/products/2903364 07/23/2018???page? 2 ?/? 6 relay module?-?RIF-0-RSC-24DC/ 1au?-?2903364 technical data contact side contact type 1 n/o contact type of switch contact single contact contact material agsno, hard gold-plated maximum switching voltage 30 v ac 36 v dc minimum switching voltage 100 mv (at 10 ma) min. switching current 1 ma (at 12 v) maximum inrush current 50 ma limiting continuous current 50 ma interrupting rating (ohmic load) max. 1.2 w (at 24 v dc) switching capacity in acc. with din vde 0660/iec 60947 1 a (24 v (dc13)) 3 a (230 v (ac 15)) contact side (with destroyed gold layer) contact material agsno note the following values are applicable if a gold layer is destroyed maximum switching voltage 250 v ac/dc minimum switching voltage 5 v (at 100 ma) limiting continuous current 6 a min. switching current 10 ma (at 12 v) interrupting rating (ohmic load) max. 140 w (at 24 v dc) 20 w (at 48 v dc) 18 w (at 60 v dc) 23 w (at 110 v dc) 40 w (at 220 v dc) 1500 va (for 250 v ac) switching capacity in acc. with din vde 0660/iec 60947 2 a (at 24 v, dc13) 0.2 a (at 110 v, dc13) 0.1 a (at 220 v, dc13) 3 a (at 24 v, ac15) 3 a (at 120 v, ac15) 3 a (at 230 v, ac15) connection data input side connection name coil side connection method screw connection stripping length 7 mm conductor cross section solid 0.5 mm2 ... 4 mm2 conductor cross-section solid (2 conductors with same cross section) 0.5 mm2 ... 1.5 mm2 conductor cross section flexible 0.5 mm2 ... 2.5 mm2 0.5 mm2 ... 2.5 mm2 (ferrules without plastic sleeve) 0.5 mm2 ... 1.5 mm2 (ferrule with plastic sleeve) cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 a2- a1+ 14 13
https://www.phoenixcontact.com/pi/products/2903364 07/23/2018???page? 3 ?/? 6 relay module?-?RIF-0-RSC-24DC/ 1au?-?2903364 technical data connection data input side conductor cross section flexible (2 conductors with same cross section) 0.5 mm2 ... 1.5 mm2 0.5 mm2 ... 1 mm2 (twin ferrule with plastic sleeve) conductor cross section awg 20 ... 12 (solid) 20 ... 14 (flexible) torque 0.5 nm ... 0.6 nm connection data output side connection name contact side connection method screw connection stripping length 7 mm conductor cross section solid 0.5 mm2 ... 4 mm2 conductor cross-section solid (2 conductors with same cross section) 0.5 mm2 ... 1.5 mm2 conductor cross section flexible 0.5 mm2 ... 2.5 mm2 0.5 mm2 ... 2.5 mm2 (ferrules without plastic sleeve) 0.5 mm2 ... 1.5 mm2 (ferrule with plastic sleeve) conductor cross section flexible (2 conductors with same cross section) 0.5 mm2 ... 1.5 mm2 0.5 mm2 ... 1 mm2 (twin ferrule with plastic sleeve) conductor cross section awg 20 ... 12 (solid) 20 ... 14 (flexible) torque 0.5 nm ... 0.6 nm general test voltage relay winding/relay contact 4 kv rms (50 hz, 1 min.) operating mode 100% operating factor degree of protection ip20 (relay base) rt iii (relay) mechanical service life approx. 2x 10 7 cycles mounting position any assembly instructions in rows with zero spacing standards and regulations standards/regulations din en 50178 rated insulation voltage 250 v ac rated surge voltage 6 kv insulation safe isolation degree of pollution 2 overvoltage category iii flammability rating according to ul 94 v2 environmental product compliance reach svhc lead 7439-92-1 china rohs environmentally friendly use period = 50 cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 a2- a1+ 14 13
https://www.phoenixcontact.com/pi/products/2903364 07/23/2018???page? 4 ?/? 6 relay module?-?RIF-0-RSC-24DC/ 1au?-?2903364 technical data environmental product compliance for details about hazardous substances go to tab downloads, category manufacturer's declaration drawings circuit diagram dc coils diagram operating voltage range diagram interrupting rating diagram service life reduction factor cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 a2- a1+ 14 13
https://www.phoenixcontact.com/pi/products/2903364 07/23/2018???page? 5 ?/? 6 relay module?-?RIF-0-RSC-24DC/ 1au?-?2903364 diagram electrical service life articles in set single relay?-?rel-mr- 24dc/21au?-?2961121 plug-in miniature power relay, with multi-layer gold contact, 1 pdt, input voltage 24 v dc ? ? relay base?-?rif-0-bsc/ 1?-?2901872 rif-0... relay base, for miniature power relay with 1 n/o contact or identical solid-state relays, screw connection, for mounting on ns 35/7,5 ? ? approvals approvals approvals dnv gl / eac ex approvals approval details dnv gl? ? http://exchange.dnv.com/tari/ ?taa000018v cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 a2- a1+ 14 13
https://www.phoenixcontact.com/pi/products/2903364 07/23/2018???page? 6 ?/? 6 relay module?-?RIF-0-RSC-24DC/ 1au?-?2903364 approvals eac? ? ? ?ru c- de.a*30.b.01082 phoenix contact 2018 ? - all rights reserved http://www.phoenixcontact.com phoenix contact gmbh & co. kg flachsmarktstr. 8 32825 blomberg germany tel. +49 5235 300 fax +49 5235 3 41200 http://www.phoenixcontact.com cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 a2- a1+ 14 13


▲Up To Search▲   

 
Price & Availability of RIF-0-RSC-24DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X