https://www.phoenixcontact.com/pi/products/2900957 07/23/2018???page? 1 ?/? 3 relay base?-?RIF-0-BSC/21?-?2900957 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) rif-0... relay base, for miniature power relay with 1 changeover contact or identical solid-state relays, screw connection, for mounting on ns 35/7,5 key commercial data packing unit 10 stk gtin gtin 4046356733007 technical data dimensions width 6.2 mm height 84 mm depth 82 mm ambient conditions ambient temperature (operation) -40 c ... 85 c (depends on application/assembly) ambient temperature (storage/transport) -40 c ... 85 c input data input voltage range 12 v dc ... 24 v dc protective circuit damping diode connection data, input side connection name coil side connection method screw connection stripping length 7 mm conductor cross section solid 0.5 mm2 ... 4 mm2 conductor cross section flexible 0.5 mm2 ... 2.5 mm2 0.5 mm2 ... 2.5 mm2 (ferrules without plastic sleeve) 12 a1+ a2- 14 11
https://www.phoenixcontact.com/pi/products/2900957 07/23/2018???page? 2 ?/? 3 relay base?-?RIF-0-BSC/21?-?2900957 technical data connection data, input side 0.5 mm2 ... 1.5 mm2 (ferrule with plastic sleeve) conductor cross section flexible (2 conductors with same cross section) 0.5 mm2 ... 1.5 mm2 0.5 mm2 ... 1 mm2 (twin ferrule with plastic sleeve) conductor cross section awg 20 ... 12 (solid) 20 ... 14 (flexible) torque 0.5 nm ... 0.6 nm connection data, output side connection name contact side connection method screw connection stripping length 7 mm conductor cross section solid 0.5 mm2 ... 4 mm2 conductor cross section flexible 0.5 mm2 ... 2.5 mm2 0.5 mm2 ... 2.5 mm2 (ferrules without plastic sleeve) 0.5 mm2 ... 1.5 mm2 (ferrule with plastic sleeve) conductor cross section flexible (2 conductors with same cross section) 0.5 mm2 ... 1.5 mm2 0.5 mm2 ... 1 mm2 (twin ferrule with plastic sleeve) conductor cross section awg 20 ... 12 (solid) 20 ... 14 (flexible) torque 0.5 nm ... 0.6 nm general nominal voltage u n 250 v ac/dc (contact side) nominal current i n max. 8 a (depends on application/assembly) protective circuit damping diode color gray mounting position any assembly instructions in rows with zero spacing standards and regulations flammability rating according to ul 94 v2 environmental product compliance reach svhc lead 7439-92-1 china rohs environmentally friendly use period = 50 for details about hazardous substances go to tab downloads, category manufacturer's declaration drawings 12 a1+ a2- 14 11
https://www.phoenixcontact.com/pi/products/2900957 07/23/2018???page? 3 ?/? 3 relay base?-?RIF-0-BSC/21?-?2900957 circuit diagram approvals approvals approvals csa / ul recognized / dnv gl / eac ex approvals approval details csa? ? ? http://www.csagroup.org/services-industries/product-listing/ ?2607057 ul recognized? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 113228 dnv gl? ? http://exchange.dnv.com/tari/ ?taa000018v eac? ? ? ?ru c- de.a*30.b.01082 phoenix contact 2018 ? - all rights reserved http://www.phoenixcontact.com phoenix contact gmbh & co. kg flachsmarktstr. 8 32825 blomberg germany tel. +49 5235 300 fax +49 5235 3 41200 http://www.phoenixcontact.com 12 a1+ a2- 14 11
|