Part Number Hot Search : 
RCH123 SDL1310 74466300 TLRF1060 A32416 SA30A SST12P1 APL5501
Product Description
Full Text Search
 

To Download NSVMMBT2222ATT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 november, 2013 ? rev. 5 1 publication order number: mmbt2222att1/d mmbt2222att1g, NSVMMBT2222ATT1G general purpose transistor npn silicon these transistors are designed for general purpose amplifier applications. they are housed in the sot ? 416/sc ? 75 package which is designed for low power surface mount applications. features ? nsv prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable ? these devices are pb ? free, halogen free/bfr free and are rohs compliant maximum ratings (t a = 25 c) rating symbol max unit collector ? emitter voltage v ceo 40 vdc collector ? base voltage v cbo 75 vdc emitter ? base voltage v ebo 6.0 vdc collector current ? continuous i c 600 madc thermal characteristics characteristic symbol max unit total device dissipation (note 1) t a = 25 c p d 150 mw thermal resistance, junction ? to ? ambient r  ja 833 c/w operating and storage junction temperature range t j , t stg ? 55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. device mounted on fr4 glass epoxy printed circuit board using the minimum recommended footprint. device package shipping ? ordering information marking diagram collector 3 1 base 2 emitter http://onsemi.com ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. 1p m   1 mmbt2222att1g sot ? 416 (pb ? free) 3000 / tape & reel 1p = specific device code m = date code  = pb ? free package (note: microdot may be in either location) case 463 sot ? 416/sc ? 75 style 1 3 2 1 NSVMMBT2222ATT1G sot ? 416 (pb ? free) 3000 / tape & reel
mmbt2222att1g, NSVMMBT2222ATT1G http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collector ? emitter breakdown voltage (note 1) (i c = 1.0 madc, i b = 0) v (br)ceo 40 ? vdc collector ? base breakdown voltage (i c = 10  adc, i e = 0) v (br)cbo 75 ? vdc emitter ? base breakdown voltage (i e = 10  adc, i c = 0) v (br)ebo 6.0 ? vdc base cutoff current (v ce = 60 vdc, v eb = 3.0 vdc) i bl ? 20 nadc collector cutoff current (v ce = 60 vdc, v eb = 3.0 vdc) i cex ? 10 nadc on characteristics (note 2) dc current gain (i c = 0.1 madc, v ce = 10 vdc) (i c = 1.0 madc, v ce = 10 vdc) (i c = 10 madc, v ce = 10 vdc) (i c = 150 madc, v ce = 10 vdc) (i c = 500 madc, v ce = 10 vdc) h fe 35 50 75 100 40 ? ? ? ? ? ? collector ? emitter saturation voltage (i c = 150 madc, i b = 15 madc) (i c = 500 madc, i b = 50 madc) v ce(sat) ? ? 0.3 1.0 vdc base ? emitter saturation voltage (i c = 150 madc, i b = 15 madc) (i c = 500 madc, i b = 50 madc) v be(sat) 0.6 ? 1.2 2.0 vdc small ? signal characteristics current ? gain ? bandwidth product (i c = 20 madc, v ce = 20 vdc, f = 100 mhz) f t 300 ? mhz output capacitance (v cb = 10 vdc, i e = 0, f = 1.0 mhz) c obo ? 8.0 pf input capacitance (v eb = 0.5 vdc, i c = 0, f = 1.0 mhz) c ibo ? 30 pf input impedance (v ce = 10 vdc, i c = 10 madc, f = 1.0 khz) h ie 0.25 1.25 k  voltage feedback ratio (v ce = 10 vdc, i c = 10 madc, f = 1.0 khz) h re ? 4.0 x 10 ? 4 small ? signal current gain (v ce = 10 vdc, i c = 10 madc, f = 1.0 khz) h fe 75 375 ? output admittance (v ce = 10 vdc, i c = 10 madc, f = 1.0 khz) h oe 25 200  mhos noise figure (v ce = 10 vdc, i c = 100  adc, r s = 1.0 k ohms, f = 1.0 khz) nf ? 4.0 db switching characteristics delay time (v cc = 3.0 vdc, v be = ? 0.5 vdc, i c = 150 madc, i b1 = 15 madc) t d ? 10 ns rise time t r ? 25 storage time (v cc = 30 vdc, i c = 150 madc, i b1 = i b2 = 15 madc) t s ? 225 ns fall time t f ? 60 1. device mounted on fr4 glass epoxy printed circuit board using the minimum recommended footprint. 2. pulse test: pulse width 300  s, duty cycle 2.0%.
mmbt2222att1g, NSVMMBT2222ATT1G http://onsemi.com 3 figure 1. turn ? on time figure 2. turn ? off time switching time equivalent test circuits scope rise time < 4 ns *total shunt capacitance of test jig, connectors, and oscilloscope. +16 v -2 v < 2 ns 0 1.0 to 100  s, duty cycle 2.0% 1 k  +30 v 200 c s * < 10 pf +16 v -14 v 0 < 20 ns 1.0 to 100  s, duty cycle 2.0% 1 k +30 v 200 c s * < 10 pf -4 v 1n914 1000 10 20 30 50 70 100 200 300 500 700 1.0 k 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 300 500 700 i c , collector current (ma) figure 3. dc current gain h fe , dc current gain v ce , collector-emitter voltage (volts) 1.0 0.8 0.6 0.4 0.2 0 0.005 0.01 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 i b , base current (ma) figure 4. collector saturation region t j = 125 c t j = 25 c 25 c -55 c i c = 1.0 ma 10 ma 150 ma 500 ma v ce = 1.0 v v ce = 10 v
mmbt2222att1g, NSVMMBT2222ATT1G http://onsemi.com 4 figure 5. turn ? on time i c , collector current (ma) 70 100 200 50 t, time (ns) 10 20 70 5.0 100 5.0 7.0 30 50 200 10 30 7.0 20 i c /i b = 10 t j = 25 c t r @ v cc = 30 v t d @ v eb(off) = 2.0 v t d @ v eb(off) = 0 3.0 2.0 300 500 500 t, time (ns) 5.0 7.0 10 20 30 50 70 100 200 300 figure 6. turn ? off time i c , collector current (ma) 10 20 70 100 5.0 7.0 30 50 200 300 500 v cc = 30 v i c /i b = 10 i b1 = i b2 t j = 25 c t s = t s - 1/8 t f t f figure 7. frequency effects f, frequency (khz) 4.0 6.0 8.0 10 2.0 0.1 figure 8. source resistance effects r s , source resistance (ohms) nf, noise figure (db) 1.0 2.0 5.0 10 20 50 0.2 0.5 0 100 nf, noise figure (db) 0.01 0.02 0.05 r s = optimum r s = source r s = resistance i c = 1.0 ma, r s = 150  500  a, r s = 200  100  a, r s = 2.0 k  50  a, r s = 4.0 k  f = 1.0 khz i c = 50  a 100  a 500  a 1.0 ma 4.0 6.0 8.0 10 2.0 0 50 100 200 500 1.0 k 2.0 k 5.0 k 10 k 20 k 50 k 100 k figure 9. capacitances reverse voltage (volts) 3.0 5.0 7.0 10 2.0 0.1 capacitance (pf) 1.0 2.0 3.0 5.0 7.0 10 20 30 50 0.2 0.3 0.5 0.7 c cb 20 30 c eb figure 10. current ? gain bandwidth product i c , collector current (ma) 70 100 200 300 50 500 f t , current-gain bandwidth product (mhz) 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 v ce = 20 v t j = 25 c
mmbt2222att1g, NSVMMBT2222ATT1G http://onsemi.com 5 figure 11. collector emitter saturation voltage vs. collector current figure 12. base emitter saturation voltage vs. collector current i c , collector current (a) i c , collector current (a) 1 0.1 0.01 0.001 0.01 0.1 1 1 0.1 0.01 0.001 0.2 0.3 0.5 0.7 0.8 1.0 1.1 1.3 figure 13. base emitter voltage vs. collector current i c , collector current (a) 1 0.1 0.01 0.001 0.2 0.3 0.5 0.6 0.7 0.9 1.1 1.2 v ce(sat) , collector ? emitter saturation voltage (v) v be(sat) , base ? emitter saturation voltage (v) v be(on) , base ? emitter voltage (v) i c /i b = 10 150 c ? 55 c 25 c 0.4 0.6 0.9 1.2 i c /i b = 10 150 c ? 55 c 25 c 0.4 0.8 1.0 v ce = 1 v 150 c ? 55 c 25 c figure 14. temperature coefficients i c , collector current (ma) -0.5 0 +0.5 coefficient (mv/ c) -1.0 -1.5 -2.5 r  vc for v ce(sat) r  vb for v be -2.0 0.1 1.0 2.0 5.0 10 20 50 0.2 0.5 100 200 50 0 figure 15. safe operating area v ce (vdc) 100 10 1 0.1 0.01 0.001 0.01 0.1 1 10 ic (a) single pulse test @ t a = 25 c thermal limit 100 ms 1 s 10 ms 1 ms
mmbt2222att1g, NSVMMBT2222ATT1G http://onsemi.com 6 package dimensions sc ? 75/sot ? 416 case 463 ? 01 issue f style 1: pin 1. base 2. emitter 3. collector notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. m 0.20 (0.008) d ? e ? ? d ? b e 3 pl 0.20 (0.008) e c l a a1 3 2 1 h e dim min nom max millimeters a 0.70 0.80 0.90 a1 0.00 0.05 0.10 b c 0.10 0.15 0.25 d 1.55 1.60 1.65 e e 1.00 bsc 0.027 0.031 0.035 0.000 0.002 0.004 0.004 0.006 0.010 0.059 0.063 0.067 0.04 bsc min nom max inches 0.15 0.20 0.30 0.006 0.008 0.012 h e l 0.10 0.15 0.20 1.50 1.60 1.70 0.004 0.006 0.008 0.061 0.063 0.065 0.70 0.80 0.90 0.027 0.031 0.035 0.787 0.031 0.508 0.020 1.000 0.039  mm inches  scale 10:1 0.356 0.014 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 1.803 0.071 on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mmbt2222att1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NSVMMBT2222ATT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X