Part Number Hot Search : 
ZTK33A UZ790HR2 278BZC AD7401 15025 74HC4066 B360B 2SA102
Product Description
Full Text Search
 

To Download NHD-57-320240WFB-ETXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  users guide nhd-5.7-320240wf b-etxi# lcm (liquid crystal display module) rohs compliant for product support, contact newhaven display international 2511 technology drive, #101 elgin, il 60124 tel: (847) 844-8795 fax: (847) 844-8796 march 4, 200 9
records of revision doc. first issue version date revised page no. summary 0 a 2008.04.01 2008.05.27 8 first issue modify pin2 and pin8
# 3 ?e 22  contents 1. module classification information 2. block diagram 3. electrical characteristics 4. absolute maximum ratings 5. interface pin function 6. timing characteristics 7. optical characteristics 8. contour drawing 9. led driving conditions 10. inspection specification 11. software (register initiate code)
newhaven display international page 4 of 2 2 n hd -5.7-320240wfb-etxi# 1.module classification information  nhd 5.7-320240 wfb - e t x i #         brand? newhaven display international  display size: 5.7inch diagonal, 320 xrgbx240 pixels  display type ?wfb: tft  model serials number: e : with epson controller  backlight type ? n z without backlig ht b z el, blue green d z el, green w z el, white f z ccfl, white y z led, yellow green a z led, amber r z led, red o z led, orange g z led, green t z led, white s z led, bright white  lcd mode ? b z tn positive, gray n z tn negative, g z stn positive, gray y z stn positive, yellow green x: tft, normally white t z fstn negative m z stn negative, blue f z fstn positive  lcd polarizer type/ temperature range/ view direction a z reflective, n.t, 6:00 d z reflective, n.t, 12:00 g z reflective, w. t, 6:00 j z reflective, w. t, 12:00 b z transflective, n.t,6:00 e z transflective, n.t.12:00 h z transflective, w.t,6:00 k z transflective,w.t,12:00 c z transmissive, n.t,6:00 f z transmissive, n.t,12:00 i z transmissive, w. t, 6:00 l z transmissive, w.t,12:00 special code # : rohs compliant
# 5 ?e 22  this product is composed of a tft lcd panel, driver ics, fpc, control board and a backlight unit. item dimension unit dot matrix 320 x rgbx240(tft) dots module dimension 149.0x 109.0 x 11.5 (max) mm view area 115.200x 86.40 mm dot pitch 0.12 x 0.36 mm driving ic package cog lcd type tft, negative, transmissive view direction 6 oclock backlight type led,normally white controller ic sid13a04 - 16 bit mode only *expose the ic number blaze (luminosity over than 1 cd) when using the lcm may cause ic operating failure. *color tone slight changed by temperature and driving voltage.
# 6 ?e 22  2.block diagram tft array/cell 6 bits data for r/g/b hs vs vcc(3.3v) 320(r/g/b) x 240 gnd s1d13a04 contral signal clk data bus 16bit power circuit backlight circuit address bus 17 bit bit0 ~ bit4 red bit5 ~ bit10 green bit11~ bit15 blue vgh vgl vcom
# 7 ?e 22  3.electrical characteristics item symbol condition min typ max unit supply voltage for logic vcc  3.0 3.3 3.6 v input high volt. v ih  0.7 v cc  v cc v input low volt. v il  0  0.3vcc v v gh *1 15 v *3 v gl *2 -10 v vcomh 2.5 5.5 lcd driving supply voltage vcoml ta=25 : -2.0 0 supply current i vdd v dd =3.3v  5 8 ma 4.absolute maximum ratings item symbol min typ max unit operating temperature t op -20  +70 : storage temperature t st -30  +80 : v gh -0.3  18 v v gl -15  0.3 v power supply voltage vcc -0.3  6.0 v
h 8 |? 22  5 . i n t e r f a c e p i n f u n c t i o n 5-1 pins connection to control board p/n symbol function p/n symbol function 1 vcc power supply : +3.3v 26 vcc power supply : +3.3v 2 vcc power supply : +3.3v 27 clk typically used as input clock source for pixel clock . normally this pin can be floated 3 db0 28 gnd ground for logic circuit 4 db1 29 gnd ground for logic circuit 5 db2 30 gnd ground for logic circuit 6 db3 31 ad1 system address bus bits 7 db4 32 gnd ground for logic circuit 8 db5 33 ad2 system address bus bits 9 db6 34 gnd ground for logic circuit 10 db7 35 ad3 system address bus bits 11 db8 36 gnd ground for logic circuit 12 db9 37 ad4 13 db10 38 ad5 14 db11 39 ad6 15 db12 40 ad7 16 db13 41 ad8 17 db14 42 ad9 18 db15 input data from the system data bus. 43 ad10 19 cs chip select input. 44 ad11 20 mr see note(1) 45 ad12 21 rd this pin inputs the read command 46 ad13 22 wr write enable signal 47 ad14 23 bhe this pin inputs the byte enable signal for the high data byte *note (2) 48 ad15 24 rest active low input to set all internal registers to the default state 49 ad16 25 wait this pin outputs the wait signal 50 ad17 system address bus bits note(1): m/r# is set high to access display buffer, low to access the registers. note(2): bhe should be set low, this display supports little endian 16-bit mode only.
# 9 ?e 22  6.timing characteristics 7.2/joufsgbdf!ujnjoh !
# 10 ?e 22  7.optical characteristics
# 11 ?e 22  7.1 definition of optical characteristics
# 12 ?e 22 
# 13 ?e 22  8.contour drawing 44.4 37.3 con2 34 gnd ad17 ad2 vcc 42 43 45 46 44 47 ad14 ad13 ad12 ad11 ad10 ad8 41 ad6 ad5 ad4 gnd ad3 ad7 40 37 39 38 36 35 ad9 ad15 ad16 48 49 50 9 10 12 13 11 14 db11 db10 db9 db8 db7 db5 8 db3 db2 db1 db0 1 db4 7 4 6 5 3 2 db6 db12 db13 15 16 17 db14 33 32 31 gnd ad1 wait 19 21 22 20 23 bhe 18 db15 cs mr rd wr 24 rest vcc clk gnd gnd 30 27 29 28 26 25 con2 1.0 the non-specified tolerance of dimension is 0.2mm. (320*3)*240 dots 115.200.2(aa) 15.3 118.280.2(va)(frame) 13.76 138.70.5 7.0 86.400.2(aa) 88.60.2(va)(frame) 101.00.2 109.00.5 7.3 6.2 4.0 200.010.0 4-  pth 7.4 94.4 6.3 152.00.2 149.00.5 4.0 1 3 9.43 scale 40/1 dot size 0.36 0.12 2 3 1a nc k 7.00.5 11.5max vcc gnd con2 con1 55.7 50.0 (38.9) (22.4) 78.0(pcb) 70.0(pcb) the non-specified tolerance of dimension is 0.2mm. 50 1 ?y
?
# 14 ?e 22  9. led driving conditions parameter symbol min. typ. max. unit remark led current i led ---- 140 210 ma note1 led voltage v led 9.0 ---- 10.5 v led life time - (10,000) ---- ---- - note 2,3 luminous intensity iv 210.2 262.8 ---- cd/m 2 note 4 note 1: there are 7 groups led shown as below, =9.9 v(min) note 4: the luminous is measured through lcd panel.
# 15 ?e 22  10. inspection specification no item criterion aql 01 electrical testing 1.1 missing vertical, horizontal segment, segment contrast defect. 1.2 missing character , dot or icon. 1.3 display malfunction. 1.4 no function or no display. 1.5 current consumption exceeds product specifications. 1.6 lcd viewing angle defect. 1.7 mixed product types. 1.8 contrast defect. 0.65 02 black or white spots on lcd (display only) 2.1 white and black spots on display  0.25mm, no more than three white or black spots present. 2.2 densely spaced: no more than two spots or lines within 3mm 2.5 3.1 round type : as following drawing ?e?3 3?3 3?3a3?3333 3 ??3 ????????3?3? 33333? ??? ????33?? ???? ??? ?3 ???? ?? ?3 ???3 ?3 2.5 03 lcd black spots, white spots, contamination (non-display) 3.2 line type : (as following drawing) length width acceptable q ty --- w  ??? accept no dense l  ?? 0.02 w  ??? l  ? 0.03 w  ??3 2 --- 0.05 w as round type 2.5 04 polarizer bubbles if bubbles are visible, judge using black spot specifications, not easy to find, must check in specify direction. size ? acceptable q ty ? ??? accept no dense ???? ?? 3 ??? ??? 2 ???? 0 total q ty 3 2.5
# 16 ?e 22  no item criterion aql 05 scratches follow no.3 lcd black spots, white spots, contamination 06 chipped glass symbols define: x: chip length y: chip width z: chip thickness k: seal width t: glass thickness a: lcd side length l: electrode pad length: 6.1 general glass chip : 6.1.1 chip on panel surface and crack between panels:  3??3??t?3  3??3
?3  3??3???3  ?a?3 3 ?3 ?
3???   ?a??3 ?a?  ?3 3? ???3?a?t3 3   ?a??3 $3???3??3?33?3???3 33??3???33????3??3 3 ??3??3???t3 3 3  3??3??t?3  3??3
?3  3??3???3  ?a?3 3 ?3 ?
3???   ?a??3 ?a?  ?3 3? ???3?a?t3 3   ?a??3 $3???3??3?33?3??? 3 33??3??3???33????3?? 3 3 2.5
# 17 ?e 22  no item criterion aql 06 glass crack ? ??33 x: chip length y: chip width z: chip thickness k: seal width t: glass thickness a: lcd side length l: electrode pad length 6.2 protrusion over terminal : 6.2.1 chip on electrode pad :  3??3
?3 3  3??3???3  3??3??t?3   ?3   ?a??3 ?3 3  3 33 ??3?? ?33  3??3
?3 3  3??3???3  3??3??t?3   3?3   ?a??3 ?3 3  3 33 $3??3???3???3???3??3?a3????3 ?3?a?33??3 ?a33 ??3?3??3???3???33?????3???3?? ??3 $3??3?3
??3??3???3????3? 3??3???3??3?? ?3?t3 3??3???3 ??3????3?????3?3???3???t3 3 3  3
?3 3  3???3   ?a??3  3 3?3 2.5
# 18 ?e 22  no item criterion aql 07 cracked glass ???3??3
?3? ? ?3???t333????????3 2.5 08 backlight elements 3 ??3???3??3??t?3
??3?3 ??3?33?????3??3???3
??3?33??3y?3 3 ??3?3??3?3???3??3 ??3???t??3?3??33??3
3 3 0.65 2.5 0.65 09 bezel 3 ?3?? ??3? 33?? ?3?3??3??33?? ?3??3 ?3 3??3???3 ?3?? ??33?? 3
?3y?3????3 3 2.5 0.65 10 pcb?cob 3 ???3?a?3???3? 33?? ?3???3???3??3??33 ???3 ???3?a?3???3???3? 33?? ?3???3??33??3?3 ???3 the height of the cob should not exceed the height indicated in the assembly diagram. 10.4 there may not be more than 2mm of sealant outside the seal area on the pcb. and there should be no more than three places. 10.5 no oxidation or contamination pcb terminals. 10.6 parts on pcb must be the same as on the production characteristic chart. there should be no wrong parts, missing parts or excess parts. 10.7 the jumper on the pcb should conform to the product characteristic chart. 10.8 if solder gets on bezel tab pads, led pad, zebra pad or screw hold pad, make sure it is smoothed down. 3 2.5 2.5 0.65 2.5 2.5 0.65 0.65 2.5 11 soldering 3 ???33???3??3??3? 3??3??33??3???3 ???33??3??3y?33??3????3 ? 33 ????3 ???33??33??3????33???3 ???33?3??33??33???3 3 2.5 2.5 2.5 0.65
# 19 ?e 22  no item criterion aql 12 general appearance 3 ???33 ??3????3? ?3?3??33???? 3?3 ?a???33???3 ???33???t33????33?a???33???3 ???33????3??3??33??3????33? 3 ???3???3?33??3???3? 33??3????3??3 ??3???3?3??33??3?? ?333??3??? ?33 3??3??33?t3?333???3??3????333? ?3 ??3???3???3333?33??3???33? ?3 ???333??33?
33????t3??3 ??3?????3333??3?a3??3??33????3 ???3?3 ?33???3 ?33????3???3 ??3??33??3333 ????3??3??t?33??3??3?3???33??t? 3 ????3???3 ????3??3?3?3??33?33?3 ????3???3 3 2.5 0.65 2.5 2.5 2.5 2.5 2.5 0.65 0.65 0.65 0.65
# 20 ?e 22  11. software (register initiate code) { \ { 0x14, 0x00000000 }, /* power save configuration register */ \ { 0x64, 0x28d70000 }, /* gpio status and control register */ \ { 0x04, 0x00000000 }, /* memory clock configuration register */ \ { 0x08, 0x00000032 }, /* pixel clock configuration register */ \ { 0x0c, 0x0000006 a }, /* panel type and mod rate register */ \ { 0x10, 0x00000010 }, /* display settings register */ \ { 0x20, 0x00000030 }, /* horizontal total register */ \ { 0x24, 0x00000027 }, /* horizontal display period register */ \ { 0x28, 0x000000 16 }, /* horizontal display period start position register */ \ { 0x2c, 0x00870156 }, /* fpline register */ \ { 0x30, 0x0000010 4 }, /* vertical total register */ \ { 0x34, 0x000000 f0 }, /* vertical display period register */ \ { 0x38, 0x00000013 }, /* vertical display period start position register */ \ { 0x3c, 0x 0 0000 000 }, /* fpframe register */ \ { 0x40, 0x00000000 }, /* main wind ow display start ad dress register */ \ { 0x44, 0x000000a0 }, /* main window line address offset register */ \ { 0x50, 0x00000000 }, /* pip+ window display s tart address register */ \ { 0x54, 0x000000a0 }, /* pip+ window line address offset register */ \ { 0x58, 0x00000000 }, /* pip+ window x positions register */ \ { 0x5c, 0x00000000 }, /* pip+ wi ndow y positions register */ \ { 0x60, 0x00000000 }, /* special purpose register */ \ { 0x70, 0x00000000 }, /* pwm clock configuration register */ \ { 0x74, 0x00000000 }, /* pwmout duty cycle register */ \ { 0x80, 0x00000000 }, /* scratch pad a register */ \ { 0x84, 0x00000000 }, /* scratch pad b register */ \ { 0x88, 0x00000000 }, /* scratch pad c register */ \ { s1d_regdelayon, 0x00000032 }, /* lcd panel power on delay (in ms) */ \ { 0x64, 0x28d70001 }, /* gpio status and control register */ \ { 0x14, 0x00000000 } /* power save configuration register */ \ }
# 21 ?e 22  newhaven lcm sample estimate feedback sheet module number ? page: 1 1 ?panel specification ? 1. panel type ? pass  ng , 2. view direction ?  pass  ng , 3. numbers of dots ?  pass  ng , 4. view area ?  pass  ng , 5. active area ?  pass  ng , 6. operating temperature ?  pass  ng , 7. storage temperature ?  pass  ng , 8. others ? 2 ? mechanical specification ? 1. pcb size ? pass  ng , 2. frame size ?  pass  ng , 3. material of frame ?  pass  ng , 4. connector position ?  pass  ng , 5. fix hole position?  pass  ng , 6. backlight position ?  pass  ng , 7. thickness of pcb ?  pass  ng , 8. height of frame to pcb ?  pass  ng , 9. height of module ?  pass  ng , 10. others ?  pass  ng , 3 ? relative hole size ? 1. pitch of connector ?  pass  ng , 2. hole size of connector?  pass  ng , 3. mounting hole size ?  pass  ng , 4. mounting hole type ?  pass  ng , 5. others ?  pass  ng , 4? backlight specification ? 1. b/l type ? pass  ng , 2. b/l color ?  pass  ng , 3. b/l driving voltage (reference for led type) ?  pass  ng , 4. b/l driving current ?  pass  ng , 5. brightness of b/l ?  pass  ng , 6. b/l solder method ?  pass  ng , 7. others ?  pass  ng ,  go to page 2 
# 22 ?e 22  newhaven module number? page: 2 5 ? electronic characteristics of module ? 1. input voltage ? pass  ng , 2. supply current ?  pass  ng , 3. driving voltage for lcd ?  pass  ng , 4. contrast for lcd ?  pass  ng , 5. b/l driving method ?  pass  ng , 6. negative voltage output ?  pass  ng , 7. interface function ?  pass  ng , 8. lcd uniformity ?  pass  ng , 9. esd test ?  pass  ng , 10. others ?  pass  ng , 6 ? summary ? sales signature ? customer signature ? date ? / /


▲Up To Search▲   

 
Price & Availability of NHD-57-320240WFB-ETXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X