Part Number Hot Search : 
KE47A CS201212 XC9221 CR1005 IRH7250 CR1005 2D1K12 4066D
Product Description
Full Text Search
 

To Download MUR860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m u r 8 2 0 t h r u m u r 8 6 0 glass passivated super fast rectifier reverse voltage - 200 -600 volt s forward current - 8 .0amperes notes : 1. pulse test: 300 s pulse width,1% duty cycle 2. reverse recovery test conditions i f =0.5a,i r =1.0a, irr=0.25a 3. thermal resistance from junction to case maximum ratings and electrical characteristics (ratings at 25 c ambient temperature unless otherwise specified ,single phase ,half wave ,resistive or inductive load. for capacitive load,derate by 20%.) maximum repetitive peak reverse voltag e v rr m v olts v olts v olts v olts ua a mps a mps v rms v dc i (av) i fsm t stg v f i r r jc maximum rms voltage maximum dc blocking voltage maximum average forward rectified current(see fig.1) maximum instantaneous forward voltage at 10.0 a(note 1 ) t =25 c t =125 c a a typical thermal resistance (note 3) operating junction temperature range storage temperature range maximum instantaneous reverse current at rated dc blocking voltage(note 1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) -40 to+150 -40 to+150 2.5 c/w c c t j 150.0 symbols units features mechanical data plastic package has underwriters laboratory flammability classification 94v-0 fast switching for high efficiency low forward voltage drop single rectifier construction high surge capability for use in low voltage ,high frequency inverters, free wheeling ,and polarity protection applications high temperature soldering guaranteed:260 c/10 seconds, 0.25"(6.35mm)from case component in accordance to rohs 2002 / 95 / ec and weee 2002 / 96 / ec 150 1.3 10 500 maximum reverse recovery time (note 2) trr 35 ns 0.975 1.7 5 dimensions in inches and (millimeters) to-220ac 0.635(16.13) 1.161(29.50) 0.160(4.05) 0.105(2.67) 0.208(5.28) 0.037(0.94) 0.113(2.88) 0.161(4.10) 0.410(10.41) 0.610(15.50) 0.114(2.90) 0.055(1.39) 0.185(4.70) 0.145(3.68) 0.380(8.89) 0.590(14.22) 0.022(0.58) 0.625(15.87) 1.106(28.10) 0.140(3.55) 0.095(2.41) 0.192(4.88) 0.027(0.68) 0.102(2.60) 0.148(3.74) dia 0.390(9.91) 0.571(14.50) 0.098(2.50) 0.045(1.14) 0.175(4.44) 0.135(3.43) 0.330(8.38) 0.512(13.00) 0.014(0.35) 0.415(10.54) max case : jedec to-220ac molded plastic body terminals : lead solderable per mil-std-750,method 2026 polarity : as marked mounting position : any weight : 0.08ounce, 2.24 gram 8 .0 m u r 8 2 0 mu r 8 4 0 mu r 8 6 0 200 4 00 6 00 200 4 00 6 00 140 2 8 0 4 2 0
0 20 40 60 80 100 120 150 0 2 4 6 8 10 12 fig.1-forward current derating curve fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics average forward current a mperes reverse voltage. volts t, pulse duration ,sec. lead temperature ( c) resistive or inductve load 1 10 0.1 0.1 0.10.01 1 1 10 10 100 100 10 400 100 100 fig.5-typical junction capacitance fig.6-typical transient thermal impedance j u nction capacitance(pf) transient thermal impedance, c/ w t j =25 c f=1.0mh z vsig=50mvp-p 180 0.01 0.1 1 50 10 0 0.40.2 0.8 1.00.6 1.2 1.6 1.81.4 2.0 2.2 2.4 i nstantaneous forward current( amperes) instantaneous forward voltage (volts) pulse width=300 s 1% duty cycle 200v 400v 600v 0.001 0.01 1 0.1 10 20 200 40 60 80 100 i nstantaneous reverse current ( ua) percent of rated peak reverse voltage% t j =25 c t j =1 00 c 0 30 60 90 120 150 180 0.1 1 10 100 fig.2-maximum non-repetitive peak forward surge current p e ak forward surge current(amperes) number of cycles at 60hz m u r 8 2 0 t h r u m u r 8 6 0 glass passivated super fast rectifier reverse voltage - 200 -600 volt s forward current - 8 .0amperes


▲Up To Search▲   

 
Price & Availability of MUR860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X