Part Number Hot Search : 
SMB36 TIP41C07 TIP41C07 2N4400 C1775 LHG35162 SI535 SE094
Product Description
Full Text Search
 

To Download MMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2016 teledyne relays (800) 284-7007 ? www.teledynecoax.com MMB series page 1 MMB series\052016\q2 miniature matrix: MMB series controlled with usb or ethernet coax switches electrical characteristics (switches only) form factor dpdt, break before make frequency range dc-18ghz characteristic impedance 50 ohms operate time 15 ms (max.) release time 15 ms (max.) actuation voltage 24 vdc actuation current, max. @ ambient 250 ma/switch environmental and physical characteristics operating temperature ?40c to 65c standard actuator life 5,000,000 cycles connector type sma weight enclosure a 1 switch 2 switches 22 oz. (624 g) (max.) 24 oz. (680 g) (max.) weight enclosure b 4 switches 64 oz. (1814 g) (max.) performance limits frequency dc?6 ghz 6?12 ghz 12?18 ghz insertion loss, db, max. 0.20 0.40 0.50 isolation, db, min. 70 60 60 vswr , max. 1.25:1 1.40:1 1.50:1 part number description the MMB series is an ideal solution that consists of transfer, electromechanical coaxial switches designed to switch a microwave signals in a dpdt con gration. the characteristic impedance is 50 ohms. the MMB series is designed to allow the remote operation of 1 to 4 transfer switches. remote operation is accomplished via tcp/ip commands to the matrix?s ethernet interface. switch control is also accessible via the usb virtual serial port, using the provided command set. through these interfaces the coax switch can be switched to the desired position and its position can be read for veri cation. the default switch position at power up can be set by the user. the MMB will feature a graphical user interface (gui), which will enable user to control switches through graphical icons and visuals. additional information interface usb or tcp/ip host operating system windows, mac, linux operating system embedded included items ? ac/dc power adapter ? usb cable ? power cord ? installation cd ? ethernet cable build your box number of switches (select one) : enclosure a enclosure b 14 2 remote control (select one) : frequency range (select one) : dc-18ghz usb only usb & ethernet for additional rf performance data please refer to coax switch part number list in glossary (page 4) actuation type (select one): failsafe latching see page 4, for part number list for switches used for additional options, please contact factory. dc-26.5ghz
MMB series page 2 specifications are subject to change without notice ? 2016 teledyne coax switches MMB series\052016\q2 miniature matrix: MMB series controlled with usb or ethernet coax switches block diagram example microcontroller tcp/ip usb 24 dc input mechanical outline for enclosure a enclosure a: up to 2 transfer switches max. length with switches= 7.75 (196.85)
? 2016 teledyne relays (800) 284-7007 ? www.teledynecoax.com MMB series page 3 MMB series\052016\q2 miniature matrix: MMB series controlled with usb or ethernet coax switches mechanical outline for enclosure b enclosure b: up to 4 transfer switches (.875) [22.2] (1.46) [37.1] (.50) [12.7]


▲Up To Search▲   

 
Price & Availability of MMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X