Part Number Hot Search : 
SMBJ10 313025 BPB02AU MC33290 CAM09120 MAX5106 MM1662K BR120
Product Description
Full Text Search
 

To Download MC10EL04DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2016 july, 2016 ? rev. 7 1 publication order number: mc10el04/d mc10el04, mc100el04 5 v ecl 2\input and/nand description the mc10el/100el04 is a 2-input and/nand gate. the device is functionally equivalent to the e104 device with higher performance capabilities. with propagation delays and output transition times significantly faster than the e104, the el04 is ideally suited for those applications which require the ultimate in ac performance. the 100 series contains temperature compensation. features ? 240 ps propagation delay ? esd protection: ? > 1 kv human body model ? > 100 v machine model ? pecl mode operating range: v cc = 4.2 v to 5.7 v with v ee = 0 v ? necl mode operating range: v cc = 0 v with v ee = ? 4.2 v to ? 5.7 v ? internal input pulldown resistors ? meets or exceeds jedec spec eia/jesd78 ic latchup test ? moisture sensitivity: ? level 1 for soic ? 8 nb ? level 3 for tssop ? 8 ? for additional information, see application note and8003/d ? flammability rating: ul 94 v ? 0 @ 0.125, oxygen index 28 to 34 ? transistor count = 45 devices ? these devices are pb-free, halogen free and are rohs compliant 1 2 3 45 6 7 8 nc d 0 d 1 nc v ee q q v cc figure 1. logic diagram and pinout pin function d0, d1 ecl data inputs q, q ecl data outputs v cc positive supply v ee negative supply nc no connect table 1. pin description hel04 alyw *for additional marking information, refer to application note and8002/d . marking diagrams* (note: microdot may be in either location) kl04 alyw soic ? 8 nb d suffix case 751 ? 07 1 8 tssop ? 8 dt suffix case 948r ? 02 1 8 1 8 www.onsemi.com kel04 alyw 1 8 1 8 hl04 alyw 1 8 ordering information device package shipping ? MC10EL04DG soic ? 8 nb (pb-free) 98 units/tube mc10el04dr2g 2500 tape & reel mc100el04dg mc10el04dtg 100 units/tube tssop ? 8 (pb-free) mc100el04dtg 100 units/tube soic ? 8 nb tssop ? 8 ?for information on tape and reel specifications, in- cluding part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d . tssop ? 8 (pb-free) 98 units/tube soic ? 8 nb (pb-free) soic ? 8 nb (pb-free) y = year w = work week = pb ? free package h = mc10 k = mc100 a = assembly location l = wafer lot
mc10el04, mc100el04 www.onsemi.com 2 table 2. maximum ratings symbol parameter condition 1 condition 2 rating units v cc pecl mode power supply v ee = 0 v 8 v v ee necl mode power supply v cc = 0 v ? 8 v v i pecl mode input voltage necl mode input voltage v ee = 0 v v cc = 0 v v i v cc v i v ee 6 ? 6 v i out output current continuous surge 50 100 ma t a operating temperature range ? 40 to +85 c t stg storage temperature range ? 65 to +150 c  ja thermal resistance (junction-to-ambient) 0 lfpm 500 lfpm soic ? 8 nb soic ? 8 nb 190 130 c/w  jc thermal resistance (junction-to-case) standard board soic ? 8 nb 41 to 44 c/w  ja thermal resistance (junction-to-ambient) 0 lfpm 500 lfpm tssop ? 8 tssop ? 8 185 140 c/w  jc thermal resistance (junction-to-case) standard board tssop ? 8 41 to 44 5% c/w t sol wave solder (pb-free) < 2 to 3 sec @ 260 c 265 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. table 3. 10el series pecl dc characteristics (v cc = 5.0 v; v ee = 0.0 v (note 1)) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 14 17 14 17 14 17 ma v oh output high voltage (note 2) 3920 4010 4110 4020 4105 4190 4090 4185 4280 mv v ol output low voltage (note 2) 3050 3200 3350 3050 3210 3370 3050 3227 3405 mv v ih input high voltage 3770 4110 3870 4190 3940 4280 mv v il input low voltage 3050 3500 3050 3520 3050 3555 mv i ih input high current d0 d1 250 150 250 150 250 150  a i il input low current 0.5 0.5 0.3  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. input and output parameters vary 1:1 with v cc. v ee can vary +0.25 v / ? 0.5 v for +25 c and +85 c or v ee can vary +0.06 v / ? 0.5 v for ? 40 c. 2. outputs are terminated through a 50  resistor to v cc ? 2.0 v.
mc10el04, mc100el04 www.onsemi.com 3 table 4. 10el series necl dc characteristics (v cc = 0.0 v; v ee = ? 5.0 v (note 1)) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 14 17 14 17 14 17 ma v oh output high voltage (note 2) ? 1080 ? 990 ? 890 ? 980 ? 895 ? 810 ? 910 ? 815 ? 720 mv v ol output low voltage (note 2) ? 1950 ? 1800 ? 1650 ? 1950 ? 1790 ? 1630 ? 1950 ? 1773 ? 1595 mv v ih input high voltage ? 1230 ? 890 ? 1130 ? 810 ? 1060 ? 720 mv v il input low voltage ? 1950 ? 1500 ? 1950 ? 1480 ? 1950 ? 1445 mv i ih input high current d0 d1 250 150 250 150 250 150  a i il input low current 0.5 0.5 0.3  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. input and output parameters vary 1:1 with v cc . v ee can vary +0.25 v / ? 0.5 v for +25 c and +85 c or v ee can vary +0.06 v / ? 0.5 v for ? 40 c. 2. outputs are terminated through a 50  resistor to v cc ? 2.0 v. table 5. 100el series pecl dc characteristics (v cc = 5.0 v; v ee = 0.0 v (note 1)) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 14 17 14 17 16 20 ma v oh output high voltage (note 2) 3915 3995 4120 3975 4045 4120 3975 4050 4120 mv v ol output low voltage (note 2) 3170 3305 3445 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 3835 4120 3835 4120 3835 4120 mv v il input low voltage 3190 3525 3190 3525 3190 3525 mv i ih input high current d0 d1 250 150 250 150 250 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. input and output parameters vary 1:1 with v cc . v ee can vary +0.8 v / ? 0.5 v. 2. outputs are terminated through a 50  resistor to v cc ? 2.0 v.
mc10el04, mc100el04 www.onsemi.com 4 table 6. 100el series necl dc characteristics (v cc = 0.0 v; v ee = ? 5.0 v (note 1)) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 14 17 14 17 16 20 ma v oh output high voltage (note 2) ? 1085 ? 1005 ? 880 ? 1025 ? 955 ? 880 ? 1025 ? 955 ? 880 mv v ol output low voltage (note 2) ? 1830 ? 1695 ? 1555 ? 1810 ? 1705 ? 1620 ? 1810 ? 1705 ? 1620 mv v ih input high voltage ? 1165 ? 880 ? 1165 ? 880 ? 1165 ? 880 mv v il input low voltage ? 1810 ? 1475 ? 1810 ? 1475 ? 1810 ? 1475 mv i ih input high current d0 d1 250 150 250 150 250 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. input and output parameters vary 1:1 with v cc . v ee can vary +0.8 v / ? 0.5 v. 2. outputs are terminated through a 50  resistor to v cc ? 2.0 v. table 7. ac characteristics (v cc = 5.0 v; v ee = 0.0 v or v cc = 0.0 v; v ee = ? 5.0 v (note 1)) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit f max maximum toggle frequency tbd tbd tbd ghz t plh t phl propagation delay to output 70 235 410 130 240 370 155 265 395 ps t jitter cycle-to-cycle jitter tbd tbd tbd ps t r t f output rise/fall times q (20% ? 80%) 100 225 350 100 225 350 100 225 350 ps note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. 10 series: v ee can vary +0.25 v / ? 0.5 v for +25 c and +85 c. or v ee can vary +0.06 v / ? 0.5 v for ? 40 c. 100 series: v ee can vary +0.8 v / ? 0.5 v.
mc10el04, mc100el04 www.onsemi.com 5 figure 2. typical termination for output driver and device evaluation (see application note and8020/d ? termination of ecl logic devices) driver device receiver device qd q d z o = 50  z o = 50  50  50  v tt v tt = v cc ? 2.0 v resource reference of application notes an1405/d ? ecl clock distribution techniques an1406/d ? designing with pecl (ecl at +5.0 v) an1503/d ? eclinps i/o spice modeling kit an1504/d ? metastability and the eclinps family an1568/d ? interfacing between lvds and ecl an1672/d ? the ecl translator guide and8001/d ? odd number counters design and8002/d ? marking and date codes and8020/d ? termination of ecl logic devices and8066/d ? interfacing with eclinps and8090/d ? ac characteristics of ecl devices
mc10el04, mc100el04 www.onsemi.com 6 package dimensions soic ? 8 nb d suffix case 751 ? 07 issue ak seating plane 1 4 5 8 n j x 45 k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m 1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb-free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc10el04, mc100el04 www.onsemi.com 7 package dimensions dim min max min max inches millimeters a 2.90 3.10 0.114 0.122 b 2.90 3.10 0.114 0.122 c 0.80 1.10 0.031 0.043 d 0.05 0.15 0.002 0.006 f 0.40 0.70 0.016 0.028 g 0.65 bsc 0.026 bsc l 4.90 bsc 0.193 bsc m 0 6 0 6 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. terminal numbers are shown for reference only. 6. dimension a and b are to be determined at datum plane -w-. seating plane pin 1 1 4 85 detail e b c d a g detail e f m l 2x l/2 ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 8x ref k ident k 0.25 0.40 0.010 0.016 tssop ? 8 dt suffix case 948r ? 02 issue a on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property . a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent ? marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does o n semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, reg ulations and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semiconductor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typic als? must be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the right s of others. on semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semicondu ctor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distrib utors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mc10el04/d literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative eclinps is a trademark of semiconductor components industries, llc (scillc) or its subsidiaries in the united states and/or oth er countries.


▲Up To Search▲   

 
Price & Availability of MC10EL04DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X