Part Number Hot Search : 
MC3401 568X0 SMA13CA MRF616 SK192 UF5402 VCH16 PT2329
Product Description
Full Text Search
 

To Download MA650STAB003DZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sp e - 15 - 8 - 044/a /wy page 1 of 20 specification part no. : ma6 50.st.ab.00 3 .dz product name : spartan st antenna 2 in1 ma6 5 0 low profile screw - mount (permanent mount) 2g /3g/ gps - glonass combination antenna feature : 1 x 2g/3g antenna (824~960mhz, 1710~2170mhz) 0.3m nfc200 coaxial cable with sma(m) connector 1 x gps/g lonass 1575.42/1602mhz antenna 0.3m rg174 coaxial cable with sma(m) connector ip69k and ip67 waterproof high efficiency / peak gain outdoor antenna advanced rf design and materials heavy duty C integrated metal base/ ground - plane dims: 147.5mm: height 35.6mm custom cables and connectors available rohs compliant
sp e - 15 - 8 - 044/a /wy page 2 of 20 1. introduction the spartan ma6 5 0 .st antenna is an omni - directional , heavy - duty, fully ip69k and ip67 waterproof external m2m antenna for use in telematics, transportation , and remote monitoring applications. this unique antenna delivers powerful 2g/3g antenna technology and gps/glonass for next generation high bandwidth t elematics navigation systems. we have packed 2 high efficiency and gain antennas in an extremely robust ip69k direct mount antenna package. the antenna has its own ground - plane and can radiate on any mounting environment like metal or plastic without affec ting performance. the cables are low loss allowing for lengths of up to 5 meters (16 ' and 4.85 "), critical for buses, trains and other commercial transport applications. for industries such as commercial vehicle telematics, remote monitoring, smart meter systems, construction equipment, at only 40mm high, the spartan provides an unobtrusive, robust, rugged antenna that is durable even in extreme environments. custom ized cable length and connector version s are available upon request .
sp e - 15 - 8 - 044/a /wy page 3 of 20 2. specification table 2g/3g antenna frequency (mhz) 824~894 880~960 1710~1880 1850~1990 1920~217 0 peak gain (dbi) 30cm 0. 65 0.16 4.05 4.05 3.64 1m 2.64 1.97 3.46 3.97 3.46 2m 1.6 0 1.24 3.32 3.26 2.73 3m 2.17 1.34 2.87 3.01 2.56 5m - 0.82 - 1.34 1.57 2.22 1.72 average gain (dbi) 30cm - 4. 76 - 5. 43 - 3.48 - 2.45 - 4. 10 1m - 4.26 - 5.78 - 3.79 - 2.86 - 4.23 2m - 4.46 - 6 .35 - 4.12 - 3.38 - 5.32 3m - 4.80 - 5.97 - 4.91 - 3.61 - 5.08 5m - 5.61 - 6.56 - 6.35 - 4.34 - 5.81 efficiency (%) 30cm 33. 89 2 9.95 47.05 57.47 40.88 1m 38.06 27.70 43.75 52.18 38.82 2m 36.11 24.40 40.27 46.10 31.16 3m 33.56 23.25 34.56 43.83 32.12 5m 27.96 23.10 25.00 36.89 27. 06 return loss (db) < - 5 polarization linear impedance 50 cable 0. 3 m cfd200 standard, fully customizable connector sma (m), standard, fully customizable maximum input power 5w gps - glonass center frequency gps:1575.423 mhz glonass:16020.5 mhz gain 3 1 dbic typ. vswr 1.5:1 max impedance 50 cable 0. 3 m rg174 standard, fully customizable
sp e - 15 - 8 - 044/a /wy page 4 of 20 connector sma(m), standard, fully customizable lna electrical properties center frequency gps:1575.423 mhz g lonass :16020.5 mhz impedance 50 ohm vswr < 1.5:1 return loss 10 db min. gain 3 2 db min. @ 5 . 0 v 28 db min. @ 3.3v 21 db min. @ 1.8v dc power input 1.8~5.0v noise figure @3.3v 1.6db power consumption 10ma @ 3.3v mechanical antenna d imensions 147.5*145.6*35.6mm casing wonderloy pc - 540 pc/abs alloy waterproof ip69k and ip67 thread m20*1.5p weight 5 70g recommended assembly torque 29.4 n?m maximum assembly torque 39.2 n - m environmental operation temperature - 40c to 85c storage temperature - 40c to 90c humidity non - condensing 65c 95% rh
sp e - 15 - 8 - 044/a /wy page 5 of 20 3. cellular antenna characteristics 3.1. return loss 3.2. peak gain
sp e - 15 - 8 - 044/a /wy page 6 of 20 3.3. average gain 3.4. efficiency
sp e - 15 - 8 - 044/a /wy page 7 of 20 3.5. radiation patterns
sp e - 15 - 8 - 044/a /wy page 8 of 20 3.5.1 2d radiation patterns xy plane x x y y
sp e - 15 - 8 - 044/a /wy page 9 of 20 xz plane x x z z
sp e - 15 - 8 - 044/a /wy page 10 of 20 3.5.2 3d radiation patterns @824mhz @880mhz @960mhz @1710mhz
sp e - 15 - 8 - 044/a /wy page 11 of 20 @1880mhz @1990mhz @2170mhz 4. gps - glonass antenna characteristics 4.1. block diagram
sp e - 15 - 8 - 044/a /wy page 12 of 20 4.2. return loss 4.3. smith chart
sp e - 15 - 8 - 044/a /wy page 13 of 20 4.4. 3d efficiency table (passive antenna) frequency (mhz) return loss(db) impedance( ) gain 0 ? h - plane(dbic) gain 0 ? e - plane(dbic) 1575.42 - 36.3 50.3 + j 1.4 3.34 3.77 1598 - 25.8 51.5 + j 4.9 3.49 3.63 1602 - 41.5 50.6 C j 0.5 3.23 3.35 1606 - 25.3 48.8 C j 5.2 2.93 3.05 4.5. lna s - parameter
sp e - 15 - 8 - 044/a /wy page 14 of 20 4.6. lna noise figure
sp e - 15 - 8 - 044/a /wy page 15 of 20 4.7. radiation pattern 2d - radiation pattern free space @1575.42mhz red line h - plane ; blue line e - plane
sp e - 15 - 8 - 044/a /wy page 16 of 20 2d - radiation pattern free space @1602mhz red line h - plane ; blue line e - plane
sp e - 15 - 8 - 044/a /wy page 17 of 20 5. drawing
sp e - 15 - 8 - 044/a /wy page 18 of 20 6. installation
sp e - 15 - 8 - 044/a /wy page 19 of 20 7. packaging
sp e - 15 - 8 - 044/a /wy page 20 of 20


▲Up To Search▲   

 
Price & Availability of MA650STAB003DZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X