Part Number Hot Search : 
F5305S IL5851N CY4602 MAX12528 U2790B06 A1120 E45H11 2909345
Product Description
Full Text Search
 

To Download MA650AAB002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 12 - 8 - 032/ e /pk page 1 of 1 ma.650.a1001111.b1005111 specification part no. : ma650.a.ab.002 product name : spartan antenna 2in1 ma.650 with 10m cable length low profile screw - mount (permanent mount) gps/ cellular combination antenna feature : cellular 850/900/1700/1800/2100mhz gsm/cdma/umts /hspa gps C 5dbic ip67 waterproof high efficiency / peak gain outdoor antenna advanced rf design and materials heavy duty C integrated metal base/ ground - plane standard 10 meters low loss cables custom cables and connectors available rohs compliant
spe - 12 - 8 - 032/ e /pk page 2 of 2 ma.650.a1001111.b1005111 1. introduction the spartan ma.650 antenna is a low profile, heavy - duty, fully ip67 waterproof external m2m antenna for use in telematics, transportation and remote monitoring applications. with a standard length of 10 meters of very low loss cable it is specially designed suitable for e - bus or train telematics applications where long cable lengths are needed. the spartan ma.650 antenna is unique in the market because it combines 2in1 gps, cellular (2g and 3g) antennas in a heavy - duty structure with high efficiency in a low profile compact format. the antenna screws down permanently onto a roof or metal panel and can be pole or wall - mounted. the antennas are designed to be isolated from each other to prevent cross - interference. for industries such as com mercial vehicle telematics, remote monitoring, smart meter systems, construction equipment, at only 40mm high, the spartan provides an unobtrusive, robust, rugged antenna that is durable even in extreme environments.
spe - 12 - 8 - 032/ e /pk page 3 of 3 ma.650.a1001111.b1005111 2. specification table electrical C gps a ntenna frequency 1575.42 2 mhz radiation efficiency 50 % peak gain 4 1 dbic typ. vswr 1.92:1 max polarization rhcp impedance 50 ? axial ratio 3 db max electrical - lna frequency 1575.4 mhz impedance 50 ? vswr 1.92:1 max dc power input 3.3 4 5 gain @3.3v 30 31 32 noise figure 1.50 1.55 1.62 power consumption 8 10 13 band attenuation 50 70 100 40 40 50 operating temperature - 40~+85 storage temperature - 40~+90 electrical C cellular antenna frequency (ghz) 824~ 896 880~ 960 1710~ 1880 1850~ 1990 1 920 ~ 2170 peak gain (dbi) * - 0.5 - 0 . 5 - 1 . 0 - 0 .5 - 0 . 8 avg. gain (dbi) * - 5 . 8 - 5 . 6 - 5 . 4 - 5 . 3 - 5 . 5 efficiency (%) * 29 2 8 30 27.9 28 vswr 3 max polarization linear radiation pattern omni *including 10 meters cable loss mechanical antenna d imensions height 50mm x diameter 150mm housing pc base and thread nickel plated zinc waterproof ip67
spe - 12 - 8 - 032/ e /pk page 4 of 4 ma.650.a1001111.b1005111 environmental operating temperature - 40c to 8 5 c storage temperature - 40c to 80c humidity non - condensing 65c 95% rh
spe - 12 - 8 - 032/ e /pk page 5 of 5 ma.650.a1001111.b1005111 3. antenna characteristics cellular antenna 3.1 v swr 3.2 efficiency
spe - 12 - 8 - 032/ e /pk page 6 of 6 ma.650.a1001111.b1005111 3.3 peak gain 3.4 average gain
spe - 12 - 8 - 032/ e /pk page 7 of 7 ma.650.a1001111.b1005111 4. radiation patterns - cellular 4.1 antenna setup x z z x y
spe - 12 - 8 - 032/ e /pk page 8 of 8 ma.650.a1001111.b1005111 4.2 xy plane
spe - 12 - 8 - 032/ e /pk page 9 of 9 ma.650.a1001111.b1005111 4.3 xz plane
spe - 12 - 8 - 032/ e /pk page 10 of 10 ma.650.a1001111.b1005111 5. antenna characteristics gps antenna 5.1 return loss
spe - 12 - 8 - 032/ e /pk page 11 of 11 ma.650.a1001111.b1005111 5.2 lna s 22 5.3 lna s 2 1
spe - 12 - 8 - 032/ e /pk page 12 of 12 ma.650.a1001111.b1005111 6. radiation pattern s C gps 6.1 antenna setup 6.2 xz plane
spe - 12 - 8 - 032/ e /pk page 13 of 13 ma.650.a1001111.b1005111 6.3 yz plane
spe - 12 - 8 - 032/ e /pk page 14 of 14 ma.650.a1001111.b1005111 7. drawing
spe - 12 - 8 - 032/ e /pk page 15 of 15 ma.650.a1001111.b1005111 8. packaging
spe - 12 - 8 - 032/ e /pk page 16 of 16 ma.650.a1001111.b1005111 8 boxes per carton taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserv es the right to make changes to specifications and product descriptions at any time without notice. taoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third parties without express permis sion is strictly prohibited. copyright ? 2013, taoglas ltd.


▲Up To Search▲   

 
Price & Availability of MA650AAB002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X