Part Number Hot Search : 
F1007 CXA18 DM78L06A BTB08B UPD80C49 UPD80C49 HCR31000 BZX55C20
Product Description
Full Text Search
 

To Download MA650AAB002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe-12-8-032/g/pk | page 1 of 19 ma.650.a1001111.b1005111 ma650.a.ab.002 specifcation part no. ma650.a.ab.002 product name spartan 2in1 ma.650 with 10m cable length low profle screw mount (permanent mount) gps/glonass cellular combination antenna feature cellular ? 850/900/1700/1800/2100mhz ? gsm/cdma/umts/hspa gps/glonass - 5dbic ip67 waterproof high effciency / peak gain outdoor antenna advanced rf design and materials heavy duty C integrated metal base / ground-plane standard 10 meters low loss cables custom cables and connectors available rohs compliant spartan ma650.a.ab.002 on ground-plane
spe-12-8-032/g/pk | page 2 of 19 ma.650.a1001111.b1005111 the spartan ma.650 antenna is a low profle, heavy-duty, fully ip67 waterproof external m2m antenna for use in telematics, transportation and remote monitoring applications. with a standard length of 10 meters of very low loss cable it is specially designed suitable for e-bus or train telematics applications where long cable lengths are needed. the spartan ma.650 antenna is unique in the market because it combines 2in1 gps, cellular (2g and 3g) antennas in a heavy-duty structure with high effciency in a low profle compact format. the antenna screws down permanently onto a roof or metal panel and can be pole or wall-mounted. the antennas are designed to be isolated from each other to prevent cross-interference. for industries such as commercial vehicle telematics, remote monitoring, smart meter systems, construction equipment, at only 40mm high, the spartan provides an unobtrusive, robust, rugged antenna that is durable even in extreme environments. 1. introduction 2. specifcation electrical C gps/glonass passive antenna frequency 1575.42 3mhz 1602 3mhz radiation effciency 50% peak gain 4 1 dbic typ. vswr 2:1 max polarization linear impedance 50 electrical - lna frequency (mhz) 1575.42 3mhz 1602 3mhz impedance 50 vswr 2:1 max dc power input 3.3v 4v 5v gain @3.3v 28db 28db 28db noise figure 1.50db 1.55db 1.62db power consumption 8ma 10ma 13ma band attenuation 50mhz 70mhz 100mhz 30db 30db 30db
spe-12-8-032/g/pk | page 3 of 19 ma.650.a1001111.b1005111 2. specifcation electrical C cellular antenna frequency (ghz) 824~896 880~960 1710~1880 1850~1990 1920~2170 peak gain (dbi) * -0.5 -0.5 -1.0 -0.5 -0.8 avg. gain (dbi) * -5.8 -5.6 -5.4 -5.3 -5.5 effciency (%) * 29 28 30 27.9 28 vswr 3 max polarization linear radiation pattern omni *including 10 meters cable loss mechanical antenna dimensions height 50mm x diameter 150mm housing pc base and thread nickel plated zinc waterproof ip67 environmental operating temperature -40c to 85c storage temperature -40c to 80c humidity non-condensing 65c 95% rh
spe-12-8-032/g/pk | page 4 of 19 ma.650.a1001111.b1005111 3. cellular antenna characteristics 3.1 vswr 500 1000 1500 2000 2500 3000 (mhz) ma650_cellular 10 9 8 7 6 5 4 3 2 1 3.2 effciency 50 45 40 35 30 25 20 15 10 5 0 800 1200 1600 2000 (mhz) ma650_cellular (%)
spe-12-8-032/g/pk | page 5 of 19 ma.650.a1001111.b1005111 3. cellular antenna characteristics 3.3 peak gain 3.4 average gain 800 1200 1600 2000 (mhz) 800 1200 1600 2000 ( mhz) ma650_cellular 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 (dbi) (dbi) 5 4 3 2 1 0 -1 -2 -3 -4 -5 ma650_cellular
spe-12-8-032/g/pk | page 6 of 19 ma.650.a1001111.b1005111 4. radiation patterns - cellular 4.1 antenna setup x z z x y
spe-12-8-032/g/pk | page 7 of 19 ma.650.a1001111.b1005111 4. radiation patterns - cellular 4.2 xy plane 824mhz 880mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz
spe-12-8-032/g/pk | page 8 of 19 ma.650.a1001111.b1005111 4. radiation patterns - cellular 4.3 xz plane 824mhz 880mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz
spe-12-8-032/g/pk | page 9 of 19 ma.650.a1001111.b1005111 5. gps/glonass antenna characteristics 5.1 block diagram saw filter gps+gnss antenna low noise amplifer low noise amplifer rg-174 dc-input coaxial cable
spe-12-8-032/g/pk | page 10 of 19 ma.650.a1001111.b1005111 5. gps/glonass antenna characteristics 5.2 return loss s22 reverse reflection transmission / reflection log magnitude ref = 0.000 db 10.000 db/div 2 1 300.000 000 mh z 1 900.000 000 mh z 2 : -16.880 db 1 602.000 000 mhz 2 : -17.139 db 1 575.420 000 mhz 1
spe-12-8-032/g/pk | page 11 of 19 ma.650.a1001111.b1005111 5. gps/glonass antenna characteristics 5.3 lna s22 s22 refl log mag. t / r 0 . 000 db 10 . 000 db / div 4 1 700 . 000000 mh z 1 900.000 000 mh z 4 : -16.288 db 1 600.000000 mhz 1 : -16.277 db 1 575.420000 mhz 2 : -16.476 db 1 602.000000 mhz 3 : -18.144 db 1 610.000000 mhz 1 2 3
spe-12-8-032/g/pk | page 12 of 19 ma.650.a1001111.b1005111 5. gps/glonass antenna characteristics 5.4 lna s21 s21 trans log mag. chn1 t / r 0 . 000 db 10 . 000 db / div 1 300 . 000000 mh z 1 900.000 000 4 : 29.514 db 1 600.000000 mhz 1 : 29.530 db 1 575.420000 mhz 2 : 29.665 db 1 602.000000 mhz 3 : 29.595 db 1 610.000000 mhz 1 2 3 4
spe-12-8-032/g/pk | page 13 of 19 ma.650.a1001111.b1005111 6. radiation patterns - gps/glonass 6.1 antenna setup
spe-12-8-032/g/pk | page 14 of 19 ma.650.a1001111.b1005111 6.2.2 1602mhz 0 345 330 315 300 295 270 255 240 225 210 195 180 165 150 135 120 105 90 75 60 45 30 15 -30 -20 -10 0 db 0 345 330 315 300 295 270 255 240 225 210 195 180 165 150 135 120 105 90 75 60 45 30 15 -30 -20 -10 0 db 6.2 xz plane 6.2.1 1575mhz
spe-12-8-032/g/pk | page 15 of 19 ma.650.a1001111.b1005111 6.3.2 1602mhz 0 345 330 315 300 295 270 255 240 225 210 195 180 165 150 135 120 105 90 75 60 45 30 15 -30 -20 -10 0 db 0 345 330 315 300 295 270 255 240 225 210 195 180 165 150 135 120 105 90 75 60 45 30 15 -30 -20 -10 0 db 6.3 yz plane 6.3.1 1575mhz
spe-12-8-032/g/pk | page 16 of 19 ma.650.a1001111.b1005111 7. drawings name material finish qty 1 housing pc 540 black 1 2 closed cell foam cr 4305 black 1 3 3m double adhesive 3m 9448 hk white liner 1 4 m30 nut steel aisi 1215 ni plated 1 5 washer steel aisi 1215 ni plated 1 6 m30 x 2 thread 32l zinc alloy ni plated 1 7 waterproof rubber silicon black 1 8 gps/glonass label coated paper orange 1 9 cellular label coated paper blue 1 10 heat shrink tube pe black 1 11 heat shrink tube pe black 1 12 cable rubber silicone rubber black 1 name spec finish qty uu connector type sma(m) st for cfd200 gold 1 vv connector type sma(m) st gold 1 ww cable length 10000250mm 1 xx cable type rg174 black 1 yy cable type cfd 200 black 1
spe-12-8-032/g/pk | page 17 of 19 ma.650.a1001111.b1005111 8. installation thread diameter recommended mounting hole unit: mm recommended torque for mounting 49nm maximum torque for mounting 588nm
spe-12-8-032/g/pk | page 18 of 19 ma.650.a1001111.b1005111 9. packaging 1 antenna per individual box (l: 165mm : b: 165mm : h: 125mm) weight 1.5kg
spe-12-8-032/g/pk | page 19 of 19 ma.650.a1001111.b1005111 9. packaging taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifcations and product descriptions at any time without notice. taoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd. 8 individual boxes per carton (l: 390mm : b: 360mm : h: 310mm) weight 12.5kg 32 cartons per pallet (110*110cm) 256 pieces per pallet


▲Up To Search▲   

 
Price & Availability of MA650AAB002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X