Part Number Hot Search : 
M29F010 SOT230 G4PC40 FN110 T1117 MAX14 100J2 AN7800F
Product Description
Full Text Search
 

To Download MA413AB004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 16 - 8 - 014 - b page 1 of 33 specification part no. : ma41 3 .a.b . 004 product name : ma 413 storm lte screw m ount antenna feature s : lte 698 to 960 mhz /1710 to 2 17 0mhz / 2490 to 2690mhz antenna screw - mount [permanent mount] worldwide 4g bands including 3g and 2g aerodynamic, super low - profile vandal resistant housing ip67 enclosure dims: 216.24*93.25*30.95mm 5 m cfd - 200 with sma (m) connector custom c ables and c onnectors a vailable product conforms to the emc directive 2014/30/eu rohs compliant
spe - 16 - 8 - 014 - b page 2 of 33 1. introduction the storm ma 413 antenna is a low profile, heavy - duty, fully ip67 waterproof external m2m antenna for use in worldwide telematics applications which combine global cellular communications. the ma 413 del ivers best in class lte antenna performance. you will never be out of touch with this extremely robust antenna. at only 31mm high, the storm is the worlds lowest profile global telematics antenna solution. it delivers powerful worldwide 4g lte antenna t echnology while also covering the 3g and 2g bands. typical applications : - telematics - hd video over lte - first responder and emergency services - i nternet of things (iot market) - wireless lte m2m devices - digital signage lte 4g applications demand high speed data uplink and downlink. the ma4 13 do es not require a ground plane . low loss cables are used to keep efficiency high over long cable lengths. conformity is declared under the following standard: en55022 class b this is to declare that the product listed above conforms to the emc directive 2014/30/eu. cable length and connector types are customizable. contact your regional taoglas sales office for support.
spe - 16 - 8 - 014 - b page 3 of 33 2. specification 4g /3g/2g lte antenna frequency (mhz) lte700 gsm850 gsm900 dcs pcs umts1 lte2600 lte3500 698~803 824~894 880~960 1710~1880 1850~1990 1920~2170 2490~2690 3300~3600 efficiency (%) on the 50*50cm ground plane 30cm 62.06 41.76 49.16 44.93 59.56 59.39 55.42 37.39 1m 59.27 39.88 46.95 40.98 54.46 54.71 50.55 33.33 2m 55.31 36.93 42.81 36.86 48.53 48.56 43.53 27.99 3m 51.62 34.20 39.76 32.65 42.73 42.47 36.84 23.59 5m 44.25 28.85 33.36 25.50 32.98 32.90 28.22 16.96 in free space 30cm 65.08 48.08 55.44 49.41 57.62 59.92 54.98 38.19 1 m 62.15 45.91 52.95 45.06 52.69 55.18 50.14 34.83 2m 58.00 42.54 48.29 40.62 46.96 48.99 43.17 29.65 3m 54.13 39.46 44.80 35.92 41.31 42.84 36.53 24.66 5m 46.39 33.24 37.60 28.10 31.89 33.19 27.99 19.14 average gain(dbi) on the 50*50cm ground plane 30cm - 2.22 - 3.98 - 3.20 - 3.55 - 2.27 - 2.27 - 2.57 - 4.36 1m - 2.42 - 4.18 - 3.40 - 3.95 - 2.66 - 2.63 - 2.97 - 4.86 2m - 2.72 - 4.51 - 3.80 - 4.40 - 3.16 - 3.14 - 3.62 - 5.61 3m - 3.02 - 4.84 - 4.13 - 4.94 - 3.72 - 3.73 - 4.35 - 6.36 5m - 3.70 - 5.58 - 4.88 - 6.00 - 4.84 - 4.84 - 5.50 - 7.79 in free space 30cm - 2.02 - 3.19 - 2.60 - 3.11 - 2.42 - 2.23 - 2.62 - 4.25 1m - 2.22 - 3.39 - 2.80 - 3.51 - 2.81 - 2.59 - 3.02 - 4.65 2m - 2.52 - 3.72 - 3.20 - 3.97 - 3.31 - 3.10 - 3.67 - 5.35 3m - 2.82 - 4.05 - 3.52 - 4.50 - 3.86 - 3.69 - 4.39 - 6.15 5m - 3.50 - 4.79 - 4.28 - 5.57 - 4.98 - 4.80 - 5.55 - 7.25 peak gain(dbi) on the 50*50cm ground plane 30cm 5.37 3.66 4.35 6.24 7.04 7.11 7.91 6.46 1m 5.17 3.46 4.15 5.84 6.64 6.81 7.51 5.96 2m 4.87 3.06 3.75 5.34 6.14 6.31 6.91 5.16 3m 4.57 2.76 3.45 4.84 5.64 5.71 6.21 4.46 5m 3.87 2.06 2.65 3.74 4.44 4.61 5.11 4.82 in free space 30cm 3.54 4.07 4.13 4.67 6.57 6.69 8.11 6.27 1m 3.34 3.87 3.93 4.27 6.17 6.35 7.71 5.87 2m 3.04 3.47 3.53 3.77 5.67 5.79 7.11 5.17 3m 2.74 3.17 3.23 3.27 5.07 5.19 6.41 4.37 5m 2.04 2.37 2.43 2.17 3.97 4.09 5.31 3.27
spe - 16 - 8 - 014 - b page 4 of 33 impedance 50 polarization linear vswr < 3 cable 5 meter s cfd 200 standard, fully customizable connector sma male connector , fully customizable mechanical antenna d imensions 216.24*93.25*30.95mm casing abs +pc base and thread nickel plated aluminum weight (including cable) 540 g ingress protection rating ip67 maximum assembly torque 39.2 n - m environmental operation temperature - 40c to 85c storage temperature - 40c to 90c humidity non - condensing 65c 95% rh
spe - 16 - 8 - 014 - b page 5 of 33 3. antenna characteristics 3.1 lte antenna 3. 1 .1 test setup in free space o n the 50*50cm ground plane
spe - 16 - 8 - 014 - b page 6 of 33 3. 1 .2 lte antenna return loss and i s olation setup on 50*50cm ground plane with 5 meter s cable length setup in free space with 5 meter s cable length
spe - 16 - 8 - 014 - b page 7 of 33 3. 1 .3 lte antenna efficiency setup on 50*50cm ground plane with 5 meter s cable length setup in free space with 5 meter s cable length
spe - 16 - 8 - 014 - b page 8 of 33 3. 1 .4 lte antenna peak gain setup on 50*50cm ground plane with 5 meter s cable length setup in free space with 5 meter s cable length
spe - 16 - 8 - 014 - b page 9 of 33 3. 1 .5 lte antenna average gain setup on 50*50cm ground plane with 5 meter s cable length setup in free space with 5 meter s cable length
spe - 16 - 8 - 014 - b page 10 of 33 3. 1 .6 test setup for antenna radiation pattern (ets anechoic chamber) on 50*50cm ground plane y z x
spe - 16 - 8 - 014 - b page 11 of 33 -45 -35 -25 -15 -5 5 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 704mhz 751mhz 824mhz 960mhz -45 -35 -25 -15 -5 5 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 1710mhz 1850mhz 1990mhz 2170mhz 3. 1 .7 2d radiation pattern ( lte with 5 m cable length on the 50*50 ground plane) xy plane x x y y
spe - 16 - 8 - 014 - b page 12 of 33 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 2500mhz 2690mhz -50 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 3300mhz 3400mhz 3500mhz x y x y
spe - 16 - 8 - 014 - b page 13 of 33 -45 -35 -25 -15 -5 5 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 704mhz 751mhz 824mhz 960mhz -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 1710mhz 1850mhz 1990mhz 2170mhz xz plane z x x z
spe - 16 - 8 - 014 - b page 14 of 33 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 2500mhz 2690mhz -50 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 3300mhz 3400mhz 3500mhz x z x z
spe - 16 - 8 - 014 - b page 15 of 33 -45 -35 -25 -15 -5 5 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 704mhz 751mhz 824mhz 960mhz -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 1710mhz 1850mhz 1990mhz 2170mhz yz plane z y z y z
spe - 16 - 8 - 014 - b page 16 of 33 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 2500mhz 2690mhz -50 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 3300mhz 3400mhz 3500mhz y y z
spe - 16 - 8 - 014 - b page 17 of 33 3. 1 .8 3d radiation pattern ( lte with 5 m cable length on the 50*50 ground plane ) 704mhz 960mhz 1710mhz 2170mhz 2690mhz 3500 mhz
spe - 16 - 8 - 014 - b page 18 of 33 3. 1 . 9 test setup f or antenna radiation pattern (ets anechoic chamber) in free space y z x
spe - 16 - 8 - 014 - b page 19 of 33 -45 -35 -25 -15 -5 5 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 704mhz 751mhz 824mhz 960mhz -45 -35 -25 -15 -5 5 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 1710mhz 1850mhz 1990mhz 2170mhz 3. 1 .1 0 2d radiation pattern ( lte with 5 m cable length in free space) xy plane x x y y
spe - 16 - 8 - 014 - b page 20 of 33 -50 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 3300mhz 3400mhz 3500mhz -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 2500mhz 2690mhz x y x y
spe - 16 - 8 - 014 - b page 21 of 33 -45 -35 -25 -15 -5 5 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 704mhz 751mhz 824mhz 960mhz -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 1710mhz 1850mhz 1990mhz 2170mhz xz plane z x x z
spe - 16 - 8 - 014 - b page 22 of 33 -50 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 3300mhz 3400mhz 3500mhz -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 2500mhz 2690mhz x z x z
spe - 16 - 8 - 014 - b page 23 of 33 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 1710mhz 1850mhz 1990mhz 2170mhz -45 -35 -25 -15 -5 5 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 704mhz 751mhz 824mhz 960mhz yz plane z y z y
spe - 16 - 8 - 014 - b page 24 of 33 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 2500mhz 2690mhz -50 -40 -30 -20 -10 0 10 0 30 60 90 120 150 180 210 240 270 300 330 (dbi) 3300mhz 3400mhz 3500mhz y z y z
spe - 16 - 8 - 014 - b page 25 of 33 3. 1 .1 1 3d radiation pattern ( lte with 5 m cable length in free space) 704mhz 960mhz 1710mhz 2170mhz 2690mhz 3500 mhz
spe - 16 - 8 - 014 - b page 26 of 33 4. mechanical drawing ( unit: mm)
spe - 16 - 8 - 014 - b page 27 of 33 5. installation
spe - 16 - 8 - 014 - b page 28 of 33 6. packaging specifications
spe - 16 - 8 - 014 - b page 29 of 33 7. application note (lte antenna) the ma 413 antenna performance with different cable lengths and different environments is shown below. 7 .1 on 50*50cm ground plane 7 .1.1 return loss (mimo_1 on the 50*50cm ground plane) 7 .1. 2 efficiency (mimo_1 on the 50*50cm ground plane)
spe - 16 - 8 - 014 - b page 30 of 33 7 .1. 3 average gain (mimo_1 on the 50*50cm ground plane) 7 .1. 4 peak gain (mimo_1 on the 50*50cm ground plane)
spe - 16 - 8 - 014 - b page 31 of 33 7 .2 in free space 7 .2.1 return loss (mimo_1 in free space) 7 .2. 2 efficiency (mimo_1 in free space)
spe - 16 - 8 - 014 - b page 32 of 33 7 .2. 3 average gain (mimo_1 in free space) 7 .2. 4 peak gain (mimo_1 in free space)
spe - 16 - 8 - 014 - b page 33 of 33 taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and p roduct descriptions at any time. taoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas


▲Up To Search▲   

 
Price & Availability of MA413AB004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X