Part Number Hot Search : 
MC14079 VC125A SMB10J15 8A811 MMBT5551 72001 SM2233 A018AN02
Product Description
Full Text Search
 

To Download KC2520B250000C1GE00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmos/ 1.8v to 3.3v/ 2.5 2.0mm rohs compliant features ? miniature ceramic package 2.5 (l) 2.0 (w) 0.7 (h) mm (typ.) ? highly reliable with seam welding ? cmos output ? supply voltage 1.8/ 2.5/ 3.3v wide operating voltage range 1.6 to 3.63v ? low current consumption ? high output frequency 125mhz table 1 freq. tol. operating temperature range ( c) note code 10 ? 6 0 50 ? 10 to + 70 standard speci cations s 30 please contact us for available frequencies. u 25 f 100 ? 40 to + 85 g 50 6 50 ? 40 to + 105 how to order kc2520b 25.0000 c 1 ? e 00 ? ? ????? ? series ? output frequency ? output type (cmos) ? supply voltage (1.8v, 2.5v, 3.3v compatible) ? frequency tolerance (see table 1) ? symmetry/ inh function (45/ 55%, stand-by) ? individual speci cation (std speci cation is 00) y packaging (tape & reel 2000 pcs./ reel) speci cations item symbol conditions speci cations units min. max. output frequency range fo 1.5 125 mhz frequency tolerance f _tol initial tolerance, operating tem- perature range, rated power supply voltage change, aging (1 year @25 c), shock and vibration op.temp.: ? 40 to + 85 c ? 100 + 100 10 ? 6 op. temp.: ? 10 to + 70 c/ ? 40 to + 85 c/ ? 40 to + 105 c ? 50 + 50 op.temp.: ? 10 to + 70 c ? 30 + 30 storage temperature range t _stg ? 55 + 125 c operating temperature range t _use standard speci cations ? 10 + 70 c extend (option) ? 40 + 85 ? 40 + 105 max. supply voltage 1.5 fo 80mhz ? 0.6 + 6.0 v 80 < fo 125mhz ? 0.3 + 4.0 supply voltage v cc + 1.6 + 3.63 v current consumption (maximum loaded/ 1.6 v cc 2.0v) i cc 1.5 fo 24mhz 2.5 ma 24 < fo 40mhz 3.5 40 < fo 60mhz 5.0 60 < fo 80mhz 6.0 80 < fo 125mhz 11.0 current consumption (maximum loaded/ 2.0 < v cc 2.8v) 1.5 fo 24mhz 3.0 24 < fo 40mhz 4.5 40 < fo 60mhz 5.5 60 < fo 80mhz 6.5 80 < fo 125mhz 14.0 current consumption (maximum loaded/ 2.8 < v cc 3.63v) 1.5 fo 24mhz 3.5 24 < fo 40mhz 5.0 40 < fo 60mhz 6.0 60 < fo 80mhz 8.0 80 < fo 125mhz 17.0 stand-by current i _std 1 0 a symmetry sym @50%v cc 45 55 % rise/ fall time (10% v cc to 90% v cc maximum loaded) tr/ tf 1.6 v cc 2.0v/ 1.5 < fo 80mhz 6.5 ns 2.0 < v cc 2.8v/ 1.5 < fo 80mhz 5.0 2.8 < v cc 3.63v/ 1.5 < fo 80mhz 4.5 1.6 v cc 3.63v/ 80 < fo 125mhz 4.0 low level output voltage v ol i ol = 4ma 10%v cc v high level output voltage v oh i oh = ? 4ma 90%v cc v output load l _ cmos cmos output 15 pf low level input voltage v il 30%v cc v high level input voltage v ih 70%v cc v disable time t _dis 100 ns enable time t _ena 5m s start-up time t _str @minimum operating voltage to be 0 sec. 10 ms 1 sigma jitter j sigma measured with wavecrest sia-3000 1.5 fo 80mhz 8 ps 80 < fo 125mhz 4 peak to peak jitter j pk-pk measured with wavecrest sia-3000 1.5 fo 80mhz 80 ps 80 < fo 125mhz 40 note: all electrical characteristics are defined at the maximum load and operating temperature range. please contact us for inquiry about operating temperature range, available frequencies and other conditions. plating: ni  au tolerance: r 0.1 pad connections #1 inh #2 case gnd #3 output  #4 v cc inh function pad1 pad3 (output) open active "h" level active "l" level high z (no-oscillation) 2.5 2.0 0.6 0.7 0.6 0.6 0.15 0.7 0.9 0.7 0.15 #1 #2 #3 #4 dimensions (unit: mm) note: a capacitor of value 0.01 p f between v cc and gnd is recommended. 1.85 0.95 1.45 1.05 recommended land pattern (unit: mm) clock oscillators surface mount type kc2520b-c1 series as of march 2018


▲Up To Search▲   

 
Price & Availability of KC2520B250000C1GE00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X