Part Number Hot Search : 
AD637K 100R2 13005 CDRH5D28 GT23MABE AEO35K48 SA160AG 3EVKI
Product Description
Full Text Search
 

To Download IRFP3205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRFP3205 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-3p ?? n mos ?? n-channel mosfet in a to-3p plastic package.  ???? low on-resistance, fast switching.  ?? dc/dc ???? these devices are well suited for high efficiency switching dc/dc c onverters and switch mode power supplies. pin1 gate pin 2 drain pin 3 source ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning
IRFP3205 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit drain-to-source breakdown voltage v dss 55 v continuous drain current i d (t c =25 ) 110 a continuous drain current i d (t c =100 ) 80 a pulsed drain current i dm 390 a gate-to-source voltage v gss 20 v avalanche current i ar 62 a single pulse avalanche energy e as 1050 mj repetitive avalanche energy e ar 20 mj power dissipation p d (t c =25 ) 320 w operating junction and storage temperature range t j ,t stg -55 to 150 parameter symbol test conditions ? min ? typ ? max unit drain-to-source breakdown v oltage bv dss v gs =0v i d =250 a 55 v drain-to-source leakage current i dss v ds =55v v gs =0v 25 a v ds =44v v gs =0v t c =150 250 a gate-to-source forward leakage i gss v gs =20v v ds =0v 0.1 a gate threshold voltage v gs(th) v ds =v gs i d =250 a 2 4 v static drain-to-source on-resistance r ds(on) v gs =10v i d =62a 8 m ? forward transconductance g fs v ds =25v i d =62a 44 s diode forward voltage v sd v gs =0v i s =62a 1.3 v input capacitance c iss v ds =25v v gs =0v f=1mhz 3247 pf output capacitance c oss 781 reverse transfer capacitance c rss 211 turn-on delay time t d(on) v dd =28v i d =62a r g =4.5 ? 14 ns rise time t r 101 turn-off delay time t d(off) 50 fall time t f 65 ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
IRFP3205 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
IRFP3205 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
IRFP3205 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br :   ?? IRFP3205  ??? ****  ???? note: br: company code. IRFP3205:  product type. ****: lot no. code, code change with lot no. br **** IRFP3205
IRFP3205 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-3p 30 15 450 5 2250 497.5468 55516450 575 290 180 ?? / notices


▲Up To Search▲   

 
Price & Availability of IRFP3205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X