Part Number Hot Search : 
D2544 AM7438N DC608F CO55C 100302DC 74HC2 MDFB51 TA0702A
Product Description
Full Text Search
 

To Download IRFH4226PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast ir fet? IRFH4226PBF hexfet ? power mosfet base part number ? package type ? standard pack form quantity IRFH4226PBF pqfn 5mm x 6 mm tape and reel 4000 irfh4226trpbf orderable part number v dss 25 v r ds(on) max (@ v gs = 10v) 2.4 ? (@ v gs = 4.5v) 3.3 qg (typical) 16 nc i d (@t c (bottom) = 25c) 70 ?? a m ??? ? ? pqfn 5x6 mm features benefits low charge (typical 16 nc) low switching losses low r dson (<2.4 m? ) lower conduction losses low thermal resistance to pcb (<2.7 c/w) enable better thermal dissipation low profile (<0.9 mm) results in increased power density industry-standard pinout ?? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1, industrial qualification increased reliability notes ? through ? are on page 9 absolute maximum ratings ?? parameter max. units v gs gate-to-source voltage 20 v i d @ t a = 25c continuous drain current, v gs @ 10v 30 i d @ t c(bottom) = 25c continuous drain current, v gs @ 10v 110 ?? i d @ t c(bottom) = 100c continuous drain current, v gs @ 10v 69 i dm pulsed drain current ? 460? p d @t a = 25c power dissipation ? 3.4 w p d @t c(bottom) = 25c power dissipation ? 46 linear derating factor ? 0.027 w/c t j operating junction and -55 to + 150 c t stg storage temperature range a ? i d @ t c = 25c continuous drain current, v gs @ 10v (source bonding technology limited) 70?? applications ?? control mosfet for sync buck converters ?? secondary synchronous rectifier mosfet for isolated dc-dc converters 1 www.irf.com ? 2015 international rectifier submit datasheet feedback march 11, 2015
? IRFH4226PBF d s g static @ t j = 25c (unless otherwise specified) ???? parameter min. typ. max. units conditions bv dss drain-to-source breakdown voltage 25 ??? ??? v v gs = 0v, i d = 250a ? bv dss / ? t j breakdown voltage temp. coefficient ??? 21 ??? mv/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? 1.7 2.4 m ? v gs = 10v, i d = 30a ? ??? 2.6 3.3 v gs = 4.5v, i d = 30a ? v gs(th) gate threshold voltage 1.1 1.6 2.1 v v ds = v gs , i d = 50a ? v gs(th) gate threshold voltage coefficient ??? -5.7 ??? mv/c i dss drain-to-source leakage current ??? ??? 1.0 a v ds = 20v, v gs = 0v i gss gate-to-source forward leakage ??? ??? 100 na v gs = 20v gate-to-source reverse leakage ??? ??? -100 v gs = -20v gfs forward transconductance 136 ??? ??? s v ds = 10v, i d = 30a q g total gate charge ??? 32 ??? nc v gs = 10v, v ds = 13v, i d = 30a q g total gate charge ??? 16 24 q gs1 pre-vth gate-to-source charge ??? 3.6 ??? ? v ds = 13v q gs2 post-vth gate-to-source charge ??? 2.0 ??? nc v gs = 4.5v q gd gate-to-drain charge ??? 5.8 ??? ? i d = 30a q godr gate charge overdrive ??? 4.6 ??? ? q sw switch charge (q gs2 + q gd ) ??? 7.8 ??? ? q oss output charge ??? 15 ??? nc v ds = 16v, v gs = 0v r g gate resistance ??? 1.1 ??? ? ? t d(on) turn-on delay time ??? 11 ??? v dd = 13v, v gs = 4.5v t r rise time ??? 35 ??? ns i d = 30a t d(off) turn-off delay time ??? 14 ??? ? r g =1.8 ? t f fall time ??? 8.1 ??? ? c iss input capacitance ??? 2000 ??? v gs = 0v c oss output capacitance ??? 570 ??? pf v ds = 13v c rss reverse transfer capacitance ??? 150 ??? ? ? = 1.0mhz avalanche characteristics ???? parameter max. units. e as single pulse avalanche energy ? 131 mj i ar avalanche current ? 30 a diode characteristics ???? parameter min. typ. max. units conditions i s continuous source current ??? ??? 70 ?? a mosfet symbol (body diode) showing the i sm pulsed source current ??? ??? 460 ? integral reverse (body diode) ? p-n junction diode. v sd diode forward voltage ??? ??? 1.0 v t j = 25c, i s = 30a, v gs = 0v ? t rr reverse recovery time ??? 16 24 ns t j = 25c, i f = 30a, v dd = 13v q rr reverse recovery charge ??? 28 42 nc di/dt = 450a/s ? ??? parameter typ. max. units r ? jc (bottom) junction-to-case ? ??? 2.7 r ? jc (top) junction-to-case ? ??? 27 c/w r ? ja junction-to-ambient ? ??? 37 r ? ja (<10s) junction-to-ambient ? ??? 23 thermal resistance 2 www.irf.com ? 2015 international rectifier submit datasheet feedback march 11, 2015
? IRFH4226PBF fig 1. typical output characteristics fig 4. normalized on-resistance vs. temperature fig 5. typical capacitance vs. drain-to-source voltage fig 6. typical gate charge vs . gate-to-source voltage fig 3. typical transfer characteristics fig 2. typical output characteristics 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 5.5v 4.5v 4.0v 3.5v 3.25v 3.0v bottom 2.75v ? 60s pulse width tj = 25c 2.75v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 2.75v ? 60s pulse width tj = 150c vgs top 10v 5.5v 4.5v 4.0v 3.5v 3.25v 3.0v bottom 2.75v 1.0 2.0 3.0 4.0 5.0 6.0 7.0 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 10v ? 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 30a v gs = 10v 0.1 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 5 10 15 20 25 30 35 40 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 20v v ds = 13v v ds = 5.0v i d = 30a 3 www.irf.com ? 2015 international rectifier submit datasheet feedback march 11, 2015
? IRFH4226PBF fig 8. maximum safe operating area fig 7. typical source-drain diode forward voltage fig 9. maximum drain current vs. case temperature fig 10. threshold voltage vs. temperature 4 www.irf.com ? 2015 international rectifier submit datasheet feedback march 11, 2015 fig 11. maximum effective transient thermal impedance, junction-to-case 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v sd , source-to-drain voltage (v) 0.1 1 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.8 1.2 1.6 2.0 2.4 2.8 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 50a i d = 250a i d = 1.0ma i d = 10ma 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r ma l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 25 50 75 100 125 150 t c , case temperature (c) 0 25 50 75 100 125 i d , d r a i n c u r r e n t ( a ) limited by package 0.1 1 10 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse operation in this area limited by r ds (on) package limit 10msec 1msec 100sec dc
? IRFH4226PBF fig 12. on? resistance vs. gate voltage fig 13. maximum avalanche energy vs. drain current fig 14. single avalanche current vs. pulse width 2 4 6 8 10 12 14 16 18 20 v gs, gate -to -source voltage (v) 0.0 2.0 4.0 6.0 8.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ? ) i d = 30a t j = 25c t j = 125c 25 50 75 100 125 150 starting t j , junction temperature (c) 0 100 200 300 400 500 600 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 9.5a 18a bottom 30a 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 0.1 1 10 100 a v a l a n c h e c u r r e n t ( a ) allowed avalanche current vs avalanche pulsewidth, tav, assuming ?? j = 25c and tstart = 125c. allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 125c and tstart =25c (single pulse) 5 www.irf.com ? 2015 international rectifier submit datasheet feedback march 11, 2015
? IRFH4226PBF fig 15. peak diode recovery dv/dt test circuit for n-channel hexfet ? power mosfets fig 18. gate charge test circuit vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 19. gate charge waveform fig 17a. switching time test circuit fig 17b. switching time waveforms fig 16a. unclamped inductive test circuit r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v t p v (br)dss i as fig 16b. unclamped inductive waveforms vdd ? 6 www.irf.com ? 2015 international rectifier submit datasheet feedback march 11, 2015
? IRFH4226PBF note: for the most current drawing please refer to ir website at http://www.irf.com/package/ pqfn 5x6 outline "b" package details xxxx xywwx xxxxx international rectifier logo part number (?4 or 5 digits?) marking code (per marking spec) assembly site code (per scop 200-002) date code pin 1 identifier lot code (eng mode - min last 4 digits of eati#) (prod mode - 4 digits of spn code) pqfn 5x6 part marking for more information on board mounting, including footprint and stencil recommendation, please refer to application note an-1136: http://www.irf.com/technical-info/appnotes/an-1136.pdf for more information on package inspection techniques, please refer to application note an-1154: http://www.irf.com/technical-info/appnotes/an-1154.pdf 7 www.irf.com ? 2015 international rectifier submit datasheet feedback march 11, 2015
? IRFH4226PBF pqfn 5x6 tape and reel note: for the most current drawing please refer to ir website at http://www.irf.com/package/ bo w p 1 ao ko code tape dimensions reel dimensions quadrant assignments for pin 1 orientation in tape dimension design to accommodate the component width dimension design to accommodate the component lenght dimension design to accommodate the component thickness pitch between successive cavity centers overall width of the carrier tape description typ e package 5 x 6 pqfn note: all dimension are nominal diameter reel qty wid th reel (mm) ao (mm) bo (mm) ko (mm) p1 (mm) w quadrant pin 1 (inch) w1 (mm) 13 4000 12.4 6.300 5.300 1.20 8.00 12 q1 8 www.irf.com ? 2015 international rectifier submit datasheet feedback march 11, 2015
? IRFH4226PBF ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ notes: ? ? repetitive rating; pulse width limited by max. junction temperature. ? starting t j = 25c, l = 0.29mh, r g = 50 ? , i as = 30a. ? pulse width ? 400 s; duty cycle ? 2%. ? r ? is measured at t j of approximately 90c . ? when mounted on 1 inch square pcb (fr-4). please refer to an-994 for more details: http://www.irf.com/technical- info/appnotes/an-994.pdf ? calculated continuous current based on maximum allowable junction temperature. ? current is limited to 70a by source bonding technology. ? pulse drain current is limited at 280a by source bonding technology. qualification information ? ? moisture sensitivity level pqfn 5mm x 6mm msl1 (per jedec j-std-020d ??) rohs compliant yes qualification level ? industrial ? (per jedec jesd47f ?? guidelines) ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release. revision history date comments 03/11/15 ? ?? updated package outline and tape and reel on pages 7 and 8. 9 www.irf.com ? 2015 international rectifier submit datasheet feedback march 11, 2015


▲Up To Search▲   

 
Price & Availability of IRFH4226PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X