Part Number Hot Search : 
MC144 HFW50N06 GCM1885C 06780 T350507 24NBP T350507 24NBP
Product Description
Full Text Search
 

To Download IMD9AT108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  emd9 / umd9n / imd9a npn + pnp complex digital transistors (bias resistor built-in transistors) l outline l inner circuit l features 1) both the dtc114y chip and dta114y chip in one package. 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit). 3) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) lead free/rohs compliant. l application inverter circuit, interface circuit, driver circuit l packaging specifications parameter value emt6 umt6 v cc 50v i c(max.) 100ma r 2 47k w r 1 10k w part no. package package size (mm) taping code reel size (mm) tape width (mm) basic ordering unit (pcs) marking r 2 47k w i c(max.) - 100ma 8,000 d9 umd9n umt6 2021 tr 180 8 3,000 d9 emd9 emt6 1616 t2r 180 8 3,000 d9 imd9a smt6 2928 t108 180 8 r 1 10k w smt6 parameter value v cc - 50v emd9 (sc - 107c) imd9a sot - 457 (sc - 74) (3) (2) (1) (4) (5) (6) (1) (2) (3) (6) (5) (4) umd9n sot - 353 (sc - 88) (1) (2) (3) (6) (5) (4) emd9 / umd9n imd9a out (6) (2) in (1) gnd (3) out in (5) gnd (4) dtr1 dtr2 r 2 r 1 r 1 r 2 out (4) (2) in (3) gnd (1) out in (5) gnd (6) dtr1 dtr2 r 1 r 2 r 2 r 1 1/8 2013.07 - rev.e datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved.
emd9 / umd9n / imd9a l absolute maximum ratings (ta = 25 ? c) l electrical characteristics (ta = 25c) l electrical characteristics (ta = 25c) *1 characteristics of built-in transistor *2 each terminal mounted on a reference footprint *3 120mw per element must not be exceeded. *4 200mw per element must not be exceeded. parameter symbol dtr1(npn) dtr2(pnp) unit supply voltage v cc 50 - 50 v input voltage v in - 6 to + 40 - 40 to + 6 v output current i o 70 - 70 ma collector current i c(max.) *1 100 - 100 ma power dissipation emd9 / umd9n p d *2 150 (total) *3 mw range of storage temperature t stg - 55 to + 150 c min. typ. max. unit imd9a 300 (total) *4 mw junction temperature t j 150 c - 7 10 13 k w 68 - - ma - - 0.5 m a - - 0.88 min. typ. max. unit - - 250 - mhz 3.7 4.7 5.7 - 7 10 13 k w 68 - - ma - - - 0.5 m a - - - 0.88 - - 250 - mhz 3.7 4.7 5.7 resistance ratio r 2 /r 1 - transition frequency f t *1 v ce = - 10v, i e = 5ma f = 100mhz v v i(on) v o = 0.3v, i o = 1ma output voltage v o(on) i o / i i = 5ma / 0.25ma v input current i i v i = 5v - 0.1 0.3 1.4 - - - - 0.3 input voltage v i(off) v cc = 5v, i o = 100 m a f t *1 v ce = 10v, i e = - 5ma f = 100mhz parameter symbol conditions parameter symbol conditions output current i o(off) v cc = 50v, v i = 0v dc current gain g i v o = 5v, i o = 5ma input resistance r 1 - resistance ratio r 2 /r 1 - transition frequency v v i(on) v o = - 0.3v, i o = - 1ma output voltage v o(on) i o / i i = - 5ma / - 0.25ma v input current i i v i = - 5v - - 0.1 - 0.3 - 1.4 - - - - - 0.3 input voltage v i(off) v cc = - 5v, i o = - 100m a output current i o(off) v cc = - 50v, v i = 0v dc current gain g i v o = - 5v, i o = - 5ma input resistance r 1 - 2/8 2013.07 - rev.e www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet
emd9 / umd9n / imd9a l electrical characteristic curves (ta = 25c) fig.4 dc current gain vs. output current fig.1 input voltage vs. output current (on characteristics) input voltage : v i(on) [v] output current : i o [a] fig.2 output current vs. input voltage (off characteristics) output current : i o [a] input voltage : v i(off) [v] fig.3 output current vs. output voltage output current : i o [ma ] output voltage : v o [v] dc current gain : g i output current : i o [a] 0 10 20 30 40 50 60 70 0 5 10 250 m a 0a 300 m a 350 m a 200 m a 150 m a 100 m a i i = ta=25oc 50 m a 3/8 2013.07 - rev.e www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet
emd9 / umd9n / imd9a l electrical characteristic curves (ta = 25c) l electrical characteristic curves (ta = 25c) fig.5 output voltage vs. output current output voltage : v o(on) [v] output current : i o [a] fig.6 input voltage vs. output current (on characteristics) input voltage : v i(on) [v] output current : i o [a] fig.7 output current vs. input voltage (off characteristics) output current : i o [a] input voltage : v i(off) [v] 4/8 2013.07 - rev.e www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet
emd9 / umd9n / imd9a l electrical characteristic curves (ta = 25c) fig.9 dc current gain vs. output current fig.8 output current vs. output voltage output current : i o [ma ] output voltage : v o [v] dc current gain : g i output current : i o [a] fig.10 output voltage vs. output current output voltage : v o(on) [v] output current : i o [a] 0 -10 -20 -30 -40 -50 -60 -70 0 -5 -10 - 250 m a 0a - 300 m a - 350 m a - 400 m a - 450 m a - 500 m a - 200 m a - 100 m a i i = - 150 m a - 50 m a ta=25oc 5/8 2013.07 - rev.e www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet
emd9 / umd9n / imd9a l dimensions (unit : mm) dimension in mm / inches emt6 pattern of terminal position areas [not a recommended pattern of soldering pads] 6/8 2013.07 - rev.e www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet b d e lp lp e h e l l x s a a c a1 a y s s e1 b2 l1 e min max min max a 0.45 0.55 0.018 0.022 a1 0.00 0.10 0.000 0.004 b 0.17 0.27 0.007 0.011 c 0.08 0.18 0.003 0.007 d 1.50 1.70 0.059 0.067 e 1.10 1.30 0.043 0.051 e h e 1.50 1.70 0.059 0.067 l 0.10 0.30 0.004 0.012 lp - 0.35 - 0.014 x - 0.10 - 0.004 y - 0.10 - 0.004 min max min max b2 - 0.37 - 0.015 e1 l1 - 0.45 - 0.018 dim milimeters inches 0.50 0.020 dim milimeters inches 1.25 0.049
emd9 / umd9n / imd9a l dimensions (unit : mm) dimension in mm / inches umt6 pattern of terminal position areas [not a recommended pattern of soldering pads] 7/8 2013.07 - rev.e www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet e x s a a e h e d b c q a3 l1 lp y s a1 e1 b2 l1 e a s min max min max a 0.80 1.00 0.031 0.039 a1 0.00 0.10 0.000 0.004 a3 b 0.15 0.30 0.006 0.012 c 0.10 0.20 0.004 0.008 d 1.90 2.10 0.075 0.083 e 1.15 1.35 0.045 0.053 e h e 2.00 2.20 0.079 0.087 l1 0.20 0.50 0.008 0.020 lp 0.25 0.55 0.010 0.022 q 0.10 0.30 0.004 0.012 x - 0.10 - 0.004 y - 0.10 - 0.004 min max min max b2 - 0.40 - 0.016 e1 l1 - 0.65 - 0.026 1.55 0.061 dim milimeters inches 0.25 0.010 0.65 0.026 dim milimeters inches
emd9 / umd9n / imd9a l dimensions (unit : mm) dimension in mm / inches smt6 pattern of terminal position areas [not a recommended pattern of soldering pads] 8/8 2013.07 - rev.e www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet e e d e h b x s a a c q a3 l1 lp a1 a s y s e1 e l1 b2 min max min max a 1.00 1.30 0.039 0.051 a1 0.00 0.10 0.000 0.004 a3 b 0.25 0.40 0.010 0.016 c 0.09 0.25 0.004 0.010 d 2.80 3.00 0.110 0.118 e 1.50 1.80 0.059 0.071 e h e 2.60 3.00 0.102 0.118 l1 0.30 0.60 0.012 0.024 lp 0.40 0.70 0.016 0.028 q 0.20 0.30 0.008 0.012 x - 0.20 - 0.008 y - 0.10 - 0.004 min max min max b2 0.60 - 0.024 e1 l1 - 0.90 - 0.035 2.10 0.083 dim milimeters inches 0.25 0.010 0.95 0.037 dim milimeters inches
r1102 a www.rohm.com ? 2013 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes the information contained herein is subject to change without notice. before you use our products, please contact our sales representative and verify the latest specifica- tions : although rohm is continuously working to improve product reliability and quality, semicon- ductors can break down and malfunction due to various factors. therefore, in order to prevent personal injury or fire arising from failure, please take safety measures such as complying with the derating characteristics, implementing redundant and fire prevention designs, and utilizing backups and fail-safe procedures. rohm shall have no responsibility for any damages arising out of the use of our poducts beyond the rating specified by rohm. examples of application circuits, circuit constants and any other information contained herein are provided only to illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm or any other parties. rohm shall have no responsibility whatsoever for any dispute arising out of the use of such technical information. the products are intended for use in general electronic equipment (i.e. av/oa devices, communi- cation, consumer systems, gaming/entertainment sets) as well as the applications indicated in this document. the products specified in this document are not designed to be radiation tolerant. for use of our products in applications requiring a high degree of reliability (as exemplified below), please contact and consult with a rohm representative : transportation equipment (i.e. cars, ships, trains), primary communication equipment, traffic lights, fire/crime prevention, safety equipment, medical systems, servers, solar cells, and power transmission systems. do not use our products in applications requiring extremely high reliability, such as aerospace equipment, nuclear power control systems, and submarine repeaters. rohm shall have no responsibility for any damages or injury arising from non-compliance with the recommended usage conditions and specifications contained herein. rohm has used reasonable care to ensur the accuracy of the information contained in this document. however, rohm does not warrants that such information is error-free, and rohm shall have no responsibility for any damages arising from any inaccuracy or misprint of such information. please use the products in accordance with any applicable environmental laws and regulations, such as the rohs directive. for more details, including rohs compatibility, please contact a rohm sales office. rohm shall have no responsibility for any damages or losses resulting non-compliance with any applicable laws or regulations. when providing our products and technologies contained in this document to other countries, you must abide by the procedures and provisions stipulated in all applicable export laws and regulations, including without limitation the us export administration regulations and the foreign exchange and foreign trade act. this document, in part or in whole, may not be reprinted or reproduced without prior consent of rohm. 1) 2) 3) 4) 5) 6) 7) 8) 9) 10) 11) 12) 13) 14)


▲Up To Search▲   

 
Price & Availability of IMD9AT108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X