* all specifications are subject to change w ithout notice. designed for rugged excellence v 1.0 introduction features ? high speed air connectivity: wlan interface support up to 1.3g bps link speed ? highly security capability: wep/wpa/wpa - psk(tkip,aes)/ wpa2/wpa2 - psk(tkip,aes)/802.1x authentication supported ? support x - roaming < 6 0 ms ? support wirel ess load balance ? s upport mac filter ? support long distance air connectivity ? provide digital input and digital output ? support ap/ client mode ? support multiple - ssid to 4 ssid ? switch mode supported: daisy chain support to reduce usage of switch ports ? wireless c onnecting status monitoring ? secured management by https ? event warning by syslog, email, snmp trap, relay and beeper ? rigid ip - 30 housing design ? din - rail and wall - mount enabled igap - 820 series is a reliable wlan access point with 2 ether net gigabit ports and ieee 80 2.11 ac /g/n wireless module . it can be configured to operate in ap/ client mode. you are able to configure igap - 820 / igap - 820 + by web interface via la n port or wlan interface. igap - 820 series provides dual ethernet ports in s witch mode, so that you can use daisy chain to reduce the usage of ethernet switch ports. in addition, igap - 820 + also provides p . d . feature on eth2 port which is fully compliant with ieee802.3af p o e p . d . specification . therefore, igap - 820 series is one of the best communication solutions for wireless application s on the industrial network. igap - 8 20 / igap - 820+ industrial ieee 802.11 a c /g /n wireless access point with 2x 10/ 100/1000 base - t(x)
* all specifications are subject to change w ithout notice. designed for rugged excellence v 1.0 application in practical operation of wireless access poi nt, windows utility ( open - vision ) is supported. this utility is very helpful for you to search and c onfigure ip of access point on the industrial network. in addition, the wireless access point support various kinds of operation modes include ap/ client mode . you can build up the wireless network easily pin 1 2 3 4 5 function di1 di2 di3 di4 com pin 1 2 3 4 5 function do1 do2 do3 do4 gnd di/do definition digital input pin definition digital output pin definition dimensio n
* all specifications are subject to change w ithout notice. designed for rugged excellence v 1.0 specifications oring wlan access point model igap - 820 igap - 820 + physical ports 10/ 100 /1000 base - t(x) ports in rj45 auto mdi/mdix 2 5 - pin terminal block 2(di x 4 and do x 4) : dry contact: on: short to gnd , off: open wet contact (di to com/gnd) : on: 0 to 3vdc , off: 10 to 30vdc antenna connector 3 poe p.d port - present at eth2 fully compliant with ieee 802.3af power d evice specification over load & short circuit protection isolation voltage: 1000 vdc min. isolation resistance : 10 8 oh ms min wlan interface operating mode ap/ client antenna connector reverse sma female modulation ieee802.11 a : of dm ieee802.11b: cck / dqpsk / dbpsk ieee802.11g: of dm ieee 802.11n: bpsk, qpsk, 16 - qam, 64 - qam ieee 802. 11ac: bpsk, qpsk, 16 - qam, 64 - qam, 256 - qam frequency band america/fcc: 2. 412~2.462 ghz 5.1 80~ 5. 240 ghz & 5. 745~ 5. 825 ghz europe ce/etsi: 2.412~2.472 g h z 5.180~ 5. 240 ghz transmission rate 802.11b: 11, 5.5, 2, 1 mbps; 802.11g: 54, 48, 36, 24, 18, 12, 9, 6 m bps 802.11n: up to 450 mbps 802.11ac : up to 1.3gbps transmit power 802.11 a : 15 dbm 2 dbm@54mbps 802.11b: 1 8 dbm 2 dbm@11mbps 802.11g: 1 5 dbm 2 dbm@54mbps 802.11gn ht20 : 1 3 dbm 2 dbm @mcs7 802.11gn ht40 : 1 3 dbm 2 dbm @m cs7 802.11 a n ht20 : 1 3 dbm 2 dbm @mcs7 802.11 a n ht40 : 1 2 dbm 2 dbm @mcs7 802.11 ac vht80 : 1 0 dbm 2dbm @mcs9 receiver sensitivity 802.11 a : - 65 dbm 2dbm @ 54 mbps 802.11b : - 76 dbm 2dbm @11mbps 802.11g : - 65 dbm 2dbm @54mbps 802.11 g n ht20 : - 64 dbm 2dbm @ mcs 7 8 02.11 g n ht40: - 61 dbm 2dbm @ mcs 7 802.11 a n ht20 : - 64 dbm 2dbm @ mcs 7 802.11 a n ht40: - 61 dbm 2dbm @ mcs 7 802.11 ac vht80: - 51 dbm 2dbm @ mcs 9 encryption security wep : (64 - bit ,128 - bit key ) wpa / wpa2 psk : tkip and aes encryption (802.11i) 802.1x /radius authentication supported wireless security ssid broadcast disable and enable protocol support protocol arp,bootp, dhcp, dns, http, ip, icmp, sntp, tcp, udp, radius, snmp, stp , rstp led i ndicators power i ndicator 3 x leds, pwr1(2)(poe)/ready: red on : power is on and booting up green on : power is on and functioning normal
* all specifications are subject to change w ithout notice. designed for rugged excellence v 1.0 10/ 100 /1000 base - t ( x ) rj45 p or t i ndicator 2 x leds, green for port link/act at 10 0 0mbps amber for port link/act at 10 0 mbps. wlan led green solid on: rf on, blink : data transmitting green for w lan strength: 1<25%, 2<50%, 3<75%, 4<100% fault 1 x led, red for ethernet link down or power down indicator fault contact relay relay output to carry capacity of 1a at 24vdc power redundant input p ower dual dc inputs. 12 ~ 48vdc on 6 - pin terminal bloc k power c onsumption (typ.) 7.5w 8.5w overload c urrent p rotection present reverse polarity p rotection present on terminal block physical characteristic enclosure ip - 30 dimension (w x d x h) 74.3 (w) x 109.2 (d) x 153.6 (h) mm ( 2.93 x 4. 3 x 6.05 inch.) weight (g) 1150 1155 environmental storage temperature - 40 to 85 o c ( - 40 to 185 o f ) operating temperature - 25 to 7 0 o c ( - 1 3 to 1 58 o f) operating humidity 5% to 95% non - condensing regulatory a pprovals emi fcc part 15, cispr (en55022) class a ems en6100 0 - 4 - 2 (esd), en61000 - 4 - 3 (rs), en61000 - 4 - 4 (eft), en61000 - 4 - 5 (surge), en61000 - 4 - 6 (cs), en61000 - 4 - 8, en61000 - 4 - 11 shock iec60068 - 2 - 27 free fall iec60068 - 2 - 32 vibration iec60068 - 2 - 6 safety en60950 - 1 warranty 5 years ordering information i g a p - a b 0 c code definition wireless mode 10/ 100 /1000 base - t(x) port number poe identification option - 1 : 802.11 b/g - 2 : 802.11 a - 3 : 802.11 a/ b/g - 4 : 802.11 b/g /n - 5 : 802.11 a/n - 6 : 802.11 a/ b/g /n - 8 : 802.11 ac /g /n - " 2 ": 2 ports - "+": p o e p . d . present at eth2 available model model name description igap - 820 _us industrial ieee 802.11 ac /g /n wireless access point with 2 x 10/ 100 /1000 base - t(x), us band
* all specifications are subject to change w ithout notice. designed for rugged excellence v 1.0 igap - 820 _eu industrial ieee 802.11 ac /g /n wireless access point with 2x 10/ 100 /1000 base - t(x), eu band igap - 820 +_us industrial ieee 802.11 ac /g /n wireless access po int with 2x 10/ 100 /1000 base - t(x), 1 - port poe p.d, us band igap - 820 +_eu industrial ieee 802.11 ac /g /n wireless access point with 2x 10/ 100 /1000 base - t(x), 1 - port poe p.d, eu band packing list o optional accessories o ? igap - 820/igap - 820+ x 1 ? antenna x 3 ? 6 - pin terminal block x 1 ? ? quick installation guide x 1 ? wall - mount kit x 2 ? dust cover x 2 ? ? cd x 1 ? din - rail kit x 1 ? 5 - pin terminal block x 2 ? ? dr - 45 series : 45 watts power supply ? dr - 120 series : 120 watts power supply ? rf antenna base (magnetic) series ? dr - 75 series : 75 watts power suppl y ? wlan rf antenna (omni - directional) series ? rf cable series
|