Part Number Hot Search : 
22101 APA354 ADVANCED 2A103K BCR116F 324004P A224M MSB92W
Product Description
Full Text Search
 

To Download HMOV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 description features agency approvals absolute maximum ratings ? see device ratings and specifcations chart for ratings of individual members of a series. agency agency approval agency file number ul1449 e320116 iec 60950-1(annex q) iecq cs 042200 gb 0001 iecq-c bsi 15.0013 e1291/f caution: stresses above those listed in "absolute maximum ratings" may cause permanent damage to the device. this is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specifcation is not implied. HMOV tm varistor series ohs low voltage series units continous: steady state applied voltage: ac voltage range (v m(ac)rms ) 11 to 625 v dc voltage range (v m(dc) ) 14 to 825 v transient: non-repetitive surge current, 8/20s waveform (i tm ) 800 to 10,000 a non-repetitive energy capability, 2ms waveform (w tm ) 0.8 to 150 j operating ambient temperature range (t a ) -55 to +125 c storage temperature range (t stg ) -55 to +150 c temperature coefficient ( v) of clamping voltage (v c ) at specified test current < 0.01% c hi-pot encapsulation (isolation voltage capability) 2500 v silicone coating insulation resistance >1,000 m? ? high operating temperature combined with high isolation voltage capability: 125c and 2500v, respectively ? high surge current withstanding capability up to 10ka (8/20s pulse) ? complies with 1000 cycle, -55c to 125c, thermal shock cycling test ? wide operating voltage range ? three disc sizes available: 10mm, 14mm, and 20mm ? lead-free, halogen-free, and rohs compliant applications ? led lighting ? security system (fre alarm or smoke detector) ? solar power inverter ? automation control ? power supply unit (outdoor and industrial) the HMOV tm varistor series is specifcally designed for applications requiring high surge energy absorption and high operating temperature of 125c. the maximum peak surge current is rated up to 10ka (8/20s pulse) to protect against indirect lightning strikes, switching surge transients, and abnormally fast transients. additional information datasheet ales resources metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 note: 1. average power dissipation of transients not to exceed 0.4w, 0.6w or 1w for model sizes 10mm, 14mm, and 20mm, respectively. HMOV tm series device ratings and specifcations silicone coated models size disc dia. (mm) maximum rating (125 c) specifcations (25 c) max continuous voltage max peak current (8/20s) energy rating (2ms, 1 pulse) varistor voltage at 1ma maximum clamping voltage (8 x 20s) typical capacitance f = 1mhz v m(ac) rms v m(dc) i tm 1 x pulse i tm 2 x pulses w tm v nom min v nom max v c i pk c part number (base part) branding (v) (v) (a) (a) (j) (v) (v) (v) (a) (pf) v10h11p p10h11 10 11 14 1500 800 4.2 16.2 19.8 36 5 5450 v14h11p p14h11 14 11 14 3000 1800 8 16.2 19.8 36 10 12000 v20h11p p20h11 20 11 14 5000 3000 25 16.2 19.8 36 20 26000 v10h14p p10h14 10 14 18 1500 800 5 19.8 24.2 43 5 4650 v14h14p p14h14 14 14 18 3000 1800 10 19.8 24.2 43 10 10200 v20h14p p20h14 20 14 18 5000 3000 28 19.8 24.2 43 20 22200 v10h17p p10h17 10 17 22 1500 800 6.5 24.3 29.7 53 5 3900 v14h17p p14h17 14 17 22 3000 1800 13 24.3 29.7 53 10 8700 v20h17p p20h17 20 17 22 5000 3000 35 24.3 29.7 53 20 18750 v10h20p p10h20 10 20 26 1500 800 10 29.7 36.3 65 5 3400 v14h20p p14h20 14 20 26 3000 1800 20 29.7 36.3 65 10 7500 v20h20p p20h20 20 20 26 5000 3000 58 29.7 36.3 65 20 15000 v10h23p p10h23 10 23 28 1500 800 12 32.4 39.6 71 5 3200 v14h23p p14h23 14 23 28 3000 1800 23 32.4 39.6 71 10 7000 v20h23p p20h23 20 23 28 5000 3000 70 32.4 39.6 71 20 14000 v10h25p p10h25 10 25 31 1500 800 13 35.1 42.9 77 5 2900 v14h25p p14h25 14 25 31 3000 1800 25 35.1 42.9 77 10 6200 v20h25p p20h25 20 25 31 5000 3000 77 35.1 42.9 77 20 13500 v10h30p p10h30 10 30 38 1500 800 15.5 42.3 51.7 93 5 2550 v14h30p p14h30 14 30 38 3000 1800 32 42.3 51.7 93 10 5550 v20h30p p20h30 20 30 38 5000 3000 90 42.3 51.7 93 20 12000 v10h35p p10h35 10 35 45 1500 800 20 50.4 61.6 110 5 2200 v14h35p p14h35 14 35 45 3000 1800 40 50.4 61.6 110 10 5000 v20h35p p20h35 20 35 45 5000 3000 115 50.4 61.6 110 20 10500 v10h40p p10h40 10 40 56 1500 800 25 61.2 74.8 135 5 1850 v14h40p p14h40 14 40 56 3000 1800 50 61.2 74.8 135 10 4000 v20h40p p20h40 20 40 56 5000 3000 140 61.2 74.8 135 20 8500 v10h50p p10h50 10 50 65 3500 3000 20 73.8 90.2 135 25 1400 v14h50p p14h50 14 50 65 6500 5000 40 73.8 90.2 145 50 3000 v20h50p p20h50 20 50 65 10000 7000 80 73.8 90.2 145 100 6000 v10h60p p10h60 10 60 85 3500 3000 24 90 110 165 25 1200 v14h60p p14h60 14 60 85 6500 5000 50 90 110 175 50 2500 v20h60p p20h60 20 60 85 10000 7000 100 90 110 175 100 5200 v10h75p p10h75 10 75 100 3500 3000 29 108 132 200 25 110 0 v14h75p p14h75 14 75 100 6500 5000 60 108 132 210 50 2300 v20h75p p20h75 20 75 100 10000 7000 120 108 132 210 100 4800 v10h95p p10h95 10 95 125 3500 3000 36 135 165 250 25 800 v14h95p p14h95 14 95 125 6500 5000 75 135 165 250 50 1700 v20h95p p20h95 20 95 125 10000 7000 150 135 165 250 100 3700 v10h115p p10h115 10 115 153 3500 3000 30 162 198 300 25 465 v14h115p p14h115 14 115 153 6500 5000 50 162 198 300 50 119 0 v20h115p p20h115 20 115 153 10000 7000 120 162 198 300 100 2400 v10h130p p10h130 10 130 170 3500 3000 40 184.5 225.5 340 25 450 v14h130p p14h130 14 130 170 6500 5000 60 184.5 225.5 340 50 1000 v20h130p p20h130 20 130 170 10000 7000 145 184.5 225.5 340 100 1900 v10h140p p10h140 10 140 180 3500 3000 45 198 242 360 25 400 metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 note: 1. average power dissipation of transients not to exceed 0.4w, 0.6w or 1w for model sizes 10mm, 14mm, and 20mm respectively.. HMOV tm series device ratings and specifcations maximum rating (125 c) specifcations (25 c) silicone coated models size disc dia. (mm) max continuous voltage max peak current (8/20s) energy rating (2ms, 1 pulse) varistor voltage at 1ma maximum clamping voltage (8 x 20s) typical capacitance f = 1mhz v m(ac) rms v m(dc) i tm 1 x pulse i tm 2 x pulses w tm v nom min v nom max v c i pk c part number (base part) branding (v) (v) (a) (a) (j) (v) (v) (v) (a) (pf) v14h140p p14h140 14 140 180 6500 5000 65 198 242 360 50 900 v20h140p p20h140 20 140 180 10000 7000 155 198 242 360 100 1750 v10h150p p10h150 10 150 200 3500 3000 50 216 264 395 25 360 v14h150p p14h150 14 150 200 6500 5000 70 216 264 395 50 800 v20h150p p20h150 20 150 200 10000 7000 165 216 264 395 100 1600 v10h175p p10h175 10 175 225 3500 3000 55 243 297 455 25 350 v14h175p p14h175 14 175 225 6500 5000 80 243 297 455 50 700 v20h175p p20h175 20 175 225 10000 7000 180 243 297 455 100 1400 v10h230p p10h230 10 230 300 3500 3000 60 324 396 595 25 250 v14h230p p14h230 14 230 300 6500 5000 105 324 396 595 50 550 v20h230p p20h230 20 230 300 10000 7000 225 324 396 595 100 110 0 v10h250p p10h250 10 250 320 3500 3000 65 351 429 650 25 220 v14h250p p14h250 14 250 320 6500 5000 115 351 429 650 50 500 v20h250p p20h250 20 250 320 10000 7000 240 351 429 650 100 1000 v10h275p p10h275 10 275 350 3500 3000 70 387 473 710 25 200 v14h275p p14h275 14 275 350 6500 5000 130 387 473 710 50 450 v20h275p p20h275 20 275 350 10000 7000 260 387 473 710 100 900 v10h300p p10h300 10 300 385 3500 3000 75 423 517 775 25 180 v14h300p p14h300 14 300 385 6500 5000 140 423 517 775 50 400 v20h300p p20h300 20 300 385 10000 7000 290 423 517 775 100 800 v10h320p p10h320 10 320 420 3500 3000 80 459 561 840 25 170 v14h320p p14h320 14 320 420 6500 5000 150 459 561 840 50 380 v20h320p p20h320 20 320 420 10000 7000 320 459 561 840 100 750 v10h385p p10h385 10 385 505 3500 3000 85 558 682 1025 25 160 v14h385p p14h385 14 385 505 6500 5000 175 558 682 1025 50 360 v20h385p p20h385 20 385 505 10000 7000 325 558 682 1025 100 700 v10h420p p10h420 10 420 560 3500 3000 90 612 74 8 112 0 25 140 v14h420p p14h420 14 420 560 6500 5000 185 612 74 8 112 0 50 300 v20h420p p20h420 20 420 560 10000 7000 330 612 74 8 112 0 100 600 v10h440p p10h440 10 440 585 3500 3000 95 643.5 786.5 118 0 25 130 v14h440p p14h440 14 440 585 6500 5000 185 643.5 786.5 118 0 50 260 v20h440p p20h440 20 440 585 10000 7000 340 643.5 786.5 118 0 100 500 v10h460p p10h460 10 460 615 3500 3000 95 675 825 1240 25 120 v14h460p p14h460 14 460 615 6500 5000 190 675 825 1240 50 220 v20h460p p20h460 20 460 615 10000 7000 370 675 825 1240 100 400 v10h510p p10h510 10 510 670 3500 3000 98 738 902 1355 25 110 v14h510p p14h510 14 510 670 6500 5000 205 738 902 1355 50 200 v20h510p p20h510 20 510 670 10000 7000 410 738 902 1355 100 350 v10h550p p10h550 10 550 74 5 3500 3000 98 819 1001 1500 25 100 v14h550p p14h550 14 550 74 5 6500 5000 210 819 1001 1500 50 180 v20h550p p20h550 20 550 74 5 10000 7000 450 819 1001 1500 100 300 v10h625p p10h625 10 625 825 3500 3000 110 900 110 0 1650 25 90 v14h625p p14h625 14 625 825 6500 5000 235 900 110 0 1650 50 160 v20h625p p20h625 20 625 825 10000 7000 490 900 110 0 1650 100 250 metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 maximum clamping voltage for 10mm parts v10x11p - v10x40p maximum clamping voltage for 14mm parts v14x11p - v14x40p maximum clamping voltage for 20mm parts v20x11p - v20x40p v v v v v v mmm vo (v) mmm m vo m () v v v v v v v v v mo mmm vo (v) m () v v v v v v v v v mmm m vo mo m () mmm vo (v) v v v v v v v v v mmm m vo mo m vo o v v mmm vo (v) m () mmm m vo mo v v v v v v v v v v v mmm vo (v) m () m vo o m vo o m vo o m vo o mmm m vo mo v v v v v v v v v v v v v v v mmm vo (v) mmm m vo m () v v v v v v v v v mo mmm vo (v) m () v v v v v v v v v mmm m vo mo m () mmm vo (v) v v v v v v v v v mmm m vo mo m vo o v v mmm vo (v) m () mmm m vo mo v v v v v v v v v v v mmm vo (v) m () m vo o m vo o m vo o m vo o mmm m vo mo v v v v v v v v v v v v v v v mmm vo (v) mmm m vo m () v v v v v v v v v mo mmm vo (v) m () v v v v v v v v v mmm m vo mo m () mmm vo (v) v v v v v v v v v mmm m vo mo m vo o v v mmm vo (v) m () mmm m vo mo v v v v v v v v v v v mmm vo (v) m () m vo o m vo o m vo o m vo o mmm m vo mo v v v v v v v v v ss s figure 1. current , energy and po wer der a ting cur ve 10 0 90 80 70 60 50 40 30 20 10 0 -55 50 60 70 80 90 10 01 10 12 01 30 14 01 50 ambient temper a ture ( o c) percent of ra ted v alue t 1 t 2 10 0 50 0 o 1 time percent of peak v alue o 1 = vir tu al origin of wa ve t 1 = vir tu al fr ont time = 1 .25 x t (impulse dur a tion) t = time fr om 1 0% to 90% of peak t 2 = vir tu al time to half v alue example: for an 8/20 s current wa veform 8s = t 1 = vir tu al fr ont time 20 s = t 2 = vir tu al time to half v alue figure 2. peak pulse current tes t wa veform for clamping vo lta ge t peak pulse current test waveform for clamping voltage 0 1 = virtual origin of wave t = time from 10% to 90% of peak t 1 = rise time = 1.25 x t t 2 = decay time example - for an 8/20s current waveform: 8s = t 1 = rise time 20s = t 2 = decay time note: the peak surge current and energy ratings must be reduced for applications exceeding 125oc ambient temperature. metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 maximum peak vo l ts (v) peak amperes (a) 10 -2 10 -1 10 0 10 1 10 2 10 3 10 -3 maximum clamping vo lt a ge model size 1 4mm 4,0 00 3,0 00 2,0 00 1,0 00 90 0 80 0 70 0 60 0 50 0 40 0 30 0 20 0 10 0 10 4 v1 4x95p v1 4x1 15 p v1 4x75p v1 4x60p v1 4x50p v14x50p - v14x1 15p 10000 1000 100 10 -6 10 -5 10 -4 0.001 0.01 0.11 10 100 1000 10000 peak current (a) maximum peak vo lt a ge (v) 10000 1000 100 10 -6 10 -5 10 -4 0.001 0.01 0.11 10 100 1000 10000 peak current (a) maximum peak vo lt a ge (v) model size = 10mm t a = -55 o c to 85 o c 130 to 625v m( ac ) ra ting maximum leaka ge maximum clamp vo lt ag e 625 460 440 385 230 250 275 300 320 175 150 140 130 420 550 510 maximum peak vo l ts (v) peak amperes (a) 10 -2 10 -1 10 0 10 1 10 2 10 3 10 -3 maximum clamping vo lt a ge model size 10 mm 4,0 00 3,0 00 2,0 00 1,0 00 90 0 80 0 70 0 60 0 50 0 40 0 30 0 20 0 10 0 10 4 v1 0x95p v1 0x1 15 p v1 0x75p v1 0x60p v1 0x50p v1 0x50p - v1 0x1 15p maximum clamping voltage for 10mm parts maximum clamping voltage for 20mm parts maximum clamping voltage for 10mm parts maximum clamping voltage for 14mm parts maximum clamping voltage for 20mm parts maximum clamping voltage for 14mm parts 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 4 10 3 1,0 00 50 0 30 0 20 0 30 peak amperes (a) maximum peak vo l ts (v) v20x50p maximum clamping vo lt a ge model size 20m m v20x95p v20x1 15 p v20x75p 10 0 50 v20x60p v20x50p - v20x115p v10x130p - v10x625p v14x130p - v14x625p v20x130p - v20x625p 10000 1000 100 10 -6 10 -5 10 -4 0.001 0.01 0.11 10 1001 00 01 0000 peak current (a) maximum peak vo lt age (v ) model size = 14mm t a = -55 o c to 85 o c 130 to 625v m( ac ) ra ting maximum leaka ge maximum clamp vo lt ag e 625 460 440 385 230 250 275 300 320 175 150 140 130 420 550 510 metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 note: if pulse ratings are exceeded, a shift of v n(dc) (at specifed current) of more then +/-10% could result. this type of shift, which normally results in a decrease of v n(dc) , may result in the device not meeting the original published specifcations, but does not prevent the device from continuing to function, and to provide ample protection. repetitive surge capability for 10mm parts v10x11p - v10x40p repetitive surge capability for 14mm parts v14x11p - v14x40p repetitive surge capability for 20mm parts v20x11p - v20x40p maximum clamping voltage 10mm parts v10x115p - v10x625p metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 repetitive surge capability for 10mm parts repetitive surge capability for 20mm parts repetitive surge capability for 14mm parts repetitive surge capability for 14mm parts repetitive surge capability for 20mm parts v10x50p - v10x95p v20x50p - v20x95p v14x50p - v14x95p v14x115p - v14x625p v20x115p - v20x625p surge current (a ) impulse duration (s) 1 10 10 0 10 00 10 000 10 10 01 00 01 0 000 1x 2x 15x 10 2 x 10 3 x 10 4 x 10 5 x 10 6 x surge current (a ) impulse duration (s) 1 10 10 0 10 00 10 000 10 10 01 00 01 0 000 1x 2x 15x 10 2 x 10 3 x 10 4 x 10 5 x surge current (a ) impulse duration (s) 1 10 10 0 10 00 10 000 10 10 01 00 01 0 000 1 2 10 2 10 3 10 4 15 surge current (a ) impulse duration (s) 1 10 10 0 10 00 10 000 10 10 01 00 01 0 000 1x 2x 15x 10 2 x 10 3 x 10 4 x 10 5 x metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 humidity aging +85c, 85% rh,1500 hours +/-10% typical voltage change thermal shock -55c to +125c, 1000 cycles +/-10% typical voltage change solvent resistance milCstdC202, method 215 moisture sensitivity level 1, jCstdC020 lead material copper clad steel wire soldering characteristics solderability per milCstdC202, method 208 insulating material cured, silicone meets ul94vC0 requirements device labeling marked with lf, voltage and date code physical specifcations environmental specifcations wave solder profle 0 50 100 150 200 250 300 00 .5 11 .5 22 .5 33 .5 4 tim e (mi nute s) te mper at ure (o c) ma xi mu m wa ve 24 0c leadCfree profle 0 50 100 150 200 250 300 00 .5 11 .5 22 .5 33 .5 4 time (mi nute s) t emperat ure (o c) ma xi mu m wa ve 26 0c non leadCfree profle metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 product dimensions (mm) dimen-sion v rms voltage model 10mm size 14mm size 20mm size min. mm (in) max. mm (in) min. mm (in) max. mm (in) min. mm (in) max. mm (in) a 11 - 320 - 16 (0.630) - 20 (0.787) - 26.5 (1.043) 385 - 625 - 17 (0.689) - 20.5 (0.807) - 28.0 (1.102) a1 all - 19.5 (0.768) - 22.5 (0.886) - 29.0 (1.142) ?d all - 12.5 (0.492) - 17 (0.669) - 23.0 (0.906) e 11 - 95 6.5 (0.256) 8.5 (0.335) 6.5 (0.256) 8.5 (0.335) 6.5 (0.256) 8.5 (0.335) 115 9.0 (0.354) 11. 0 (0.433) e 1 11 - 30 1. 0 (0.039) 3.0 (0.118) 1. 0 (0.039) 3.0 (0.118) 1.0 (0.039) 3.0 (0.118) 35 - 320 1.5 (0.059) 3.5 (0.138) 1.5 (0.059) 3.5 (0.138) 1.5 (0.059) 3.5 (0.138) 385 - 625 2.5 (0.098) 5.5 (0.217) 2.5 (0.098) 5.5 (0.217) 2.5 (0.098) 5.5 (0.217) e 11 - 30 - 5.0 (0.197) - 5.0 (0.197) - 5.0 (0.197) 35 - 320 - 5.6 (0.220) - 5.6 (0.220) - 5.6 (0.220) 385 - 510 - 7.3 (0.287) - 7.3 (0.287) - 7. 3 (0.287) 550 - 625 - 8.3 (0.327) - 8.3 (0.327) - 8.3 (0.327) ?b all 0.76 (0.030) 0.86 (0.034) 0.76 (0.030) 0.86 (0.034) 0.76 (0.030) 0.86 (0.034) l all 25.4 (1.00) - 25.4 (1.00) - 25.4 (1.00) - l trim all 2.5 (0.098) 4.5 (0.177) 2.5 (0.098) 4.5 (0.177) 2.5 (0.098) 4.5 (0.177) sea ting plan e ? d ? b l a e e 1 e 1 e ? d ? b l a1 e e sea ting plan e e 1 ? d ? b l a1 e e straight lead option outer crimped lead option inner crimped lead option note: dimensions in millimetres (inches) are typical. metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 tape and reel specifcations crimped leads "l2" cr imped leads "zt" cr imped leads "zt" straight leads "zs" straight leads "zs" under -cr imped leads "zu " p1 p0 e dp dh dh w1 w f t w2 w0 p dp c db h 0 dd0 h 1 sea ting plane p2 p1 p0 w0 e dp dh dh w1 w f t w2 p dp c db h 0 dd0 h 1 sea ting plane p2 p0 dh e dh dp w1 w f t w2 p dp db h dd0 h 1 p1 p2 w0 p1 p0 p2 dh e dh dp w1 w f t w2 w0 p dp db h dd0 h 1 u p1 p0 p2 dh e dh dp w1 w f t w2 w0 p dp db ho dd0 h 1 under -cr imped leads "zu " p0 u dh e dh dp w1 w f t w2 p dp db ho dd0 h 1 p2 w0 p1 cr imped leads "zt" cr imped leads "zt" straight leads "zs" straight leads "zs" under -cr imped leads "zu " p1 p0 e dp dh dh w1 w f t w2 w0 p dp c db h 0 dd0 h 1 sea ting plane p2 p1 p0 w0 e dp dh dh w1 w f t w2 p dp c db h 0 dd0 h 1 sea ting plane p2 p0 dh e dh dp w1 w f t w2 p dp db h dd0 h 1 p1 p2 w0 p1 p0 p2 dh e dh dp w1 w f t w2 w0 p dp db h dd0 h 1 u p1 p0 p2 dh e dh dp w1 w f t w2 w0 p dp db ho dd0 h 1 under -cr imped leads "zu " p0 u dh e dh dp w1 w f t w2 p dp db ho dd0 h 1 p2 w0 p1 under crimped / in-line leads "l3" cr imped leads "zt" cr imped leads "zt" straight leads "zs" straight leads "zs" under -cr imped leads "zu " p1 p0 e dp dh dh w1 w f t w2 w0 p dp c db h 0 dd0 h 1 sea ting plane p2 p1 p0 w0 e dp dh dh w1 w f t w2 p dp c db h 0 dd0 h 1 sea ting plane p2 p0 dh e dh dp w1 w f t w2 p dp db h dd0 h 1 p1 p2 w0 p1 p0 p2 dh e dh dp w1 w f t w2 w0 p dp db h dd0 h 1 u p1 p0 p2 dh e dh dp w1 w f t w2 w0 p dp db ho dd0 h 1 under -cr imped leads "zu " p0 u dh e dh dp w1 w f t w2 p dp db ho dd0 h 1 p2 w0 p1 10, 14, and 20mm devices straight leads "l1" refer next page for dimension measurement specifcations. disclaimer notice - information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability of and test each product selected for their own applications. littelfuse products are not designed for, and may not be used in, all applications. read complete disclaimer notice at www.littelfuse.com/disclaimer-electronics . metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series
? 2017 littelfuse, inc. specifcations are subject to change without notice. revised: 09/14/17 part numbering system litt elfuse va r ist or v1 0h 11 xxxxx disc size 10 , 14 or 20 mm coating h: silicone vm (a c)rms 11 v to 625v p l1 b lead-fr ee and rohs compliant other non-standar d options pa ck aging blank or b: bulk pa ck t: ta pe and r eel a: ammo pa ck 5 lead spacing options blank: st andard lead spacing (see dimensions ta ble) 5: 5mm+/-1 .0mm 7: 7. 5mm+/-1 .0mm 1: 10 mm+/-1 .0mm lead fo rm ation blank or l1: straight l2: outer crimp l3: in-line l4: t rim/outer crimp(bulk pack only) l5: inner crimp symbol description 10mm 14mm 20mm (11vac to 95vac voltage) ( 115vac voltage) p pitch of component 25.4 +/- 1.0 25.4 +/- 1.0 25.4 +/- 1.0 25.4 +/- 1.0 p 0 feed hole pitch 12.7 +/- 0.2 12.7 +/- 0.2 12.7 +/- 0.2 12.7 +/- 0.2 p 1 feed hole center to pitch 8.85 +/- 0.7 8.85 +/- 0.7 8.85 +/- 0.7 7.70 +/- 0.7 p 2 hole center to component center 12.7 +/- 0.7 12.7 +/- 0.7 12.7 +/- 0.7 12.7 +/- 0.7 f lead to lead distance 7.5 +/- 1.0 7.5 +/- 1.0 7.5 +/- 1.0 10 +/- 1.0 h component alignment 2.0 max 2.0 max 2.0 max 2.0 max w tape width 18.0 +1.0 / -0.5 18.0 +1.0 / -0.5 18.0 +1.0 / -0.5 18.0 +1.0 / -0.5 w 0 hold down tape width 12.0 +/- 0.3 12.0 +/- 0.3 12.0 +/- 0.3 12.0 +/- 0.3 w 1 hole position 9.0 +0.75 / -0.50 9.0 +0.75 / -0.50 9.0 +0.75 / -0.50 9.0 +0.75 / -0.50 w 2 hold down tape position 0.5 max 0.5 max 0.5 max 0.5 max h height from tape center to component base 18.0 +2.0 / -0.0 18.0 +2.0 / -0.0 18.0 +2.0 / -0.0 18.0 +2.0 / -0.0 h 0 seating plane height 16.0 +/- 0.5 16.0 +/- 0.5 16.0 +/- 0.5 16.0 +/- 0.5 h 1 component height 36.0 max 40.0 max 46.5 max 46.5 max d 0 feed hole diameter 4.0 +/- 0.2 4.0 +/- 0.2 4.0 +/- 0.2 4.0 +/- 0.2 t total tape thickness 0.7 +/- 0.2 0.7 +/- 0.2 0.7 +/- 0.2 0.7 +/- 0.2 u undercrimp width 8.0 max 8.0 max 8.0 max 8.0 max p component alignment 3 max 3 max 3 max 3 max tape and reel specifcations (continued) notes: ? radial devices on tape are supplied with crimped leads, straight leads, or under-crimped leads ? leads are offset by product dimension e1 ? conforms to ansi and eia specifcations ? can be supplied to iec publication 286-2 metal-oxide varistors (movs) radial leaded varistors > HMOV ? varistor series


▲Up To Search▲   

 
Price & Availability of HMOV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X