Part Number Hot Search : 
C281KGKT 003930 29040 168L501 EL6201 MUR820 55932 2SJ340
Product Description
Full Text Search
 

To Download GBJ35005A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.1 @if=35a @if=17.5a forward voltage per element single phase amp glass passivated bridge rectifier plastic material-ul flammability 94v-0 GBJ35005A thru gbj3510a 75 1.0 single phase, half wave, 60hz, resistive or inductive load. ambient temperature unless otherwise specified. lead free: for rohs / lead free version terminals: plated leads solderable per mil-std-202, method 208 features mechanical data polarity: as marked on case mounting position: any marking: type number maximum ratings and electrical characteristics for capacitive load, derate current by 20%. glass passivated die construction low forward voltage drop high current capability high surge current capability rating at 25 v rrm v rwm v dc v rms 35 70 140 280 420 560 700 v fm t j ,t stg peak repetitive reverse voltage working peak reverse voltage dc blocking voltage operating and storage temperature range rms reverse voltage -55to+150 ua typical junction capacitance per leg pf /w i r 5.0 500 v v v 1000 100 200 400 600 800 50 note:1. mounted on glass epoxy pc board with 1.3mm 2 solder pad. peak reverse current @t =25 at rated dc blocking voltage @t =125 a a c j 35.0 symbol units type number gbj gbj gbj gbj gbj gbj gbj between junction and case, with heatsink 0.8 22 r ja r jc between junction and ambient, without heatsink between junction and case, with heatsink case: molded plastic, gbj 300 average rectified output current (note 1)@t =90 35.0 non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) a i fsm a c a t i 2 t rating for fusing (t < 8.3ms) 2 2 s i 373.5 version:02 1 of 3 www.dyelec.com 35005a 3510a 3508a 3506a 3504a 3502a 3501a if(av) dimensions in inches and (millimeters) gbj .433(11) .354(9.0) .043(1.1) .035(0.9) .090(2.3) .078(2.0) 1.193(30.3) 1.169(29.7) .800(20.3) .787(19.7) .441(11.2) .425(10.8) .023(0.6) .303(7.7) .287(7.3) .165(4.2) .150(3.8) .706(18.0) .626(16.0) .303(7.7) .287(7.3) .110(2.8) .094(2.4) .150(3.8) .134(3.4) .184(3.4) .122(3.1) .189(4.8) .173(4.4) .106(2.7) .096(2.3) + ~~ - + ~~ - .215(5.2) .196(4.8) + - ~ ~
GBJ35005A thru gbj3510a 150 . 1 output current deratin (a i , a verage for w a rd rectified current (a ) v) fi g g curve
   $"%" "%" "%" 1"%" 0.05 0.5 50 5 0 .8 1 .2 0 .6 0 .4 1 .0 1 .4 1 .6 i , inst ant aneous for w a rd current ( a) f v , instantaneous forward voltage (v) fi g .2t y pical forward characteristics ( per le g) f t=25c pulse width = 300 s a   number of cycles at 60 hz t 1 10 100 0 350 200 150 100 50 250 300 400 i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r e s pe rc e n o f r a t e d peak r eve r se v o l t a ge t a = 25 " c 10 1 .0 0 .1 0 . 01 0 40 60 80 100 120 140 20 i , peak for w ard surge current (a) fsm fi g . 3 maximum peak forward sur g e current ( per le g) t = 25 c single half sine-wave pulse width = 8.3ms (jedec method) a  fig. 4  t ypical  junction  capacitance invstantaneous reverse current fig.5 typical reverse chracteristics ( a)  (v) percent of rated peak inverse voltge 020406080100 0.01 0.1 1.0 10 100 tj=150  tj=25  t , case temperature( c) c  rizzzg\hohffrp yhuvlrq
important notice and disclaimer 3 of 3 www.dyelec.com 3 of 3 www.dyelec.com version:02 GBJ35005A thru gbj3510a ? re producin g and modifyin g in f ormatio n of th e documen t is prohibite d withou t permission fro m diyi . ? diyi reserves the right to make changes to this document and its products and specifications at any time without notice. customers should obtain and confirm the latest product information and specifications before final design, purchase or use. ? diyi discla im s any and al l l ia bilit y arisin g ou t of th e a pplicatio n or us e of any produc t includin g d am ag es incidentall y and co n sequent i all y occurred. ? diyi do es no t as sum e any and al l im plie d warr a nti es, includin g war ran ti es of fit ness for particula r purpose , non - infring em en t and merch a nt a bilit y. ? application s show n on th e her e in documen t ar e ex am pl es of st an dar d us e and operation. customer s ar e re sponsibl e in comprehendin g th e suit ab le us e in particula r ap plicatio n s. diyi m ak es no r ep re sentatio n or warr an ty tha t suc h ap plicatio ns wil l be suitable for the specified use without further testing or modification. ? th e product s show n her ein ar e no t de signe d and authorize d for equipments requirin g high leve l of reliability or relatin g to human lif e and for any app licatio ns concernin g life - saving or life - sustaining , suc h as medica l instruments , tr an sportatio n equ i pment , a erosp a ce ma chiner y et cetera . customer s usin g or sellin g th ese product s for us e in suc h applications do so at th eir ow n ri sk and agre e to full y ind e mnif y diyi for any d am ag es resulting from such improper use or sale. ? sinc e diyi us es lo t numbe r as th e tr acking ba se , pl ease provid e th e lo t numbe r for tr acking when complaining.


▲Up To Search▲   

 
Price & Availability of GBJ35005A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X