Part Number Hot Search : 
RE1201 LC401 MPSA44 1000W ACM1601H ALE12B12 20121 LTC248
Product Description
Full Text Search
 

To Download GBJ35005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single phase 35 amp bridge rectifiers maximum ratings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at tc=55 c dimensions in inches and (millimeters) features peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum forward voltage drop per bridge element at 17.5a d c maximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c storage temperature range, tstg operating temperature range, tj gb j 35005 gb j 3501 gb j 3502 gb j 3504 gb j 3506 gb j 3508 gb j 3510 units 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 35 400 10 500 - 5 5 +150 - 5 5 +1 50 v a a v u a u a c c * i d ea l f o r p r i n te d c i r c u i t bo a rd * r at i ng t o 10 00 v p r v * l o w f o r wa rd vo l ta g e d ro p hi gh c u rr e n t ca pa bi li ty * r e li a b le l o w c o s t co n s tr u c t io n u t i li zi ng mo l d e d p l as ti c gb j 35005 thru gb j 3510 1.1 voltage range 50 to 1000 volts current 35.0 ampere .114(2.90) .098(2.50) .303(7.7) .287(7.3) .303(7.7) .287(7.3) .402(10.2) .386(9.80) 1.193(30.3) 1.169(29.7) .799(20.3) .776(19.6) .043(1.10) .035(0.90) .094(2.40) .079(2.02) .708(18.0) .669(17.0) .189(4.80) .173(4.40) .031(.80) .024(.60) .441(11.2) .425(10.8) .1 7 3 ( 4. 4 0 ) .134(3.40) hole for no. 6 screw gbj + - ~ ~ technique results in inexpensive product *the plastic material has ul flammability classification 94v-0 * both normal and pb free product are available: * normal:80~95%sn,5~20%pb * pb free:99 sn above can meet rohs enviroment substance directive request w w w . d g n j d z . co m
0.1 1.0 .01 10 50 rating and characteristic curves ( gb j 35005 thru gb j 3510) fig.4-typical reverse characteristics fig.1-typical forward current average forward current,(a) fig.2-maximum non-repetitive forward surge current peak forwaard surge current,(a) percentage of peak reverse voltage, (%) 0 10 20 30 40 50 60 0 200 100 300 500 400 20 40 60 80 100 120 140 3.0 single phase half wave 60hz resistive or inductive load case temperature ( c) derating curve 0.1 1.0 .01 10 50 fig.3-typical forward characteristics instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle 0 .2 .4 .6 .8 1.0 1.2 1.4 3.0 reverse leakage current, ( m a) 0 25 50 75 100 125 150 175 tj=25 c tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method w w w . d g n j d z . co m


▲Up To Search▲   

 
Price & Availability of GBJ35005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X