Part Number Hot Search : 
MFI001 LH521028 MLS906B MP8715DL 2012S DS1222S ON0519 2SD1806
Product Description
Full Text Search
 

To Download GBJ35005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente GBJ35005 ~ gbj3510 voltage 50v ~ 1000v 35amp glass passivated bridge rectifiers 19-jan-2017 rev.a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  glass passivated chip  high surge forward current capability applications  general purpose 1 phase bridge rectifier applications maximum ratings and electrical characteristics (t a =25c unless otherwise specified) part number parameter symbol gbj 35005 gbj 3501 gbj 3502 gbj 3504 gbj 3506 gbj 3508 gbj 3510 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v with heatsink t c =130c 35 average rectified output current @ 60hz sine wave, r-load without heatsink t a =25c i o 3.5 a surge (non-repetitive) forward current @60h z sine wave, 1 cycle, t j =25c i fsm 320 a current squared time i 2 t 424 a 2 s dielectric strength @terminals to case ac 1 minute v dis 2.5 kv mounting torque @recommend torque 5kg.cm tor 8 kg cm peak forward voltage@ i fm =17.5a, pulse measurement, rating of per diode v fm 1.1 v peak reverse current@ v rm =v rrm , pulse measurement, rating of per diode i rrm 10 a without heatsink r ja 22 thermal resistance with heatsink r jc 0.8 c/w junction and storage temperature range t j ,t stg -55~150 c millimeter millimeter ref. m in. max. ref. min. max. a 29.7 30.3 i 7.3 7.7 b 19.7 20.3 j 2.5 3.9 c 2.3 2.7 k 0.6 0.8 d 17 18 l 10.8 11.2 e 2.0 2.4 m 3.3 typ. f 0.9 1.1 n 3.8 4.2 g 3.4 3.8 p 4.4 4.8 h 9.8 10.2 6kbj
elektronische bauelemente GBJ35005 ~ gbj3510 voltage 50v ~ 1000v 35amp glass passivated bridge rectifiers 19-jan-2017 rev.a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of GBJ35005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X