Part Number Hot Search : 
MAX970 C10H1 QRB1134 CGY2105 IM43JR 1A470M OPI153 BY179
Product Description
Full Text Search
 

To Download GBJ35005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 single-phase bridge rectifier glass passivated bridge rectifiers reverse voltage 100 to 1000 volts forward current 35 ampere features rating to 1000v prv ideal for printed circuit board low forward voltage drop, high current capability reliable low cost construction utilizing molded plastic technique results in inexpensive product the plastic material has ul flammability classification 94v-0 electrically isolated base-1500 volts mechanical data polarity: symbols molded on body weight: 0.26 ounces, 7.0 grams mounting position : any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified , single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20% parameter symbol GBJ35005 gbj3501 gbj3502 gbj3504 gbj3506 gbj3508 gbj3510 unit maximum recurrent peak reverse v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward(with heatsink note 2)rectified current @ tc=110 (without heatsink) i (av) 35.0 5.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 400 a maximum forward voltage at 17.5a dc v f 1.1 v maximum dc reverse current @t j =25 at rated dc blocking voltage @t j =125 i r 10.0 500 ua i 2 t rating for fusing(t<8.3ms) i 2 t 510 a 2 s typical junction capacitance per element(note 1) c j 85 pf typical thermal resistance (note 2) r jc 0.6 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 1- measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2- device mounted on 300mm x 300mm x 1.6mm cu plate heatsink. gbj3501 thru gbj3510 gbj website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 dimensions in inches and (millimeters)
2 ratings and characteristic curves note: specifications are subject to change without notice. gbj3501 thru gbj3510 website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099


▲Up To Search▲   

 
Price & Availability of GBJ35005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X