Part Number Hot Search : 
MMSZ5258 R2060C BD9130 ADG784 TEA1521 1212DR UM5109 74VHCT14
Product Description
Full Text Search
 

To Download GBJ35005-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbj35005 thru gbj3510 35 amp glass passivated bridge rectifier 50 to 1000 volts features maximum ratings mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage gbj35005 50v 35v 50v gbj3501 100v 70v 100v gbj3502 200v 140v 200v gbj3504 400v 280v 400v gbj3506 600v 420v 600v gbj3508 800v 560v 800v gbj3510 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 35 a tc = 100 c peak forward surge current i fsm 400a 8.3ms, half sine maximum instantaneous forward voltage v f 1.05v t j = 25 c maximum dc reverse current at rated dc blocking voltage i r 10 a 500ua t j = 25 c t j = 125 c typical junction capacitance c j 85 pf measured at 1.0mhz, v r =4.0v gbj dimensions inches mm dim min max min max note a 1.170 1.190 29.70 30.30 b .780 .800 19.70 20.30 c .670 .710 17.00 18.00 d .019 .019 4.70 4.90 e .430 .440 10.80 11.20 g .120 .130 3.10 3.40 i .170 .190 4.40 4.80 j .100 .110 2.50 2.90 k .020 .030 0.60 0.80 l .080 .090 2.00 2.40 m .040 .040 0.90 1.10 o .290 .300 7.30 7.70 n .390 .400 9.80 10.20 h .130 .150 3.40 3.80 f .090 .110 2.30 2.70 typical thermal resistance r ojc 0.6 /w c + $ % ' ( ) * + , - . / 0 2 1 & 2 3 3     , )0 $  
 omponents 2 0736 marilla street chatsworth       
     revision: e 2017/09/01 gbj35005 gbj3501 gbj3502 gbj3504 gbj3506 gbj3508 gbj3510 www. mccsemi .com 1 of 3 notes:1. high temperature solder exemption applied, see eu directive annex notes 7a case type ~ ~ ? operating temperature: -55c to +150c ? storage temperature: -55 c to +150c ? ul recognized file # e165989 micro commercial components m c c r lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) ideal for printed circuit board low forward voltage drop, high current capability. e poxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? mounting:through hole for #6 screw ? recommended torque: 5.7 cm-kg (5 in-lbs) ? mounting torque: 10 cm-kg (8.8 in-lbs) maximum ? h alogen free available upon request by adding suffix "-hf"
rating and characteristic curves gbj35005 thru gbj3510 fig.1 - forward current derating curve average forward current amperes 40 60 80 100 0 20 35 140 case temperature , c single phase half wave 60hz resistive or inductive load 120 without heatsink with heatsink fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 100 400 300 200 single half-sine-wave (jedec method) instantaneous forward voltage , volts fig.4 - typical forward characteristics 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 0.01 1.8 1.6 100 t j = 25 c pulse width 300us fig.3 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10.0 100 1000 10 1.0 1.0 100 4.0 t j = 25 c, f = 1mhz fig.5 - typical reverse characteristics instantaneous reverse current ,(ua) 20 40 0 1.0 10 100 60 80 100 0.1 1000 t j = 25 c t j = 125 c t j = 100 c t j = 50 c percent of rated peak reverse voltage, (%) revision: e 2017/09/01 www. mccsemi .com 2 of 3 micro commercial components m c c r
revision: e 2017/09/01 www. mccsemi .com 3 of 3 ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-bp bulk : 1.5k/ctn ordering information : note : adding "-hf" suffix for halogen free, eg. part number-bp-hf r


▲Up To Search▲   

 
Price & Availability of GBJ35005-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X