Part Number Hot Search : 
0A120 CAT25C09 2N6073B LC78602 PD70F T2512 8051AH MLL3828
Product Description
Full Text Search
 

To Download FUSB3301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 march, 2018 ? rev. 2 1 publication order number: FUSB3301/d FUSB3301 usb type-c controller for mobile chargers and power adapters description the FUSB3301 is an autonomous source only type ? c controller optimized for mobile chargers and power adapters. it broadcasts the available current of the charger over cc1/cc2 using the usb type ? c standard and prevents vbus from being asserted until a valid connection has been verified. it can be used for up to 15 w charging using type ? c protocols. the FUSB3301 has very low standby power consumption and is packaged in a 0.5 mm pitch mlp to accommodate power adapter pcbs. features ? fully autonomous type ? c controller ? supports type ? c version 1.2 ? fixed source mode ? low standby power: i cc = 5  a (typical) ? vbus switch control ? advertises three standard type ? c vbus current levels (900 ma, 1.5 a, 3.0 a) ? 2 kv hbm esd protection ? 10 lead mlp package ? v dd operating range, 3.0 v ? 5.5 v applications ? usb type ? c power ports ? mobile chargers ? power adapters ? ac ? dc adapters www. onsemi.com wdfn 10 lead case 511dm marking diagram nz nz = specific device marking see detailed ordering and shipping information on page 2 of this data sheet. ordering information pin assignment cc2 vdd gnd sw host2 cc1 nc1 nc2 nc3 host1 (top view)
FUSB3301 www. onsemi.com 2 ordering information part number top mark operating temperature range package packing method FUSB3301mpx nz ? 40 to 85 c 10 ? lead, mlp, 3 mm x 3 mm tape and reel figure 1. block diagram figure 2. typical application vbus _out gnd gnd rx1+ tx1+ rx1 ? tx1 ? vbus rfu 1 cc1 d ? d+ d+ d ? cc2 rfu 2 vbus tx2 ? rx2 ? tx2+ rx2+ type ? c source state machine vdd cc1 cc2 gnd vbus _in fusb 3301 host 1 load switch cc switches , i(rp)/rd & comparators block host 2 sw vbus gnd gnd rx1+ tx1+ rx1 ? tx1 ? vbus rfu1 cc1 d ? d+ d+ d ? cc2 rfu2 vbus tx2 ? rx2 ? tx2+ rx2+ type ? c FUSB3301 vo load switch secondary side controller sw table 1. pin descriptions pin # name type description 1 cc1 input/output type ? c configuration channel 2 nc1 (note 1) nc no connect 3 nc2 (note 1) nc no connect 4 nc3 (note 1) nc no connect 5 host1 input host current select pin with internal pull ? up 6 host2 input host current select pin with internal pull ? up 7 sw output open drain output to control the vbus load switch 8 gnd power ground 9 vdd power power supply 10 cc2 input/output type ? c configuration channel 1. no connect pins can float or can be tied to ground.
FUSB3301 www. onsemi.com 3 table 2. connection state table cc1 cc2 sw description nc nc hiz no attach rd nc l attach to ufp (sink) nc rd l attach to ufp (sink) rd rd hiz no attach ra nc hiz no attach nc ra hiz no attach ra ra hiz no attach host current table 3. host input truth table host2 host1 cc current (  a) host current (a) gnd / low gnd / low 330 3.0 gnd / low float / high 180 1.5 float / high gnd / low 180 1.5 float / high float / high 80 0.9 unattached source attach detected for tccdebounce? attached source not attached for tpddebounce? yes sw = low sw = hiz yes no figure 3. source attach flowchart
FUSB3301 www. onsemi.com 4 table 4. absolute maximum ratings symbol parameter min max unit v dd supply voltage ? 0.5 6.0 v v ccx cc pins when configured as host ? 0.5 6.0 v t storage storage temperature range ? 65 +150 c t j maximum junction temperature +150 c t l lead temperature (soldering, 10 seconds) +260 c esd iec 61000 ? 4 ? 2 system esd connector pins (vbus, cc1 & cc2) air gap 15 kv contact 8 human body model, jedec jesd22 ? a114 connector pins (vbus, cc1 and cc2) 4 kv others 2 charged device model, jedec jesd22 ? c101 all pins 1 kv stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. table 5. recommended operating conditions symbol parameter min typ max unit v dd supply voltage 3.0 5.0 5.5 v t a operating ambient temperature ? 40 +85 c t j operating junction temperature ? 40 +125 c functional operation above the stresses listed in the recommended operating ranges is not implied. extended exposure to stresse s beyond the recommended operating ranges limits may affect device reliability. table 6. dc and transient characteristics all typical values are at t a =25 c unless otherwise specified. symbol parameter t a = ? 40 to +85  c t j = ? 40 to +125  c unit min typ max i 80_ccx source 80  a cc current (default) host2=vdd, host1=vdd 64 80 96  a i 180_ccx source 180  a cc current (1.5 a) host2=vdd, host1=gnd or host2=gnd, host1=vdd 166 180 194  a i 330_ccx source 330  a cc current (3 a) host2=gnd, host1=gnd 304 330 356  a zopen cc resistance for disabled state 126 k  vra ? srcdef ra detection threshold for cc pin for source for default current on vbus 0.15 0.20 0.25 v vra ? src1.5a ra detection threshold for cc pin for source for 1.5 a current on vbus 0.35 0.40 0.45 v vra ? src3a ra detection threshold for cc pin for source for 3 a current on vbus 0.75 0.80 0.85 v vrd ? srcdef rd detection threshold for source for default current (host2/1=vdd/vdd) 1.50 1.60 1.65 v vrd ? src1.5a rd detection threshold for source for 1. 5 a current (host2/1=gnd/vdd or vdd/gnd) 1.50 1.60 1.65 v vrd ? src3a rd detection threshold for source for 3 a current (host2/1=gnd/gnd) 2.45 2.60 2.75 v product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions.
FUSB3301 www. onsemi.com 5 table 7. current consumption symbol parameter conditions v dd (v) t a = ? 40 to +85  c t j = ? 40 to +125  c unit min typ max istby unattached source nothing attached, host pins = vdd, gnd, float. 3.0 to 5.5 5 20  a iattach attach current (less host current) attached, host pins=vdd, gnd, float. 3.0 to 5.5 10 15  a table 8. timing parameters symbol parameter t a = ? 40 to +85  c t j = ? 40 to +125  c unit min typ max tccdebounce time from cc voltage detection until sw goes low 100 150 200 ms tpddebounce time from cc voltage not detected until sw goes to high ? z 10 15 20 ms table 9. io specifications symbol parameter conditions v dd (v) t a = ? 40 to +85  c t j = ? 40 to +125  c unit min typ max v olsw sw output low voltage i ol =4 ma 3.0 to 5.5 0.4 v v ilhost host1/2 low ? level input voltage 3.0 to 5.5 0.3v dd v v ihhost host1/2 high ? level input voltage 3.0 to 5.5 0.7v dd v
FUSB3301 www. onsemi.com 6 package dimensions wdfn10 3x3, 0.5p case 511dm issue o 1.55 3.10 0.23 0.02 2.20 0.55 0.78 2.33 2.00 0.25 2.25 2.00 0.50 0.20 0.05 0.00 0.80 max side view seating plane c 3.0 3.0 2x top view 2x 0.10 c a b 3.10 2.90 1.60 1.50 2.30 2.20 0.38 0.30 0.20 0.45 0.35 0.5 3.10 2.90 2.0 pin #1 ident bottom view land pattern recommendation mo ? 229, variation weed ? 5 b. dimensions are in millimeters c. dimensions and tolerances per asme y14.5m, 2009 d. land pattern dimensions are nominal reference values only d 10 6 15 6 10 1 5 0.10 c 0.08 c 0.10 c 0.10 m cab 0.05 m c a. conforms to jedec registration notes:
FUSB3301 www. onsemi.com 7 on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property . a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent ? marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does o n semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, reg ulations and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semiconductor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typic als? must be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the right s of others. on semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semicondu ctor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distrib utors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 FUSB3301/d literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative ?


▲Up To Search▲   

 
Price & Availability of FUSB3301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X