Part Number Hot Search : 
2J222J 5KE22 BZV47C18 DL4001 2STA1695 BC558 OM5222SW AN001PG
Product Description
Full Text Search
 

To Download FTC41041-20JILF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ftc41041 high speed 256k x 16 (4 meg) static cmos ram high speed (equal access and cycle times) 10/12/15/20 ns (commercial) 12/15/20 ns (industrial/military) low power single 5.0v 10% power supply 2.0v data retention functional block diagram pin configuration features description the ftc41041 is a 262,144 words by 16 bits high-speed cmos static ram. the cmos memory requires no clocks or refreshing, and has equal access and cycle times. inputs are fully ttl-compatible. the ram operates from a single 5.0v 10% tolerance power supply. access times as fast as 10 nanoseconds permit greatly enhanced system operating speeds. cmos is utilised to reduce power consumption to a low level. the ftc41041 is a member of a family of ftsram products offering fast access times. the ftc41041 device provides asynchronous operation with matching access and cycle times. memory loca - tions are specifed on address pins a 0 to a 17 . reading is accomplished by device selection ( ce and output enabling (oe) while write enable ( we ) remains high. by presenting the address under these conditions, the data in the addressed memory location is presented on the data input/output pins. the input/output pins stay in the high z state when either ce or oe is high or we is low. easy memory expansion using ce and oe inputs fully ttl compatible inputs and outputs advanced cmos technology fast t oe automatic power down when deselected soj package: 44-pin soj 2013 1 of 11 rev c a ll data sheet.com
recommended operating temperature and suppl y v oltage capacitances (4) v cc = 5.0v, t a = 25c, f = 1.0mhz dc electrical characteristics over recommended operating temperature and supply voltage (2) maximum r ati ngs (1) grade (2) ambient temperature gnd v cc commercial 0 - 70c 0v 5.0v 10% industrial -40 - 85c 0v 5.0v 10% military -55 - 125c 0v 5.0v 10% sym parameter value unit v cc power supply pin with respect to gnd -0.5 to 7.0 v v term terminal voltage with respect to gnd -0.5 to vcc+0.5 v t a operating temperature -55 to 125 c t bias temperature under bias -55 to 125 c t stg storage temperature -65 to 150 c i out dc output current 20 ma sym parameter conditions typ. unit c in input capacitance v in = 0v 8 pf c out output capacitance v out = 0v 8 pf sym parameter test conditions ftc41041 unit min max v ih input high voltage 2.2 v cc +0.5 v v il input low voltage -0.5 (3) 0.8 v v ol output low voltage (ttl load) i ol = +8 ma, v cc = min. 0.4 v v oh output high voltage (ttl load) i oh = ?4 ma, v cc = min. 2.4 v i li input leakage current v cc = max. v in = gnd to v cc -2 +2 a i lo output leakage current v cc = max., ce = v ih , v out = gnd to v cc -1 +1 a i sb standby power supply current (ttl input levels) ce v ih v cc = max, f = max., outputs open v in v ih or v in v il ? 40 ma i sb1 standby power supply current (cmos input levels) ce v cc - 0.2v v cc = max, f = 0, outputs open v in v cc - 0.3v or v in 0.3v ? 6 ma ftc41041 high speed 256k x 16 (4 meg) static cmos ram 2013 2 of 11 rev c a ll data sheet.com
*v cc = 3.6v. tested with outputs open. f = max. switching inputs are 0v and 3v. ce = v il , oe = v ih . power dissipation characteristics vs. speed ac electrical characteristicsread cycle (v cc = 5.0v 10%, all temperature ranges) (2) sym parameter temperature range -10 -12 -15 -20 unit i cc dynamic operating current* commercial 100 90 80 70 ma industrial 100 90 80 70 ma military n/a 110 100 90 ma sym parameter -10 -12 -15 -20 unit min max min max min max min max t rc read cycle time 10 12 15 20 ns t aa address access time 10 12 15 20 ns t ac chip enable access time 10 12 15 20 ns t oh output hold from address change 3 3 3 3 ns t lz chip enable to output in low z 3 3 3 3 ns t hz chip disable to output in high z 5 6 7 8 ns t oe output enable low to data valid 5 6 7 8 ns t olz output enable low to low z 0 0 0 0 ns t ohz output enable high to high z 5 6 7 8 ns t pu chip enable to power up time 0 0 0 0 ns t pd chip disable to power down time 10 12 15 20 ns t be byte enable to data valid 5 6 7 8 ns t lzbe byte enable to low z 0 0 0 0 ns t hzbe byte disable to high z 6 6 7 8 ns ftc41041 high speed 256k x 16 (4 meg) static cmos ram 2013 3 of 11 rev c a ll data sheet.com
timing waveform of read cycle no. 2 ( oe controlled) (5,6) notes: 1. stresses greater than those listed under maximum r atings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specifcation is not implied. exposure to maximum rating conditions for extended periods may affect reliability. 2. extended temperature operation guaranteed with 400 linear feet per minute of air fow. 3. transient inputs with v il not more negative than ?2.0v and v ih v cc + 0.5v, are permissible for pulse widths up to 20 ns. 4. this parameter is sampled and not 100% tested. 5. we is high for read cycle. 6. ce is low and oe is low for read cycle. 7. address must be valid prior to, or coincident with ce transition low. 8. transition is measured 200 mv from steady state voltage prior to change, with loading as specifed in figure 1. this parameter is sampled and not 100% tested. 9. read cycle time is measured from the last valid address to the frst transitioning address. timing waveform of read cycle no. 1 ftc41041 high speed 256k x 16 (4 meg) static cmos ram 2013 4 of 11 rev c a ll data sheet.com
ac test conditions figure 1. output load figure 2. thevenin equivalent * including scope and test fxture. note: because of the ultra-high speed of the ftc41041 , care must be taken when testing this device; an inadequate setup can cause a normal functioning part to be rejected as faulty. long high-inductance leads that cause supply bounce must be avoided by bringing the v cc and ground planes directly up to the contactor fngers. a 0.01 f high frequency capacitor is also required between v cc and ground. to avoid signal refections, proper termination must be used; for example, a 50 ? test environment should be terminated into a 50 ? load with 1.73v (thevenin voltage) at the comparator input, and a 116 ? resistor must be used in series with d out to match 166? (thevenin resistance). truth table input pulse levels gnd to 3.0v input rise and fall times 3ns input timing reference level 1.5v output timing reference value 1.5v output load see figures 1 & 2 mode ce oe we ble bhe i/o 0 - i/o 7 i/o 8 - i/o 15 power powerdown h x x x x high z high z standby read all bits llhll d out d out active read lower bits only l lhlh d out high z active read upper bits only l l h h l high z d out active write all bits lxlll d in d in active write lower bits only lxl lh d in high z active write upper bits only l x l h l high z d in active selected, outputs disabled l h h x x high z high z active )7c41041 high speed 256k x 16 (4 meg) static cmos ram 2013 7 of 11 rev c a ll data sheet.com
soj small outline ic package pkg # j8 # pins 44 (400 mil) symbol min max a 0.128 0.148 a1 0.082 - b 0.013 0.023 c 0.007 0.013 d 1.120 1.130 e 0.050 bsc e 0.435 0.445 e1 0.395 0.405 e2 0.370 bsc q 0.025 - ftc41041 high speed 256k x 16 (4 meg) static cmos ram 2013 9 of 11 rev c a ll data sheet.com
revisions document number sram 1478 document title ftc41041 high speed 256k x 16 (4 meg) static cmos ram rev issue date origin ator description of change or jan-2007 b s new data sheet a july-2008 b s added military processing, lead-free designation b sept-2009 b s updated tsop ii package drawing ftc41041 high speed 256k x 16 (4 meg) static cmos ram c nov-2013 jc removed tsop ii package drawing 2013 10 of 11 rev c a ll data sheet.com
ftc41041 high speed 256k x 16 (4 meg) static cmos ram ftc41041 - xx x x x device type speed package processing lead-free lf rohs compliant (blank) standard c 0c to +70c i -40c to +85c m -55c to +125c j plastic soj, 400 mil 10, 12, 15, 20 ns 256k x 16 sram ordering information 2013 8 of 11 rev c a ll data sheet.com
soj small outline ic package pkg # j8 # pins 44 (400 mil) symbol min max a 0.128 0.148 a1 0.082 - b 0.013 0.023 c 0.007 0.013 d 1.120 1.130 e 0.050 bsc e 0.435 0.445 e1 0.395 0.405 e2 0.370 bsc q 0.025 - ftc41041 high speed 256k x 16 (4 meg) static cmos ram 2013 9 of 11 rev c a ll data sheet.com
revisions document number sram 1478 document title ftc41041 high speed 256k x 16 (4 meg) static cmos ram rev issue date origin ator description of change or jan-2007 b s new data sheet a july-2008 b s added military processing, lead-free designation b sept-2009 b s updated tsop ii package drawing ftc41041 high speed 256k x 16 (4 meg) static cmos ram c nov-2013 jc removed tsop ii package drawing 2013 10 of 11 rev c a ll data sheet.com
ashley crt, henley, marlborough, wilts, sn8 3rh uk tel: +44(0)1264 731200 fax:+44(0)1264 731444 e-mail info@forcetechnologies.co.uk tech@forcetechnologies.co.uk sales@forcetechnologies.co.uk www.forcetechnologies.co.uk life support applications force technologies products are not designed for use in life support appliances, devices or systems where malfunction of a force technologies product can reasonably be expected to result in a personal injury. force technologies customers using or selling force technologies products for use in such applications do so at their own risk and agree to fully indemnify force tecnologies for any damages resulting from such improper use or sale. all trademarks acknowledged copyright force technologies ltd 20 unless otherwise stated in this scd/data sheet, force technologies ltd reserve the right to make changes, without notice, in the products, includ -ing circuits, cells and/or software, described or contained herein in order to improve design and/or performance. force technologies resumes no responsibility or liability for the use of any of these products, conveys no licence or any title under patent, copyright, or mask work to these products, and makes no representation or warranties that that these products are free f rom patent, copyright or mask work infringement, unless otherwise specified. 2013 11 of 11 rev c a ll data sheet.com


▲Up To Search▲   

 
Price & Availability of FTC41041-20JILF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X