Part Number Hot Search : 
74ACT299 1S955 10EDA20 M100S Z86743 SR6A6K12 SK195 105000
Product Description
Full Text Search
 

To Download DDTC115EUA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ddtc (r1 = r2 series) ua document number: ds30321 rev. 12 - 2 1 of 5 www.diodes.com november 2013 ? diodes incorporated ddtc ( r1 = r2 series ) ua npn pre-biased small signal surface mount transistor features ? epitaxial planar die construction ? complementary pnp types available (ddta) ? built-in biasing resistors, r1 = r2 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. "green" device (note 3) ? qualified to aec-q101 standards for high reliability ? ppap capable (note 4) part number r1, r2 (nom) ddtc123eua 2.2k ddtc143eua 4.7k ddtc114eua 10k ddtc124eua 22k ddtc144eua 47k ddtc115eua 100k mechanical data ? case: sot323 ? case material: molded plastic, "green" molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte tin plated leads, solderable per mil-std-202, method 208 ? weight: 0.008 grams (approximate) ordering information (notes 4 & 5) product compliance marking reel size (inches) tape width (mm) quantity per reel ddtc123eua-7-f aec-q101 n04 7 8 3,000 ddtc143eua-7-f aec-q101 n08 7 8 3,000 ddtc114eua-7-f aec-q101 n13 7 8 3,000 ddtc114euaq-7-f automotive n13 7 8 3,000 ddtc124eua-7-f aec-q101 n17 7 8 3,000 ddtc124euaq-7-f automotive n17 7 8 3,000 ddtc124euaq-13-f automotive n17 13 8 10,000 ddtc144eua-7-f aec-q101 n20 7 8 3,000 ddtc144euaq-7-f automotive n20 7 8 3,000 ddtc144euaq-13-f automotive n20 13 8 10,000 DDTC115EUA-7-F aec-q101 n24 7 8 3,000 ddtc115euaq-7-f automotive n24 7 8 3,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap c apable. automotive, aec-q101 and standard products are electrical ly and thermally the same, except where specified. for more information, please refer to http://www.diodes.c om/quality/product_compliance_defin itions/. 5. for packaging details, go to our websit e at http://www.diodes.com /products/packages.html. marking information date code key year 2010 2011 2012 2013 2014 2015 2016 2017 code x y z a b c d e month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view equivalent inverter circuit device schematic 1 3 2 gnd (0) c b in out e r1 out b c e r2 3 2 1 in gnd(0) sot323 nxx = product type marking code (see table above) ym = date code marking y = year (ex: x = 2010) m = month (ex: 9 = september) nxx ym
ddtc (r1 = r2 series) ua document number: ds30321 rev. 12 - 2 2 of 5 www.diodes.com november 2013 ? diodes incorporated ddtc ( r1 = r2 series ) ua absolute maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit supply voltage v cc 50 v input voltage ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua v in -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 v output current ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua i o 100 100 50 30 100 20 ma output current all i c ( max ) 100 ma thermal characteristics characteristic symbol value unit power dissipation (notes 6) p d 200 mw thermal resistance, junction to ambient air (note 6) r ja 625 c/w operating and storage temperature range t j , t stg -55 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition input voltage v l ( off ) 0.5 1.1 ? v v cc = 5v, i o = 100 a v l(on) ? 1.9 3 v v o = 0.3v, i o = 20ma, ddtc123eua v o = 0.3v, i o = 20ma, ddtc143eua v o = 0.3v, i o = 10ma, ddtc114eua v o = 0.3v, i o = 5ma, ddtc124eua v o = 0.3v, i o = 1ma, ddtc115eua 1.4 2 v o = 0.3v, i o = 2ma, ddtc144eua output voltage v o(on) ? 0.1 0.3 v i o /i l = 10ma/0.5ma, ddtc123eua i o /i l = 10ma/0.5ma, ddtc143eua i o /i l = 10ma/0.5ma, ddtc114eua i o /i l = 10ma/0.5ma, ddtc124eua i o /i l = 10ma/0.5ma, ddtc144eua i o /i l = 5ma/0.25ma, ddtc115eua input current ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua i l ? ? 3.8 1.8 0.88 0.36 0.18 0.15 ma v i = 5v output current i o ( off ) ? ? 0.5 a v cc = 50v, v i = 0v dc current gain ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc144euaq ddtc115eua g l 20 20 30 56 68 80 82 ? ? ? v o = 5v, i o = 20ma v o = 5v, i o = 10ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma input resistor (r 1 ) tolerance r 1 -30 ? +30 % ? resistance ratio r 2 /r 1 0.8 1 1.2 ? ? gain-bandwidth product (note 7) f t ? 250 ? mhz v ce = 10v, i e = 5ma, f = 100mhz notes: 6. mounted on fr4 pc boar d with minimum recommended pad layout. 7. transistor - for reference only.
ddtc (r1 = r2 series) ua document number: ds30321 rev. 12 - 2 3 of 5 www.diodes.com november 2013 ? diodes incorporated ddtc ( r1 = r2 series ) ua typical curves ? ddtc143eua (@t a = +25c, unless otherwise specified.) -50 050100150 250 200 150 50 100 0 t , ambient temperature ( c) fig. 1 power dissipation vs. ambient temperature a p , p o we r dissi p a t i o n (mw) d 10 1,000 100 1 110100 h, d c c u r r en t g ain fe i , collector current (ma) fig. 2 typical dc current gain vs. collector current c 0.001 0.01 0.1 1 0 10 20 30 40 50 v, c o lle c t o r emi t t e r saturation voltage (v) ce(sat) i , collector current (ma) fig. 3. collector emitter saturation voltage vs. collector current c i/i = 10 cb -25 c 75 c 25 c 0 1 2 3 4 0 20 30 c a p a c i t a n c e (p f ) v , reverse voltage (v) fig. 4 typical capacitance characteristics r 5 10 5 15 25 f = 1mhz 0.01 0.1 1 10 100 01 2 3 4 8910 i, c o lle c t o r c u r r en t (ma) c v , input voltage (v) fig. 5 collector current vs. input voltage in 5 67 0 1 10 0 10203040 50 i , collector current (ma) fig. 6 input voltage vs. collector current c v , input voltage (v) in
ddtc (r1 = r2 series) ua document number: ds30321 rev. 12 - 2 4 of 5 www.diodes.com november 2013 ? diodes incorporated ddtc ( r1 = r2 series ) ua package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot323 dim min max typ a 0.25 0.40 0.30 b 1.15 1.35 1.30 c 2.00 2.20 2.10 d - - 0.65 g 1.20 1.40 1.30 h 1.80 2.20 2.15 j 0.0 0.10 0.05 k 0.90 1.00 1.00 l 0.25 0.40 0.30 m 0.10 0.18 0.11 0 8 - all dimensions in mm dimensions value (in mm) z 2.8 x 0.7 y 0.9 c 1.9 e 1.0 x e y c z a m j l d b c h k g
ddtc (r1 = r2 series) ua document number: ds30321 rev. 12 - 2 5 of 5 www.diodes.com november 2013 ? diodes incorporated ddtc ( r1 = r2 series ) ua important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DDTC115EUA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X