Part Number Hot Search : 
22101 300K1 X9315WMI LTC2499 LTC2499 74HC4060 SSL21082 300DT
Product Description
Full Text Search
 

To Download CAT16-LV2F6LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CAT16-LV2F6LF - concave chip array features high performance termination network miniaturized circuitry and packaging for space reduction designed for gigabit communication networks controlled impedance rohs compliant* electrical characteristics resistance r1 .............................................165 ohms r2 .............................................140 ohms tcr........................................?00 ppm/ ?c temperature range .........-55 ?c to +125 ?c max. operating voltage ....................5 vdc max. power resistance ................ .0625 w solderability .....................>95 % coverage derating curve schematic product dimensions packaging specifications 100 80 60 40 20 0 rated power in percentage (%) -55 0 70 125 ( ? c) ambient temperature 8765 1234 .45 .10 (.018 .004) .30 .10 (.012 .004) .40 .10 (.016 .004) .40 .10 (.016 .004) .80 .10 (.031 .004) 3.20 .15 (.126 .006) dia. 1.60 .15 (.063 .060) .60 .10 (.024 .004) 8 765 123 r2 r2 4 r1 r1 r1 r1 1.9 .15 (.075 .006) 1.1 (.043) 3.6 .20 (.142 .008) 4.0 .10 (.157 .004) 2.0 .05 (.079 .002) 3.5 .05 (.138 .002) 8.0 .05 (.138 .012) 1.75 .10 (.069 .004) 1.5 +.10/-0 (.060 +.004/-0) 4.0 .10 (.158 .004) 21 0.5 (.827 .020) 10.0 1.5 (.394 .059) 60.0 1.0 (2.36 .039) 178.0 2.0 (7.008 .080) 12.5 2 (.492 .079) 13 0.5 (.512 .020) dia. dia. *rohs directive 2002/95/ec jan 27 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. dimensions are: mm (inches) 5000 pcs - per 7 " reel rev. 11/06 land pattern 2.0 to 2.2 (.079 to .087) 0.7 to 0.9 (.028 to .035) 0.4 to 0.45 (.016 to .0178) 0.80 (.032) chip resistor array cat land solder resist for standard values used in capacitors, inductors, and resistors, click here. *rohs compliant


▲Up To Search▲   

 
Price & Availability of CAT16-LV2F6LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X