Part Number Hot Search : 
2SD25 MRF141 MAX10 SMCG12 RH1086K C552L 160FE 144N06N
Product Description
Full Text Search
 

To Download AUSCD32H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (20v~40v / 3.0a) AUSCD32H and auscd34h absolute maximum ratings (ta = 25 o c) v rrm AUSCD32H 20 auscd34h 40 v i f(av) a i fsm a t j t stg 80 -55 to +125 -55 to +150 8.3ms single half sine-wave item average forward current symbol conditions unit peak forward surge current operating junction temperature range rating 3.0 repetitive peak reverse voltage storage temperature range schottky barrier diode * halogen-free type * compliance to rohs product * lead less chip form, no lead damage * low power loss, high efficiency * high current capability, low vf * plastic package has underwriters laboratory flammability classification 94v-0 * comply with aec-q101 features * switching mode power supply applications * portable equipment battery applications * high frequency rectification * dc / dc converter * telecommunication * automotive application * 3,000 pieces per 7" (178mm 2mm) reel * 4 reels per box * 6 boxes per carton packing case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. polarity : laser cathode band marking weight : 0.02 gram mechanical data o c o c electrical characteristics (ta = 25 o c) v f i f = 1.0a i f = 3.0a item symbol conditions min. typ. type v - - 0.37 0.46 - 0.50 scd32h / scd34h max. unit forward voltage (note 1) o c/w - 86 - r th(ja) junction to ambient (note 2) thermal resistance o c/w - 24 - r th(jl) junction to lead (note 2) pf - 160 - c j v r = 4v, f = 1.0 mhz junction capacitance ma - 0.02 0.20 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c 2013/08 rev. 3 notes : (1) pulse test width pw=300usec , 1% duty cycle. (2) mounted on p.c. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas. scd 32 . . 2.20 0.1 0. 5 0 0.95 0.2 0.95 0.2 4.5 0.1 0.96 + 0.2 - 0.1 5.14 ref . 1.47 min. 1.27 min. 2.60 max. uni t : mm outline dimensions marking equivalent : sma do-214ac case : 2010 mounting pad layout voltage class: 2 = 20v, 4 = 40v
zowie (20v~40v / 3.0a) AUSCD32H and auscd34h 2013/08 rev. 3 fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave (jedec method) 0 10 20 30 50 60 70 40 80 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, milliamperes 0.01 0.001 0 20 0.10 1.0 10 100 t j =100 o c t j =25 o c 40 60 80 100 0 0.001 10 0.01 0.10 1.00 0.1 0.2 0.3 0.4 0.5 0.6 iinstantaneous forward current, (a) forward voltage, (v) fig.3 - typical instantaneous forward characteristics ta=25 o c fig.1 - forward current derating curve average forward rectified current, amperes 3.0 2.0 1.0 0 0 25 50 75 100 125 150 resistive or inductive load p.c.b. mounted on 0.2x0.2"(5.0x5.0mm) copper pad areas lead temperature, o c fig.5 - typical junction capacitance t j = 25 o c reverse voltage, volts 0 junction capacitance, pf 1000 1 10 100 100 10


▲Up To Search▲   

 
Price & Availability of AUSCD32H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X