Part Number Hot Search : 
SOC100X SCC21520 T6450A HER504 R5031018 2SA1037 75M12 2106A
Product Description
Full Text Search
 

To Download 74LVC1G58W6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 1 of 13 www.diodes.com january 2011 ? diodes incorporated new product description the 74lvc1g58 is a single 3- input positive configurable multiple function gate with a standard totem pole output. the output state is determined by ei ght patterns of 3-bit input. the user can chose the logi c functions and, or, nand, nor, xor, inverter or non-invert ing buffer. all inputs can be connected to ground or vcc as required. the device is designed for operation with a power supply range of 1.65v to 5.5v. the inputs are tolerant to 5.5v allowing this device to be used in a mixed voltage environment. the device is fully specified for partial power down applications using ioff. the ioff circuitry disables the output preventing damaging current backflow when the device is powered down. the user is reminded that the device can simulate several types of logic gates, but may respond differently due to the schmitt action at the inputs. pin assignments features ? wide supply voltage range from 1.65v to 5.5v ? 24ma output drive at 3.3v ? cmos low power consumption ? ioff supports partial-power-down mode operation ? inputs accept up to 5.5v ? esd protection exceeds jesd 22 o 200-v machine model (a115-a) o 2000-v human body model (a114-a) ? latch-up exceeds 100ma per jesd 78, class ii ? range of package options ? sot26, sot363, and dfn1010: available in ?green? molding compound (no br, sb) ? lead free finish/ rohs compliant (note 1) applications ? voltage level shifting ? general purpose logic ? power down signal isolation ? wide array of products such as: o pcs, networking, notebooks, netbooks, pdas o computer peripherals, hard drives, cd/dvd rom o tv, dvd, dvr, set top box o cell phones, personal navigation / gps o mp3 players ,cameras, video recorders notes: 1. eu directive 2002/95/ec (rohs). all applicab le rohs exemptions applied. please visit our website at http://www.diodes.com /products/lead_free.html .
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 2 of 13 www.diodes.com january 2011 ? diodes incorporated new product pin descriptions pin name description in1 data input gnd ground in0 data input y data output vcc supply voltage in2 data input logic diagram function table inputs output in2 in1 in0 y l l l l l l h h l h l l l h h h h l l h h l h h h h l l h h h l
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 3 of 13 www.diodes.com january 2011 ? diodes incorporated new product logic configurations 2-input and gate with a input inverted 2-input nor gate with b input inverted configuration 2 b y a 43 2 5 61 vcc a b y a b y function selection table logic function configuration 2-input nand 1 2-input nand with both inputs inverted 4 2-input and with inverted input 2,3 2-input nor with inverted input 2,3 2-input or 4 2-input or with both inputs inverted 1 2-input xor 5 1-input buffer 6
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 4 of 13 www.diodes.com january 2011 ? diodes incorporated new product absolute maximum ratings (note 2) symbol description rating unit esd hbm human body model esd protection 2 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to 6.5 v v i input voltage range -0.5 to 6.5 v v o voltage applied to output in high impedance or i off state -0.5 to 6.5 v v o voltage applied to output in high or low state -0.3 to v cc +0.5 v i ik input clamp current v i <0 -50 ma i ok output clamp current -50 ma i o continuous output current 50 ma continuous current through vdd or gnd 100 ma t j operating junction temperature -40 to 150 c t stg storage temperature -65 to 150 c notes: 2. stresses beyond the absolute maximum may result in immediate failure or reduced reliability. these are stress valu es and device operation should be within recommend values. recommended operating conditions (note 3) symbol parameter min max unit v cc operating voltage operating 1.65 5.5 v data retention only 1.5 v v i input voltage 0 5.5 v v o output voltage 0 v cc v i oh high-level output current v cc = 1.65 v -4 ma v cc = 2.3 v -8 v cc = 3 v -16 -24 v cc = 4.5 v -32 i ol low-level output current v cc = 1.65 v 4 ma v cc = 2.3 v 8 v cc = 3 v 16 24 v cc = 4.5 v 32 t/ v input transition rise or fall rate v cc = 1.8 v 0.15v, 2.5 v 0.2 v 20 ns/v v cc = 3.3 v 0.3 v 10 v cc = 5 v 0.5 v 5 t a operating free-air temperature -40 125 oc notes: 3. unused inputs should be held at vcc or ground.
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 5 of 13 www.diodes.com january 2011 ? diodes incorporated new product electrical charact eristics t a =-40 c to 85 c (all typical values are at vcc = 3.3v, t a = 25c) symbol parameter test conditions vcc min typ. max unit v t+ positive-going input threshold voltage 1.65 v 0.70 1.20 2.3v 1.11 1.60 3 v 1.50 2.00 4.5 v 2.16 2.74 5.5 v 2.61 3.33 v t- negative-going input threshold voltage 1.65 v 0.30 0.72 2.3v 0.58 1.00 3 v 0.80 1.30 4.5 v 1.21 1.95 5.5 v 1.45 2.35 v t hysteresis (v t+ - v t-) 1.65 v 0.30 0.62 2.3v 0.40 0.80 3 v 0.35 1.00 4.5 v 0.55 1.10 5.5 v 0.60 1.20 v oh high level output voltage i oh = -100 a 1.65 v to 5.5v v cc ? 0.1 v i oh = -4ma 1.65 v 1.2 i oh = -8ma 2.3v 1.9 i oh = -16ma 3 v 2.4 i oh = -24ma 2.3 i oh = -32ma 4.5 v 3.8 v ol high-level input voltage i ol = 100 a 1.65 v to 5.5v 0.1 v i ol = 4ma 1.65 v 0.45 i ol = 8ma 2.3v 0.3 i ol = 16ma 3 v 0.4 i ol = 24ma 0.55 i ol = 32ma 4.5 0.55 i i input current v i = 5.5 v or gnd 0 to 5.5 v 5 a i off power down leakage current v i or v o = 5.5v 0 10 a i cc supply current v i = 5.5v of gnd i o =0 1.65 v to 5.5v 10 a i cc additional supply current one input at v cc ?0.6 v other inputs at v cc or gnd 3 v to 5.5v 500 a
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 6 of 13 www.diodes.com january 2011 ? diodes incorporated new product electrical charact eristics t a =-40 c to 125 c (all typical values are at vcc = 3.3v, t a = 25c) symbol parameter test conditions vcc min typ. max unit v t+ positive-going input threshold voltage 1.65 v 0.70 1.20 2.3v 1.11 1.60 3 v 1.50 2.00 4.5 v 2.16 2.74 5.5 v 2.61 3.33 v t- negative-going input threshold voltage 1.65 v 0.30 0.75 2.3v 0.58 1.03 3 v 0.80 1.33 4.5 v 1.21 1.95 5.5 v 1.45 2.35 v t hysteresis (v t+ - v t-) 1.65 v 0.30 0.62 2.3v 0.37 0.80 3 v 0.32 1.00 4.5 v 0.50 1.20 5.5 v 0.55 1.40 v oh high level output voltage i oh = -100 a 1.65 v to 5.5v v cc ? 0.1 v i oh = -4ma 1.65 v 0.95 i oh = -8ma 2.3v 1.7 i oh = -16ma 3 v 1.9 i oh = -24ma 2.0 i oh = -32ma 4.5 v 3.4 v ol high-level input voltage i ol = 100 a 1.65 v to 5.5v 0.1 v i ol = 4ma 1.65 v 0.7 i ol = 8ma 2.3v 0.45 i ol = 16ma 3 v 0.6 i ol = 24ma 0.8 i ol = 32ma 4.5 0.8 i i input current v i = 5.5 v or gnd 0 to 5.5 v 100 a i off power down leakage current v i or v o = 5.5v 0 200 a i cc supply current v i = 5.5v of gnd i o =0 1.65 v to 5.5v 200 a i cc additional supply current one input at v cc ?0.6 v other inputs at v cc or gnd 3 v to 5.5v 5000 a
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 7 of 13 www.diodes.com january 2011 ? diodes incorporated new product electrical characteristics (all typical values are at vcc = 3.3v, t a = 25c) symbol parameter test conditions vcc min typ. max unit c i input capacitance v i = v cc ? or gnd 3.3 3.5 pf ja thermal resistance junction-to-ambient sot26 (note 4) 166 o c/w sot363 (note 4) 333 dfn1010 (note 4) 231 jc thermal resistance junction-to-case sot26 (note 4) 46 o c/w sot363 (note 4) 102 dfn1010 (note 4) tbd notes: 4. test condition for sot26, sot 363 and dfn1010: device mounted on fr-4 subs trate pc board, 2oz copper, with minimum re commended pad layout. switching characteristics t a =-40 c to 85 c , cl = 30 or 50pf as noted (see figure 1) parameter from (input) to (output) vcc = 1.8 v 0.15v vcc = 2.5 v 0.2v vcc = 3.3 v 0.3v vcc = 5 v 0.5v unit min max min max min max min max t pd any y 1.0 14.4 0.7 8. 3 0.7 6.3 0.7 5.1 ns t a =-40 c to 125 c , cl = 30 or 50pf as noted (see figure 1) parameter from (input) to (output) vcc = 1.8 v 0.15v vcc = 2.5 v 0.2v vcc = 3.3 v 0.3v vcc = 5 v 0.5v unit min max min max min max min max t pd any y 1.0 18.0 0.7 10. 4 0.7 7.9 0.7 6.4 ns operating characteristics t a = 25 oc parameter test conditions vcc = 1.8 v vcc = 2.5 v vcc = 3.3 v vcc = 5 v unit typ typ typ typ c pd power dissipation capacitance f = 10 mhz 22 22 23 24 pf
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 8 of 13 www.diodes.com january 2011 ? diodes incorporated new product parameter measurement information vcc inputs v m c l r l v i t r /t f 1.8v0.15v v cc 2ns v cc /2 30pf 1k ? 2.5v0.2v v cc 2ns v cc /2 30pf 500 ? 3.3v0.3v 3v 2.5ns 1.5v 50pf 500 ? 5v0.5v v cc 2.5ns v cc /2 50pf 500 ? voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10 mhz c. inputs are measured separatel y one transition per measurement d. t plh and t phl are the same as t pd figure 1. load circuit and voltage waveforms
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 9 of 13 www.diodes.com january 2011 ? diodes incorporated new product ordering information device package code packaging (note 7) 7? tape and reel quantity part number suffix 74LVC1G58W6-7 w6 sot26 3000/tape & reel -7 74lvc1g58dw-7 dw sot363 3000/tape & reel -7 74lvc1g58fw4-7 fw4 dfn1010 5000/tape & reel -7 notes: 7. pad layout as shown on di odes inc. suggested pad layout document ap 02001, which can be found on our website at http://www.diodes.com /datasheets/ap02001.pdf. marking information (1) sot26, sot363 part number package identification code 74LVC1G58W6 sot26 tx 74lvc1g58dw sot363 tx
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 10 of 13 www.diodes.com january 2011 ? diodes incorporated new product marking information (continued) (2) dfn1010 part number package identification code 74lvc1g58fw4 dfn1010 tx package outline dimensions (all dimensions in mm) (1) package type: sot26
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 11 of 13 www.diodes.com january 2011 ? diodes incorporated new product package outline dimensions (all dimensions in mm) (2) package type: sot363 c l c l 0.10/0.30 1.15/1.35 2.0/2.2 0.65bsc. 1.8/2.2 0/0.1 0.9/1.0 1.10max. 0.1/0.22 "a" detail"a" gauge plane 0.25/0.40 c l c l 1.9 c l 6x-0.60 6x-0.42 4x-0.65 0.40/0.45 land pattern recommendation (unit:mm) 0.25 0 / 8 pin 1 (3) package type: dfn1010 bottom view side view 0.40max. 0/0.05 0.13typ. 6x- 0.05 c 0.08 c c seating plane a 0.95/1.05 0.95/1.05 0.07typ. 0.08 c 2x- 0.14/0.20(6x) 0.35typ. 2x- b 0.08 c 0.07 cab pin1 top view land pattern recommendation (unit:mm) 0.35/0.45(6x) 0.15min. 0.05/0.15 pin1 0.35typ. 0.20(6x) 0.45(6x) 0.235 0.15min. 0.15
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 12 of 13 www.diodes.com january 2011 ? diodes incorporated new product taping orientation (note 8) for dfn1010 notes: 8. the taping orientation of the other package type can be found on our website at http://www.diodes .com/datasheets/a p02007.pdf
74lvc1g58 configurable multiple-function gate 74lvc1g58 document number ds35126 rev. 1 - 2 13 of 13 www.diodes.com january 2011 ? diodes incorporated new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implie d warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liabi lity arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products desc ribed herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporat ed website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatso ever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes in corporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fee s arising out of, directly or indirectly, any claim of personal in jury or death associated with such unintended or unauthorized a pplication. products described herein may be covered by one or more united states, international or foreig n patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safe ty or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely respon sible for all legal, regulatory and safety-related requirements concerning their products and any use of diod es incorporated products in such safety-c ritical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety-criti cal, life support devices or systems. copyright ? 2010, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74LVC1G58W6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X