Part Number Hot Search : 
ALN2642L 7W08F 20A10 RQK06 RQK06 FTSM101A BCX70K 60000
Product Description
Full Text Search
 

To Download 74AC163TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/13 april 2001 n high speed: f max = 200mhz (typ.) at v cc =5v n low power dissipation: i cc =8 m a(max.) at t a =25 c n high noise immunity: v nih =v nil =28%v cc (min.) n 50 w transmission line driving capability n symmetrical output impedance: |i oh |=i ol = 24ma (min) n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 2v to 6v n pin and function compatible with 74 series 163 n improved latch-up immunity description the 74ac163 is an advanced high-speed cmos syncronous presettable counter fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos tecnology. it is a 4 bit binary counter with synchronous clear. the circuit have four fundamental modes of operation, in order of preference: synchronous reset, parallel load, count-up and hold. four control inputs, master reset (clear), parallel enable input (load), count enable input (pe) and count enable carry input (te), determine the mode of operation as shown in the truth table. a low signal on clear overrides counting and parallel loading and sets all outputs on low state on the next rising edge of clock. a low signal on load overrides counting and allows information on parallel data inputs to be loaded into the flip-flop on the next rising edge of clock. with load and clear high, pe and te permit counting when both are high. conversely, a low signal on either pe and te inhibits counting. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74ac163 synchronous presettable 4-bit counter pin connection and iec logic symbols order codes package tube t & r dip 74ac163b sop 74ac163m 74ac163mtr tssop 74AC163TTR tssop dip sop
74ac163 2/13 input and output equivalent circuit pin description truth table x : don't care; a, b, c, d; logic level of data input; carry out : te x qa x qb x qc x qd logic diagram pin no symbol name and function 1 clear master reset 2 clock clock input (low to high edge trigger) 3, 4, 5, 6 a, b, c, d data inputs 7 pe count enable input 10 te count enable carry input 9 load parallel enable input 14, 13, 12, 11 qa to qd flip-flop outputs 15 carry out terminal count output 8 gnd ground (0v) 16 v cc positive supply voltage inputs outputs function clear load pe te ck l x x x l l l l reset to o0o h l x x a b c d preset data h h x l no change no count h h l x no change no count hhhh count up count h x x x no change no count
74ac163 3/13 timing chart
74ac163 4/13 absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied. recommended operating conditions 1) v in from 30% to 70% of v cc symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current 20 ma i ok dc output diode current 20 ma i o dc output current 50 ma i cc or i gnd dc v cc or ground current 300 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 2to6 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time v cc = 3.0, 4.5 or 5.5v (note 1) 8 ns/v
74ac163 5/13 dc specifications 1) maximum test duration 2ms, one output loaded at time 2) incident wave switching is guaranteed on transmission lines with impedances as low as 50 w symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. v ih high level input voltage 3.0 v o = 0.1 v or v cc -0.1v 2.1 1.5 2.1 2.1 v 4.5 3.15 2.25 3.15 3.15 5.5 3.85 2.75 3.85 3.85 v il low level input voltage 3.0 v o = 0.1 v or v cc -0.1v 1.5 0.9 0.9 0.9 v 4.5 2.25 1.35 1.35 1.35 5.5 2.75 1.65 1.65 1.65 v oh high level output voltage 3.0 i o =-50 m a 2.9 2.99 2.9 2.9 v 4.5 i o =-50 m a 4.4 4.49 4.4 4.4 5.5 i o =-50 m a 5.4 5.49 5.4 5.4 3.0 i o =-12 ma 2.56 2.46 2.4 4.5 i o =-24 ma 3.86 3.76 3.7 5.5 i o =-24 ma 4.86 4.76 4.7 v ol low level output voltage 3.0 i o =50 m a 0.002 0.1 0.1 0.1 v 4.5 i o =50 m a 0.001 0.1 0.1 0.1 5.5 i o =50 m a 0.001 0.1 0.1 0.1 3.0 i o =12 ma 0.36 0.44 0.5 4.5 i o =24 ma 0.36 0.44 0.5 5.5 i o =24 ma 0.36 0.44 0.5 i i input leakage current 5.5 v i =v cc or gnd 0.1 1 1 m a i cc quiescent supply current 5.5 v i =v cc or gnd 8 80 160 m a i old dynamic output current (note 1, 2) 5.5 v old = 1.65 v max 75 50 ma i ohd v ohd = 3.85 v min -75 -50 ma
74ac163 6/13 ac electrical characteristics (c l = 50 pf, r l = 500 w , input t r =t f = 3ns) (*) voltage range is 3.3v 0.3v (**) voltage range is 5.0v 0.5v symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. t plh t phl propagation delay time clock to q 3.3 (*) 7.0 12.0 13.0 13.0 ns 5.0 (**) 5.0 9.0 9.5 9.5 t plh t phl propagation delay time clock to carry out 3.3 (*) 8.0 14.0 15.0 15.0 ns 5.0 (**) 6.0 10.5 11.5 11.5 t plh t phl propagation delay time te to carry out 3.3 (*) 5.5 9.5 11.0 11.0 ns 5.0 (**) 4.0 6.5 7.5 7.5 t w ck pulse width, (count) high or low 3.3 (*) 2.0 4.5 7.5 7.5 ns 5.0 (**) 2.0 4.0 4.5 4.5 t w ck pulse width, (load) high or low 3.3 (*) 2.0 3.0 3.5 3.5 ns 5.0 (**) 2.0 2.5 3.0 3.0 t s setup time high or low (input to clock) 3.3 (*) 2.0 4.0 5.0 5.0 ns 5.0 (**) 1.5 3.0 4.0 4.0 t n hold time high or low (input to clock) 3.3 (*) -1.5 -0.5 0 0 ns 5.0 (**) -1.0 0.5 1.0 1.0 t s setup time high or low (clear to clock) 3.3 (*) 1.0 3.0 4.0 4.0 ns 5.0 (**) 1.0 3.5 4.5 4.5 t h hold time high or low (clear to clock) 3.3 (*) -0.5 0.5 1.0 1.0 ns 5.0 (**) -0.3 0.5 1.0 1.0 t s setup time high or low ( load to clock) 3.3 (*) 3.0 5.0 8.0 8.0 ns 5.0 (**) 2.5 6.0 7.0 7.0 t h hold time high or low (load to clock) 3.3 (*) -2.5 -1.0 -0.5 -0.5 ns 5.0 (**) -1.5 0 0.5 0.5 t s setup time high or low (pe or te to clock) 3.3 (*) 3.0 6.0 7.0 7.0 ns 5.0 (**) 2.0 4.0 5.0 5.0 t h hold time high or low (pe or te to clock) 3.3 (*) -2.0 -0.5 0 0 ns 5.0 (**) -1.5 0 0.5 0.5 f max maximum clock frequency 3.3 (*) 70 200 60 60 mhz 5.0 (**) 110 200 95 95
74ac163 7/13 capacitive characteristics 1) c pd is defined as the value of the ic's internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) =c pd xv cc xf in +i cc /n (per circuit) test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r l =r 1 = 500 w or equivalent r t =z out of pulse generator (typically 50 w ) waveform 1: propagation delays, count mode (f=1mhz; 50% duty cycle) symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. c in input capacitance 5.0 4.5 pf c pd power dissipation capacitance (note1) 5.0 f in = 10mhz 37 pf
74ac163 8/13 waveform 2: propagation delays clear mode (f=1mhz; 50% duty cycle) waveform 3: propagation delays preset mode (f=1mhz; 50% duty cycle)
74ac163 9/13 waveform 4: propagation delays countable mode (f=1mhz; 50% duty cycle) waveform 5: propagation delays cascade mode (f=1mhz; 50% duty cycle)
74ac163 10/13 dim. mm inch min. typ. max. min. typ. max. a1 0.51 0.020 b 0.77 1.65 0.030 0.065 b 0.5 0.020 b1 0.25 0.010 d 20 0.787 e 8.5 0.335 e 2.54 0.100 e3 17.78 0.700 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 0.050 p001c plastic dip-16 (0.25) mechanical data
74ac163 11/13 dim. mm inch min. typ. max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.004 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 9.8 10 0.385 0.393 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 8.89 0.350 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.62 0.024 s 8 (max.) p013h so-16 mechanical data
74ac163 12/13 dim. mm inch min. typ. max. min. typ. max. a 1.1 0.433 a1 0.05 0.10 0.15 0.002 0.004 0.006 a2 0.85 0.9 0.95 0.335 0.354 0.374 b 0.19 0.30 0.0075 0.0118 c 0.09 0.20 0.0035 0.0079 d 4.9 5 5.1 0.193 0.197 0.201 e 6.25 6.4 6.5 0.246 0.252 0.256 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 o 4 o 8 o 0 o 4 o 8 o l 0.50 0.60 0.70 0.020 0.024 0.028 c e b a2 a e1 d 1 pin 1 identification a1 l k e tssop16 mechanical data
74ac163 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringe ment of patents or other righ ts of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this pub lication are subject to change without notice. thi s pub lication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authori zed for use as critical components in life suppo rt devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - swit zerland - united kingdom ? http://w ww.st.com 13/13


▲Up To Search▲   

 
Price & Availability of 74AC163TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X