Part Number Hot Search : 
0NSPB IDT74FCT S3120 MBT39 SCB25M EBS24B WRB0512 BUK762
Product Description
Full Text Search
 

To Download 2SB1016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1016 d escription with to-220fa package high breakdown voltage low collector saturation voltage complement to type 2sd1407 applications power amplifier applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -100 v v ceo collector -emitter voltage open base -100 v v ebo emitter-base voltage open collector -5 v i c collector current -5 a i b base current -0.5 a p c collector power dissipation t c =25 30 w t j junction temperature 150 t stg storage temperature -55~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1016 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma; i b =0 -100 v v cesat collector-emitter saturation voltage i c =-4a ;i b =-0.4a -2.0 v v be base-emitter voltage i c =-4a; v ce =-5v -1.5 v i cbo collector cut-off current v cb =-100v; i e =0 -100 a i ebo emitter cut-off current v eb =-5v; i c =0 -1 ma h fe-1 dc current gain i c =-1a ; v ce =-5v 40 240 h fe-2 dc current gain i c =-4a ; v ce =-5v 20 f t transition frequency i c =-1a; v ce =-5v 5 mhz c ob collector output capacitance f=1mhz ; v cb =-10v;i e =0 270 pf  h fe-1 classifications r o y 40-80 70-140 120-240 downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1016 package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm) downloaded from: http:///
savantic semiconductor product specification 4 silicon pnp power transistors 2SB1016 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SB1016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X