Part Number Hot Search : 
DZD30 1N4005G SEMIX TIP34B DG901 SKY65 HPR109WH 2762A
Product Description
Full Text Search
 

To Download 2SA1651 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1651 d escription with to-220fa package fast switching speed low collector saturation voltage applications for use in switching power supplies,dc-dc converters,motor drivers,solenoid drivers, and other low-voltage power supply devices, as well as for high current switching pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector- base voltage open emitter -150 v v ceo collector- emitter voltage open base -100 v v ebo emitter-base voltage open collector -7 v i c collector current -7 a i cm collector current-peak pw 0 300s, duty cycle 0 10% -14 a i b base current -3.5 a t a =25 1.5 p t total power dissipation t c =25 25 w t j junction temperature 150 t stg storage temperature -55~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1651 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v cesat-1 collector-emitter saturation voltage i c =-4a; i b =-0.2a -0.3 v v cesat -2 collector-emitter saturation voltage i c =-6a; i b =-0.3a -0.5 v v be sat -1 base-emitter saturation voltage i c =-4a; i b =-0.2a -1.2 v v be sat -2 base-emitter saturation voltage i c =-6a; i b =-0.3a -1.5 v i cbo collector cut-off current v cb =-100v; i e =0 -10 a i ebo emitter cut-off current v eb =-5v; i c =0 -10 a h fe-1 dc current gain i c =-0.5a ; v ce =-2v 100 h fe-2 dc current gain i c =-1.5a ; v ce =-2v 100 400 h fe-3 dc current gain i c =-4a ; v ce =-2v 60 f t transition frequency i c =-1.5a ; v ce =-10v 150 mhz c ob collector capacitance i e =-0 ; v cb =-10v;f=1mhz 150 pf switching times t on turn-on time 0.3 s t s storage time 1.5 s t f fall time i c =-4a; i b1 =-i b2 =-0.2a r l =12.5 @ ; v cc =-50v 0.4 s  h fe-2 classifications m l k 100-200 150-300 200-400 downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1651 package outline fig.2 outline dimensions(unindicated tolerance:0.15 mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA1651

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X