Part Number Hot Search : 
AP4750 MBR1060 364484 80050 LWL283 SS310 50372 58AMJ
Product Description
Full Text Search
 

To Download 2SA1327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1327 d escription with to-220fa package low collector saturation voltage high current capacity applications strobe flash applications audio power amplifier applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -50 v v ceo collector-emitter voltage open base -20 v v ebo emitter-base voltage open collector -8 v i c collector current -10 a i cm collector current-peak -20 a i b base current -2 a t c =25 20 p c collector power dissipation t a =25 2 w t j junction temperature 150 t stg storage temperature -55~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1327 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-10ma , i b =0 -20 v v cesat collector-emitter saturation voltage i c =-8a; i b =-0.4a -0.5 v v be base-emitter on voltage i c =-8a ; v ce =-2v -1.5 v i cbo collector cut-off current v cb =-50v;i e =0 -1.0 a i ebo emitter cut-off current v eb =-8v; i c =0 -1.0 a h fe-1 dc current gain i c =-1a ; v ce =-2v 100 320 h fe -2 dc current gain i c =-8a ; v ce =-2v 70 c ob output capacitance i e =0 ; v cb =-10v; f=1mhz 400 pf f t transition frequency i c =-1a ; v ce =-2v 45 mhz  h fe-1 classifications o y 100-200 160-320 downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1327 package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm) downloaded from: http:///
savantic semiconductor product specification 4 silicon pnp power transistors 2SA1327 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA1327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X