Part Number Hot Search : 
104M10 2SC1623W TMBR6S05 C16FJ NFSW072 KB521G EP2600TS BYT41M
Product Description
Full Text Search
 

To Download 2SA1306A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2sa1306 2SA1306A 2sa1306b d escription with to-220fa package complement to type 2sc3298,2sc3298a,2sc3298b applications power amplifier applications driver stage amplifier applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2sa1306 -160 2SA1306A -180 v cbo collector- base voltage 2sa1306b open emitter -200 v 2sa1306 -160 2SA1306A -180 v ceo collector- emitter voltage 2sa1306b open base -200 v v ebo emitter-base voltage open collector -5 v i c collector current -1.5 a i b base current -0.15 a p c collector power dissipation t c =25 20 w t j junction temperature 150 t stg storage temperature -55~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp power transistors 2sa1306 2SA1306A 2sa1306b characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2sa1306 -160 2SA1306A -180 v (br)ceo collector-emitter breakdown voltage 2sa1306b i c =10ma , i b =0 -200 v v cesat collector-emitter saturation voltage i c =-0.5a, i b =-50ma -1.5 v v be base-emitter voltage i c =-0.5a ,v ce =-5v -1.0 v i cbo collector cut-off current v cb =-160v, i e =0 -1.0 a i ebo emitter cut-off current v eb =-5v; i c =0 -1.0 a h fe dc current gain i c =-0.1a ; v ce =-5v 70 240 c ob output capacitance i e =0 ; v cb =-10v,f=1mhz 30 pf f t transition frequency i c =-0.1a ; v ce =-10v 100 mhz  h fe classifications o y 70-140 120-240 downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp power transistors 2sa1306 2SA1306A 2sa1306b package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA1306A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X