Part Number Hot Search : 
D5703 TC2696 P87C51 74AC174 1N5221 FARM1C23 161CNQ BPC3510
Product Description
Full Text Search
 

To Download 2SA1305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1305 d escription with to-220fa package low collector saturation voltage high transition frequency applications high current switching applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -30 v v ceo collector-emitter voltage open base -30 v ebo emitter-base voltage open collector -5 v i c collector current -3 a t c =25 15 p c collector power dissipation t a =25 2 w t j junction temperature 150 t stg storage temperature -55~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1305 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-10ma , i b =0 -30 v v (br)ebo emitter-base breakdown voltage i e =-50a , i c =0 -5 v v cesat collector-emitter saturation voltage i c =-2a; i b =-0.2a -1.0 v v besat base-emitter saturation voltage i c =-2a; i b =-0.2a -1.5 v i cbo collector cut-off current v cb =-30v;i e =0 -1.0 a i ebo emitter cut-off current v eb =-5v; i c =0 -1.0 a h fe dc current gain i c =-0.5a ; v ce =-3v 60 320 f t transition frequency i c =-0.5a ; v ce =-5v 100 mhz downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1305 package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA1305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X