Part Number Hot Search : 
BAQ35 TS1872IN D71A6100 TDA1581 A1193 16M0XC DM74A SIS3400
Product Description
Full Text Search
 

To Download 2N2907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of september 1994 file under discrete semiconductors, sc04 1997 may 30 discrete semiconductors 2N2907; 2N2907a pnp switching transistors m3d125
1997 may 30 2 philips semiconductors product speci?cation pnp switching transistors 2N2907; 2N2907a features high current (max. 600 ma) low voltage (max. 60 v). applications switching and linear amplification. description pnp switching transistor in a to-18 metal package. npn complements: 2n2222 and 2n2222a. pinning pin description 1 emitter 2 base 3 collector, connected to case fig.1 simplified outline (to-18) and symbol. handbook, halfpage mam263 1 3 2 3 1 2 quick reference data symbol parameter conditions min. max. unit v cbo collector-base voltage open emitter -- 60 v v ceo collector-emitter voltage open base 2N2907 -- 40 v 2N2907a -- 60 v i c collector current (dc) -- 600 ma p tot total power dissipation t amb 25 c - 400 mw h fe dc current gain i c = - 150 ma; v ce = - 10 v 100 300 f t transition frequency i c = - 50 ma; v ce = - 20 v; f = 100 mhz 200 - mhz t off turn-off time i con = - 150 ma; i bon = - 15 ma; i boff =15ma - 300 ns
1997 may 30 3 philips semiconductors product speci?cation pnp switching transistors 2N2907; 2N2907a limiting values in accordance with the absolute maximum rating system (iec 134). thermal characteristics symbol parameter conditions min. max. unit v cbo collector-base voltage open emitter -- 60 v v ceo collector-emitter voltage open base; i c <- 100 ma 2N2907 -- 40 v 2N2907a -- 60 v v ebo emitter-base voltage open collector -- 5v i c collector current (dc) -- 600 ma i cm peak collector current -- 800 ma i bm peak base current -- 200 ma p tot total power dissipation t amb 25 c - 400 mw t case 25 c - 1.2 w t stg storage temperature - 65 +150 c t j junction temperature - 200 c t amb operating ambient temperature - 65 +150 c symbol parameter conditions value unit r th j-a thermal resistance from junction to ambient in free air 438 k/w r th j-c thermal resistance from junction to case 146 k/w
1997 may 30 4 philips semiconductors product speci?cation pnp switching transistors 2N2907; 2N2907a characteristics t amb =25 c unless otherwise speci?ed. note 1. pulse test: t p 300 m s; d 0.02. symbol parameter conditions min. max. unit i cbo collector cut-off current 2N2907 i e = 0; v cb = - 50 v -- 20 na i e = 0; v cb = - 50 v; t amb = 150 c -- 20 m a i cbo collector cut-off current 2N2907a i e = 0; v cb = - 50 v -- 10 na i e = 0; v cb = - 50 v; t amb = 150 c -- 10 m a i ebo emitter cut-off current i c = 0; v eb = - 5v -- 50 na h fe dc current gain v ce = - 10 v 2N2907 i c = - 0.1 ma 35 - i c = - 1ma 50 - i c = - 10 ma 75 - i c = - 150 ma; note 1 100 300 i c = - 500 ma; note 1 30 h fe dc current gain v ce = - 10 v 2N2907a i c = - 0.1 ma 75 - i c = - 1 ma 100 - i c = - 10 ma 100 - i c = - 150 ma; note 1 100 300 i c = - 500 ma; note 1 50 - v cesat collector-emitter saturation voltage i c = - 150 ma; i b = - 15 ma; note 1 - 400 mv i c = - 500 ma; i b = - 50 ma; note 1 - 1.6 v v besat base-emitter saturation voltage i c = - 150 ma; i b = - 15 ma; note 1 - 1.3 v i c = - 500 ma; i b = - 50 ma; note 1 - 2.6 v c c collector capacitance i e =i e = 0; v cb = - 10 v; f = 1 mhz - 8pf c e emitter capacitance i c =i c = 0; v eb = - 2 v; f = 1 mhz - 30 pf f t transition frequency i c = - 50 ma; v ce = - 20 v; f = 100 mhz; note 1 200 - mhz switching times (between 10% and 90% levels); see fig.2 t on turn-on time i con = - 150 ma; i bon = - 15 ma; i boff =15ma - 45 ns t d delay time - 15 ns t r rise time - 35 ns t off turn-off time - 300 ns t s storage time - 250 ns t f fall time - 50 ns
1997 may 30 5 philips semiconductors product speci?cation pnp switching transistors 2N2907; 2N2907a fig.2 test circuit for switching times. handbook, full pagewidth r c r2 r1 dut mgd624 v o r b (probe) 450 w (probe) 450 w oscilloscope oscilloscope v bb v i v cc v i = - 9.5 v; t = 500 m s; t p =10 m s; t r =t f 3 ns. r1 = 68 w ; r2 = 325 w ; r b = 325 w ; r c = 160 w . v bb = 3.5 v; v cc = - 29.5 v. oscilloscope input impedance z i =50 w .
1997 may 30 6 philips semiconductors product speci?cation pnp switching transistors 2N2907; 2N2907a package outline references outline version european projection issue date iec jedec eiaj sot18/13 to-18 b11/c7 type 3 97-04-18 a a k d a l seating plane b d 1 0 5 10 mm scale metal-can cylindrical single-ended package; 3 leads sot18/13 w a m m b m a 1 2 3 j b dimensions (millimetre dimensions are derived from the original inch dimensions) unit w mm 5.31 4.74 0.47 0.41 5.45 5.30 4.70 4.55 1.03 0.94 1.1 0.9 15.0 12.7 a 0.40 45 aabdd 1 jkl 2.54
1997 may 30 7 philips semiconductors product speci?cation pnp switching transistors 2N2907; 2N2907a definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1997 sca54 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 1231, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: rua do rocio 220, 5th floor, suite 51, 04552-903 s?o paulo, s?o paulo - sp, brazil, tel. +55 11 821 2333, fax. +55 11 829 1849 spain: balmes 22, 08007 barcelona, tel. +34 3 301 6312, fax. +34 3 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 632 2000, fax. +46 8 632 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2686, fax. +41 1 481 7730 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2865, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 625 344, fax.+381 11 635 777 for all other countries apply to: philips semiconductors, marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 1 60 101, fax. +43 1 60 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 200 733, fax. +375 172 200 773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 689 211, fax. +359 2 689 102 canada: philips semiconductors/components, tel. +1 800 234 7381 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: prags boulevard 80, pb 1919, dk-2300 copenhagen s, tel. +45 32 88 2636, fax. +45 31 57 0044 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615800, fax. +358 9 61580920 france: 4 rue du port-aux-vins, bp317, 92156 suresnes cedex, tel. +33 1 40 99 6161, fax. +33 1 40 99 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 23 53 60, fax. +49 40 23 536 300 greece: no. 15, 25th march street, gr 17778 tavros/athens, tel. +30 1 4894 339/239, fax. +30 1 4814 240 hungary: see austria india: philips india ltd, shivsagar estate, a block, dr. annie besant rd. worli, mumbai 400 018, tel. +91 22 4938 541, fax. +91 22 4938 722 indonesia: see singapore ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381 middle east: see italy printed in the netherlands 117047/00/02/pp8 date of release: 1997 may 30 document order number: 9397 750 02224


▲Up To Search▲   

 
Price & Availability of 2N2907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X