Part Number Hot Search : 
BD46421 41000 T1210 SC2411K SJ2520 SMAJ13 IC18F DTA143T
Product Description
Full Text Search
 

To Download 22-28-0025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 02/25/2014 please check www.molex.com for latest part information part number: 22-28-0025 status: active overview: kk? interconnect system - molex description: kk? 254 breakaway header, vertical, with friction lock, 2 circuits, 0.76m gold (au) selective plating, with kinked pc tails documents: 3d model product specification ps-10-07 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 42227 application signal, wire-to-board application tooling part link 11-20-1230 overview kk? interconnect system - molex product name kk? 254 upc 800753786752 physical breakaway yes circuits (loaded) 2 circuits (maximum) 2 color - resin black durability (mating cycles max) 100 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating gold material - plating termination tin material - resin nylon net weight 0.261/g number of rows 1 orientation vertical pc tail length 3.05mm pcb locator no pcb retention yes pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 2.54mm plating min - mating 0.762m plating min - termination 2.540m polarized to mating part no polarized to pcb no shrouded no stackable no temperature range - operating see product specification termination interface: style through hole electrical current - maximum per contact 4a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42227 series mates with kk? crimp housing 2695 , 6471 , 7880 , kk? pc board connector 4455
voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 42227-0177 reference - drawing numbers product specification ps-10-07 sales drawing sd-42227-001 this document was generated on 02/25/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 22-28-0025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X