Part Number Hot Search : 
B1282 2405DH PC1508 GS8640 LM293 ASI10566 UN5216 3057A
Product Description
Full Text Search
 

To Download 15KPA120A-HRA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 09/10/16 agency agency file number e230531 tvs devices are ideal for the protection of i/o interfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. applications features the 15kpa-hra high reliability series is designed specifcally to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. descriptios parameter symbol value unit peak pulse power dissipation by 10/1000s test waveform (fig.2) (note 1) p ppm 15000 w steady state power dissipation on infnite heat sink at t l =75oc p d 8.0 w peak forward surge current, 8.3ms single half sine wave unidirectional only (note 2) i fsm 400 a operating junction and storage temperature range t j , t stg -55 to 175 c typical thermal resistance junction to lead r ujl 8.0 c/w typical thermal resistance junction to ambient r uja 40 c/w notes: 1. non-repetitive current pulse , per fig. 4 and derated above t j (initial) =25 o c per fig 3. 2. measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum. maximum ratings and thermal characteristics (t a =25 o c unless otherwise noted) agency approvals ? 15000w peak pulse capability at 10/1000s waveform, repetition rate (duty cycles):0.01% ? glass passivated chip junction in p600 package ? fast response time: typically less than 1.0ps from 0 volts to bv min ? excellent clamping capability ? typical failure mode is short from over-specifed voltage or current ? whisker test is conducted based on jedec jesd201a per its table 4a and 4c ? iec-61000-4-2 esd 30kv(air), 30kv (contact) ? esd protection of data lines in accordance with iec 61000-4-2 ? eft protection of data lines in accordance with iec 61000-4-4 ? low incremental surge resistance ?typical i r less than 2a when v br min>36v ? high temperature to refow soldering guaranteed: 260c/10sec / 0.375, (9.5mm) lead length, 5 lbs., (2.3kg) tension ? v br @ t j = v br @25c x (1+ t x (t j - 25)) ( t:temperature coeffcient, typical value is 0.1%) ? plastic package is fammability rated v-0 per underwriters laboratories ? lead-free matte tin plated package ? halogen free and rohs compliant ? pb-free e3 means 2nd level interconnect is pb-free and the terminal fnish material is tin(sn) (ipc/jedec j-std- 609a.01) 15kpa-hra series functional diagram bi-directional uni-directional cathode anode bi-directional uni-directional r ohs pb e3 tvs diodes axial leaded C 15000w > 15kpa-hra series
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 09/10/16 electrical characteristics (t a =25c unless otherwise noted) part number (uni) part number (bi) reverse stand off voltage v r (volts) breakdown voltage v br (volts) @ i t test current i t (ma) maximum peak pulse current i pp (a) maximum reverse leakage i r @ v r ( a) maximum clamping voltage v c @ i pp (v) agency approval min max 15kpa17a -hra 15kpa17ca-hra 17 18.99 20.79 50 515.4 5000 29.3 x 15kpa18a-hra 15kpa18ca-hra 18 20.11 22.01 50 488.7 5000 30.9 x 15kpa20a-hra 15kpa20ca-hra 20 22.34 24.46 20 440.2 1500 34.3 x 15kpa22a-hra 15kpa22ca-hra 22 24.57 26.91 10 407.0 500 37.1 x 15kpa24a-hra 15kpa24ca-hra 24 26.81 29.35 5 371.0 150 40.7 x 15kpa26a-hra 15kpa26ca-hra 26 29.04 31.80 5 343.2 50 44.0 x 15kpa28a-hra 15kpa28ca-hra 28 31.28 34.24 5 317.9 25 47.5 x 15kpa30a-hra 15kpa30ca-hra 30 33.51 36.7 5 297.8 15 50.7 x 15kpa33a-hra 15kpa33ca-hra 33 36.9 40.4 5 276.1 2 54.7 x 15kpa36a-hra 15kpa36ca-hra 36 40.2 44.0 5 252.5 2 59.8 x 15kpa40a-hra 15kpa40ca-hra 40 44.7 48.9 5 229.5 2 65.8 x 15kpa43a-hra 15kpa43ca-hra 43 48.0 52.6 5 216.3 2 69.8 x 15kpa45a-hra 15kpa45ca-hra 45 50.3 55.0 5 207.4 2 72.8 x 15kpa48a-hra 15kpa48ca-hra 48 53.6 58.7 5 194.3 2 77.7 x 15kpa51a-hra 15kpa51ca-hra 51 57.0 62.4 5 182.1 2 82.9 x 15kpa54a-hra 15kpa54ca-hra 54 60.3 66.0 5 172.2 2 87.7 x 15kpa58a-hra 15kpa58ca-hra 58 64.8 70.9 5 161.0 2 93.8 x 15kpa60a-hra 15kpa60ca-hra 60 67.0 73.4 5 155.0 2 97.4 x 15kpa64a-hra 15kpa64ca-hra 64 71.5 78.3 5 144.9 2 104.2 x 15kpa70a-hra 15kpa70ca-hra 70 78.2 85.6 5 132.9 2 113.6 x 15kpa75a-hra 15kpa75ca-hra 75 83.8 91.7 5 123.8 2 122.0 x 15kpa78a-hra 15kpa78ca-hra 78 87.1 95.4 5 119.7 2 126.1 x 15kpa85a-hra 15kpa85ca-hra 85 94.9 104.0 5 109.7 2 137.6 x 15kpa90a-hra 15kpa90ca-hra 90 100.5 110.1 5 103.7 2 145.6 x 15kpa100a-hra 15kpa100ca-hra 100 111. 7 122.3 5 93.6 2 161.3 x 15kpa110a-hra 15kpa110ca-hra 110 122.9 134.5 5 84.5 2 178.6 x 15KPA120A-HRA 15kpa120ca-hra 120 134.0 146.8 5 78.5 2 192.3 x 15kpa130a-hra 15kpa130ca-hra 130 145.2 159.0 5 72.5 2 208.3 x 15kpa150a-hra 15kpa150ca-hra 150 167.6 183.5 5 62.4 2 241.9 x 15kpa160a-hra 15kpa160ca-hra 160 178.7 195.7 5 58.4 2 258.6 x 15kpa170a-hra 15kpa170ca-hra 170 189.9 207.9 5 55.4 2 272.7 x 15kpa180a-hra 15kpa180ca-hra 180 201.1 220.1 5 52.3 2 288.5 x 15kpa200a-hra 15kpa200ca-hra 200 223.4 244.6 5 47.3 2 319.1 x 15kpa220a-hra 15kpa220ca-hra 220 245.7 269.1 5 42.4 2 356.0 x 15kpa240a-hra 15kpa240ca-hra 240 268.1 293.5 5 39.3 2 384.6 x 15kpa260a-hra 15kpa260ca-hra 260 290.4 318.0 5 36.2 2 416.7 x 15kpa280a-hra 15kpa280ca-hra 280 312.8 342.4 5 33.2 2 454.5 x note: 1. for bidirectional type having v r of 30 volts and less, the i r limit is double. tvs diodes axial leaded C 15000w > 15kpa-hra series
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 09/10/16 figure 2 - peak pulse power rating curve vo lt age tr an si en ts ti me vo lt age acro ss tv s current through tv s voltage or current figure 1 - tvs transients clamping waveform ratings and characteristic curves (t a =25c unless otherwise noted) p ppm peak pulse power dissipation -- max power dissipation v r stand-off voltage -- maximum voltage that can be applied to the tvs without operation v br breakdown voltage -- maximum voltage that fows though the tvs at a specifed test current (i t ) v c clamping voltage -- peak voltage measured across the tvs at a specifed ippm (peak impulse current) i r reverse leakage current -- current measured at v r v f forward voltage drop for uni-directional screen process 100% vision inspection mil-std-750 method 2074 100% high temperature storage life (168hrs,175 c ) mil-std-750 method 1031 100% temperature cycle test (-55 to150 c , 20 cycles, dwell time 15 min) mil-std-750 method 1051 100% surge test (2x) mil-std-750 method 4066 100% htrb 150 c bias=vr(80% breakdown voltage, 96hrs, and each direction at 96 hrs for bi-directional products) mil-std-750 method 1038 final electrical test( 100% 3 sigma limit, 100% dynamic test and pat limit) mil-std-750 method 4016.4021.4011 note: up-screen program can be specifed by customers request via contacting littelfuse service i-v curve characteristics vc v br v r i r i t i pp v uni-directional v f vc v br v r i r i t i pp v vc v br v r i pp i r i t bi-directional 1 10 10 0 100 0 t d -pulse width (ms.) p ppm -peak pulse power (kw ) 0. 0010 .0 10 .1 11 0 t j initial = t amb tvs diodes axial leaded C 15000w > 15kpa-hra series
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 09/10/16 i ppm - p eak p ulse cur rent, % i rsm 0 0 50 10 0 15 0 1. 0 2.0 3.0 4.0 t r =1 0sec p eak v alue i ppm i ppm 2 t j =25c p ulse width(td) is de?ned as the point where the peak cur rent decays to 50% of i ppm 1 0/1 000sec. w aveform as de?ned by r.e. a t d t-t ime (ms) half v alue i ppm ( ) figure 3 - peak pulse power derating curve figure 4 - test pulse waveform ratings and characteristic curves (t a =25c unless otherwise noted) (continued) cj (p f) v br - reverse breakdown vo ltage (v) 1 10 100 100 0 10000 100000 0 50 1001 50 2002 50 3003 50 uni- di rec on al v = v r uni- di rec on al v =0 v bi-d ir ec o na l v= 0v bi-d ir ec o na l v= v r figure 5 - typical junction capacitance i fs m - pe ak fo rw ar d su rv e curre nt (a ) nu mb er of cy cles at 60 hz 0 100 200 300 400 500 600 700 800 900 1000 11 0 100 figure 7 - maximum non-repetitive peak forward surge current uni-directional only i f -p ea k fo rw ar d cu rre nt (a ) v f -p ea k fo rw ar d vo lt ag e( v) 0. 1 1 10 100 0. 02 .0 4. 06 .0 8. 01 0. 0 12. 0 3 st ac ke d-di e 2 st ac ke d-di e figure 8 - peak forward voltage drop vs peak forward current (typical values) tr an si en t th er ma l im pe da nc e ( c/ w) -p ul se du ra ti on (s ) t p 0. 1 1 10 100 0. 01 0. 11 10 100 100 0 figure 6 - typical transient thermal impedance peak pulse power (p pp ) or current (i pp ) derating in percentage % 0 25 50 75 100 02 55 07 5 100 125 150 175 200 t j - initial junction temperature (oc) tvs diodes axial leaded C 15000w > 15kpa-hra series
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 09/10/16 physical specifcations weight 0.07oz., 2.5g case p600 molded plastic body over passivated junction. polarity color band denotes the cathode except bipolar. terminal matte tin axial leads, solderable per jesd22-b102. dimensions dimensions inches millimeters min max min max a 1.000 - 25.40 - b 0.340 0.360 8.60 9.10 c 0.048 0.052 1.22 1.32 d 0.340 0.360 8.60 9.10 environmental specifcations high temp. storage jesd22-a103 htrb jesd22-a108 temperature cycling jesd22-a104 h3trb jesd22-a101 rsh jesd22-b106 p600 d a a c b cathode band (for uni-directional products only) part numbering system packing options part number component package quantity packaging option packaging specifcation 15kpa xxxxx-hra p600 800 tape & reel eia std rs-296 t ype code: a uni-directional (5% v br v olt age t olerance) ca bi-directional (5% v br v olt age t olerance) series code 15kp a xxx xx v r vo lta ge high reliabilit y -hr without group b tes t a part marking system f 15kp a xxx -hr a yy ww trace code marking yy:year code ww: week code product type littelfuse logo cathode band (for uni-directional products only) tvs diodes axial leaded C 15000w > 15kpa-hra series
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 09/10/16 tape and reel specifcation 2.063+0.079/-0.039 2.56 0.394+/-0.020 2.75 0.047 (330.2) r ecess depth max. 0.75 (1 9.05) of f center either side 0.028(0.7) dimensions are in inc hes/mm 0.236 (65.0) (1 0.0+/-0.5) (53.0+2.0/-1 .0) (6.0) (1 .2) (69.85) 1 3.0 (7 6.2) 3.0 0.68 (1 7. 27) direction of feed rtca/do-160g wave 4 and wave 5 tvs diodes axial leaded C 15000w > 15kpa-hra series
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 09/10/16 part number (uni) part number (bi) 25c 70c 120c wave 4 (6.4/69us) wave 5a (40/120us) wave 4 (6.4/69us) wave 5a (40/120us) wave 4 (6.4/69us) wave 5a (40/120us) l3 l4 l5 l3 l4 l3 l4 l5 l3 l4 l3 l4 l5 l3 l4 60a 150a 320a 300a 750a 60a 150a 320a 300a 750a 60a 150a 320a 300a 750a 15kpa17a -hra 15kpa17ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass pass 15kpa18a-hra 15kpa18ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass pass 15kpa20a-hra 15kpa20ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass pass 15kpa22a-hra 15kpa22ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass pass 15kpa24a-hra 15kpa24ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass - 15kpa26a-hra 15kpa26ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass - 15kpa28a-hra 15kpa28ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass - 15kpa30a-hra 15kpa30ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass - 15kpa33a-hra 15kpa33ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass - 15kpa36a-hra 15kpa36ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass - 15kpa40a-hra 15kpa40ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass - 15kpa43a-hra 15kpa43ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass - 15kpa45a-hra 15kpa45ca-hra pass pass pass pass pass pass pass pass pass pass pass pass pass pass - 15kpa48a-hra 15kpa48ca-hra pass pass pass pass - pass pass pass pass - pass pass pass pass - 15kpa51a-hra 15kpa51ca-hra pass pass pass pass - pass pass pass pass - pass pass pass pass - 15kpa54a-hra 15kpa54ca-hra pass pass pass pass - pass pass pass pass - pass pass pass pass - 15kpa58a-hra 15kpa58ca-hra pass pass pass pass - pass pass pass pass - pass pass pass - - 15kpa60a-hra 15kpa60ca-hra pass pass pass pass - pass pass pass - - pass pass pass - - 15kpa64a-hra 15kpa64ca-hra pass pass pass pass - pass pass pass - - pass pass pass - - 15kpa70a-hra 15kpa70ca-hra pass pass pass pass - pass pass pass - - pass pass pass - - 15kpa75a-hra 15kpa75ca-hra pass pass pass pass - pass pass pass - - pass pass pass - - 15kpa78a-hra 15kpa78ca-hra pass pass pass pass - pass pass pass - - pass pass pass - - 15kpa85a-hra 15kpa85ca-hra pass pass pass pass - pass pass pass - - pass pass pass - - 15kpa90a-hra 15kpa90ca-hra pass pass pass pass - pass pass pass - - pass pass pass - - 15kpa100a-hra 15kpa100ca-hra pass pass pass - - pass pass pass - - pass pass pass - - 15kpa110a-hra 15kpa110ca-hra pass pass pass - - pass pass pass - - pass pass pass - - 15KPA120A-HRA 15kpa120ca-hra pass pass pass - - pass pass pass - - pass pass pass - - 15kpa130a-hra 15kpa130ca-hra pass pass pass - - pass pass pass - - pass pass - - - 15kpa150a-hra 15kpa150ca-hra pass pass pass - - pass pass pass - - pass pass - - - 15kpa160a-hra 15kpa160ca-hra pass pass pass - - pass pass - - - pass pass - - - 15kpa170a-hra 15kpa170ca-hra pass pass pass - - pass pass - - - pass pass - - - 15kpa180a-hra 15kpa180ca-hra pass pass pass - - pass pass - - - pass - - - - 15kpa200a-hra 15kpa200ca-hra pass pass pass - - pass pass - - - pass - - - - 15kpa220a-hra 15kpa220ca-hra pass pass pass - - pass - - - - pass - - - - 15kpa240a-hra 15kpa240ca-hra pass pass pass - - pass - - - - pass - - - - 15kpa260a-hra 15kpa260ca-hra pass pass - - - pass - - - - pass - - - - 15kpa280a-hra 15kpa280ca-hra pass pass - - - pass - - - - pass - - - - pin injection protection per rtca/do-160g note: 1. l1 = level1, l2 = level 2, l3 = level 3, l4 = level 4, l5 = level 5 tvs diodes axial leaded C 15000w > 15kpa-hra series


▲Up To Search▲   

 
Price & Availability of 15KPA120A-HRA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X