Part Number Hot Search : 
03953 TMJ9904 74C86 1645P STRRP 1N472 X24008 1EEB2
Product Description
Full Text Search
 

To Download UPD2415TPF-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet pcb mou n t do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. upd24tp series ? sip ssr ? 3 output channels in one package with common control input ? ratings per channel of 15 a @ 280 vac ? pcb mount package or panel mount quick connect terminals (f option) ? scr output for heavy industrial loads ? zero-crossing (resistive loads) or random-fire (inductive loads) output ? low leakage (snubberless) output product selection control voltage 4.5-8 vdc available options output specifications (1) description upd2415tp operating voltage (47-440hz) [vrms] 24-280 maximum load current [arms](3) 15 150 600 239/250 1.4 thermal resistance junction to case [c/w] 1.02 maximum i2 t for fusing (50/60hz, 1/2 cycle) [a2 sec] 285/259 0.1 maximum off-state leakage current @ rated voltage [marms] upd2415tp upd2415tp-10 minimum load current [marms] transient overvoltage [vpk] minimum power factor (with maximum load) minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) input specifications (1) description upd2415tp upd2415tp-10 control voltage range 4.5-8 vdc 4.5-8 vdc must turn on voltage 4.5 vdc 4.5 vdc must turn off voltage 1.0 vdc 1.0 vac 14 madc 14 madc 100 ohm 100 ohm typical input current @ 5 vdc nominal input impedance 1/2 cycle maximum turn-on time [msec] 0.02 1/2 cycle maximum turn-off time [msec] 1/2 cycle maximum 1 cycle surge current (50/60hz) [apk] maximum on-state voltage drop @ rated current [vpk] upd2415tp-10 24-280 15 150 600 239/250 1.6 500 1.02 285/259 0.1 0.5 500 0.5 series output tp: triple channel operational current 15: 15 amps operational voltage 240: 24-280 vac 15 upd terminals type blank: pins for pcb mount f: quick connect terminals f required for valid part number for options only and not required for valid part number tp 24 switching mode blank: zero voltage turn-on -10: random turn-on -10 15 a 15 a
datasheet pcb mou n t do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. general specifications (1) description parameters diel ectric s t ren gth, input/output/base (50/60hz) 2500 vrms min im u m insula tion resistance (@ 500 vdc) maximum capa citance, input/ou t put 8 pf a m bi ent oper ating temperature range - 40 to 80 c a m bi ent storage temperature ran ge - 40 to 125 c 1.53 oz. (43.4g) 1 0 9 ohm general notes (1) all parameters at 25c and per section unless otherwise speci?ed. (2) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 (3) heat sinking required, see following pages for derating curves. mechanical specifications wiring diagram tolerances: 0.02 in / 0.5 mm all dimensions are in: inches [millimeters] weight (typical) sq 0.032 .005 (8 plc's) 1.12 0.40 (3 plc?s) 0.20 (4 plc?s) 0.15 3.08 2.80 a s sem b l e d i n m exi c o u p d2415t p 0.47 0.50 c1 c2 b2 b1 + - a1 a2 .250 x .032 s q ( 6 p l a c e s ) f a s t o n te r m inal s q p i n .025 .00 5 .100 c ente r s 0.50 1.12 0.73 1.23 1.73 3.08 1.55 ( 2 p l a c e s ) 1.05 0.55 0.15 a s sem b l e d upd2415tpf in mex i c o + dc - dc input a load load can be wired in position a or b a b ac ac a2 + - load a1 + dc - dc input b load a b ac ac b2 + - load b1 + dc - dc input c load a b ac ac c2 + - load c1
datasheet pcb mou n t do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. thermal derate information r e v 112614 agency approvals designed in accordance with the requirements of iec 62314 agency approvals ambient temperature ( ?c) combined channel output current (amperes) derate curve: upd2415tp 15 20 25 30 35 40 45 10 5 20 30 40 50 60 70 80 0 5oc/w 2oc/w 1.5oc/w 1oc/w 3oc/w
datasheet pcb mou n t do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. danger / peligro / danger /gefahr / pericolo / h a z a r d o f e l e ct ric s ho ck, e x p l o s io n, o r a r c flash. ? di s c o n n e c t a l l p o w e r b e f o r e i n s ta l l i n g o r wo r k i n g w i t h th i s equipment. ? v e r i f y a l l c o n n e c ti o n s a n d r e p l a c e a l l c o v e r s b e f o r e tu r n i n g o n p o w e r . f a ilu r e t o f o llo w t h e s e in s t r u c t io n s w ill r e s u lt in d e a t h o r s e r io u s in ju r y . rie s g o de de s c a rg a e l e ct ric a o e x p l o s io n. ? de s c o n e c ta r to d o s l o s s u m i n i s tr o s d e e n e r g i a a e s te e q u i p o a n t e s d e tr a b a j a r c o n e s te equipo. ? v e r i f i c a r to d a s l a s conexiones y colocar todas l a s ta p a s antes d e energizer el e q u i p o . e l in c u m p lim ie n t o d e e s t a s in s t r u c c io n e s p u e d e p r o v o c a r la m u e r t e o le s io n e s s e r ia s . ris q u e de de s ch a rg e e l e ct riq ue o u explosion ? e te i n d r e to u te s l e s s o u r c e s d ' n e r g i e d e c e t a p p a r e i l a v a n t d e tr a v a i l l e r d e s s u s d e c e t a p p a r e i l ? vrifier tous connections, et remettre tous couverts en olace avant de mettre sous de n o n-s u iv i d e c e s in s t r u c t io n s p r o v o q u e r a la m o r t o u d e s l s io n s srieuses s r i e u s e s. g e f a hr e in e s e l e kt ris ch e n s chl a g e s o de r e ine r e x p l o s io n. ? s te l l e n s i e j e g l i c h e n s tr o m a b , d e r d i e s e s g e r ? t v e r s o r g t, bevor s i e a n dem g e r ? t arbeiten d u r c h f h r e n ? v o r d e m dr e h e n a u f e n e r g i e a l l e a n s c h l s s e b e r p r f e n u n d a l l e a b d e c k u n g e n e r s e t z e n. un t e r la s s u n g d ie s e r a n w e i s u n g e n k ? n n e n z u m t o d e o d e r z u s c h w e r e n v e r le t z u n g e n f h r e n. ris chio di s co s s a e l e t t ric a o de l l ?e s p l o s ione. ? s p e n g a tu tt a l ' a l i m e n ta z i o ne c h e f o r n i s c e q u e s ta a p p a r e c c h i a t ura p r i m a d i lavorare a questa a p p a r e c c h i a t ura ? v e r i f i c a r e t u tti i c o l l e g a m e n ti e s o s ti tu i r e tu tte l e coperture p r i m a d e l l ?accensione l ' o m is s io n e d i q u e s t e istruzioni p r o v o c h e r l a m o r t e o le s io n i s e r i e ? ? ? ? ? ?? ??? ? ??? ? warning / avertissement / warnung /advertencia / avvertenza / risk of material damage and hot enclosure ? the product's side panels may be hot, allow the product to cool before touching. ? follow proper mounting instructions including torque values. ? do not allow liquids or foreign objects to enter this product. failure to follow these instructions can result in serious injury, or equipment damage. risque de dommage materiel et de surchauffe du boitier ? les panneaux latraux du produit peuvent tre chauds. laisser le produit refroidir avant de le toucher. ? respecter les consignes de montage, et notamment les couples de serrage. ? ne pas laisser pntrer de liquide ni de corps trangers l'intrieur du produit. le non-respect de cette directive peut entra?ner, des lsions corporelles graves ou des dommages matriels. die nichtbeachtung dieser anweisung kann k?rperverletzung oder materialsch?den zur folge haben. gefahr von materialsch?den und geh?useerhitzung ? die seitenw?nde k?nnen hei? sein. lassen sie das produkt abkhlen, bevor sie es berhren. ? beachten sie die montageanweisungen, ? fhren sie keine flssigkeiten oder fremdk?rper in das produkt ein. si no se respetan estas precauciones pueden producirse graves lesiones, da?os materiales. riesgo de da?os materiales y de sobrecalentamiento de la unidad ? los paneles laterales del producto pueden estar calientes. esperar que el producto se enfre antes de tocarlo. ? respetar las instrucciones de montaje, y en particular los pares de apretado. ? no dejar que penetren lquidos o cuerpos extra?os en el producto. la mancata osservanza di questa precauzione pu causare gravi rischi per l'incolumit personale o danni alle apparecchiature. rischio di danni materiali e d'involucro caldo ? i pannelli laterali dell'apparecchio poss ono scottare; lasciar quindi raffreddare il prodotto prima di toccarlo. ? seguire le istruzioni di montaggio corrette. ? non far entrare liquidi o oggetti estranei in questo apparecchio. ??? ??? ???? ? ?????? ? ? ?????? ? ???
datasheet pcb mou n t do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. annex - e n v i romental information the environmental information disclosed in this annex including the eip pollution logo are in compliance w i th people?s republic of china electronic industr y standard sj/t11364 ? 2006, marking for c ontrol of pollution caused by electronic information products. part name toxic or hazardous substance and elements lead mercury cadmium hexavalent polybrominated polybrominated (pb) (hg) (cd) chromium (cr (vi)) biphenyls (pbb) diphenyl ethers (pbde) semiconductor die solder - ? ?????????????? sj/t11364 - 2006, ?????? ??? ? ? (pb) (hg) (cd) (cr (vi)) (pbb) (pbde) ?? ? 50


▲Up To Search▲   

 
Price & Availability of UPD2415TPF-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X