|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
keysight technologies U8480 series usb thermocouple power sensors data sheet
improve your power measurement throughput with the worlds fastest usb thermocouple power sensors. the keysight technologies, inc. U8480 series usb thermocouple power sensors come with a measurement speed of 900 readings/ second and power linearity of less than 0.8%, providing high accuracy and stability to help you make average power measurements quickly and confdently. with the U8480 series usb sensors, one of the most cost-effective solutions in keysights power meter and sensor portfolio, you get top performance features at costs so affordable that every engineer can carry one in their bags. frequency range down to dc cover a broad range of test applications with keysights frst power sensor with the capability to measure down to dc. the u8481a (10 mhz to 18 ghz) and u8485a (10 mhz to 33 ghz) come with option 200 versions, which expands the frequency range of the sensor from 10 mhz down to dc. improve your power measurement throughput built-in trigger in function synchronize your measurement capture with the built-in trigger in function, with - out the need of an external module. the trigger-in function allows you to connect an external trigger signal from a signal source or the device-under-test directly to the usb sensor through a standard bnc to smb cable. the U8480 series plugs directly into your pc or usb-enabled keysight instrument and gives you the capability to measure power without needing an external power meter or power supply. the sensors draw power directly from a usb port and do not need additional triggering modules to operate. begin measuring immediately when you connect the new usb power sensors to your pc or laptop; the U8480 series sensors come bundled with the n1918a power panel software at no additional cost. the n1918a-100 power analyzer, with advanced features such as limit test and long term data logging, is available for purchase separately. the U8480 series is also supported by the keysight benchvue software (version 3.0 and above). benchvue makes it easy to control your power meter to log data and visualize measurements in a wide array of display options without any programming. this software is available on the keysight instrument control dvd, which is included with each meter. you can download the latest version of the software cost free at www.keysight.com/fnd/benchvue. upgrading to the paid benchvue power meter pro version (bv0007a) provides unrestricted data logging. keysight recommends that you use the benchvue software for new projects or applications. the U8480 series fts easily in your bag, making the sensors ideal solutions for feld applications such as base station testing. the external trigger input port on the u8481a. internal calibration save time and reduce measurement uncertainty with the internal calibration function. these sensors come with technology that integrates a dc reference source and switching circuits into the body of the sensor so you can calibrate the sensor while it is connected to a device- under-test. this feature removes the need for connection and disconnection from an external calibration source, speeding up testing and reducing connector wear and tear. to perform zeroing, simply turn off the device-under-test. legacy excellence in a compact and portable form factor the U8480 series is based on the same front end design as the keysight 8480 and n8480 series power sensors, now equipped with usb capabilities and improved specifcations such as a mea - surement speed ten times faster than the legacy series. 02 | keysight | U8480 series usb thermocouple power sensors C data sheet fast measurement speed the U8480 series usb thermocouple power sensors offer a measurement speed of 900 readings/second (in fast mode), making them the worlds fastest usb thermocouple power sensors. this feature is especially important in high volume manufacturing, where fast measurement speed is essential to maximize production throughput and increase productivity. by increasing the speed of measurements, test engineers can shorten the design cycle and accelerate the product time-to- market as they would require less time to carry out the same number of tests. real time measurement uncertainty measurement uncertainty is normally calculated manually by the user. the U8480 series usb thermocouple power sensors now compute this value in real time and at any given point, removing the need for manual mu calculations, shortening test time and providing highly accurate measurements. users can also display power measurements and their measurement uncertainty simultaneously. gamma correction in an ideal measurement scenario, the reference impedance of the power sensor and device-under-test (dut) impedance should equal the reference impedance (z0); however, this is rarely the case in practice. the mismatch in impedance values results in a portion of the signal voltage being refected, and this refection is quantifed by the refection coeffcient, gamma. using the gamma correction function, users can simply input the duts gamma into the usb power sensor using scpi commands or the keysight n1918a power analysis manager. this will remove the mismatch error, yielding more accurate measurements. s-parameter correction additional errors are often caused by components that are inserted between the dut and the power sensor, such as in base station testing where a high power attenu - ator is connected between the sensor and base station to reduce the output power to the measurable power range of the sensor. the s-parameters of these components can be obtained with a vector network analyzer in the touchstone format, and inputted into the sensor using scpi commands or through the keysight n1918a power analysis manager. this error can now be corrected using the U8480 series usb power sensors s-parameter correction function. the sensor will behave as though it is connected directly to the dut, giving users highly accurate power measurements. compatibility with other keysight instruments the U8480 series, like all other keysight usb power sensors, can be used as an accessory for other keysight instruments, allowing these instruments to perform specifc power measurement applications without needing to connect to a pc or laptop. the U8480 series power sensors are compatible with the keysight fieldfox rf analyzers and mxg signal generator, giving them power meter functionalities, and with the mxg signal generator, user fatness correction (ufc) with external leveling as well. the U8480 series also performs source power calibration with the keysight pna, pna-l and pna-x network analyzers. please refer to the application note, compatibility of usb power sensors with keysight instruments (5989-8743en) for the latest compatibility information. firmware upgrade the latest frmware for the U8480 series includes executable fle and help fle for installing the firmware upgrade utility application in order to upgrade the usb thermocouple power sensors. to down - load the latest frmware version for the U8480 series, visit: www.keysight.com/fnd/pm_frmware 03 | keysight | U8480 series usb thermocouple power sensors C data sheet performance specifcations specifcation defnitions there are two types of product specifcations: C warranted specifcations are specifcations which are covered by the product warranty and apply over a range of 0 to 55 c unless otherwise noted. warranted specifcations include measurement uncertainty calculated with a 95% confdence C characteristic specifcations are specifcations that are not warranted. they describe product performance that is useful in the application of the product. these characteristic specifcations are shown in italics. characteristic information is representative of the product. in many cases, it may also be supplemental to a warranted specifcation. characteristics specifcations are not verifed on all units. there are several types of characteristic specifcations. they can be divided into two groups. one group of characteristic types describes attributes common to all products of a given model or option. examples of characteristics that describe attributes are the product weight and 50-? input type-n connector. in these examples, product weight is an approximate value and a 50-? input is nominal. these two terms are most widely used when describing a products attributes. the second group describes statistically the aggregate performance of the population of products. these characteristics describe the expected behavior of the population of products. they do not guarantee the performance of any individual product. no measurement uncertainty value is accounted for in the specifcation. these specifcations are referred to as typical. conditions the power sensor will meet its specifcations when: C stored for a minimum of two hours at a stable temperature within the operating temperature range, and turned on for at least 30 minutes C the power sensor is within its recommended calibration period, and C used in accordance to the information provided in the users guide. 04 | keysight | U8480 series usb thermocouple power sensors C data sheet U8480 series usb power sensors specifcations key specifcations frequency range u8481a option 100 10 mhz to 18 ghz u8481a option 200 dc to 18 ghz u8485a option 100 10 mhz to 33 ghz u8485a option 200 dc to 33 ghz u8487a option 100 10 mhz to 50 ghz u8488a option 100 10 mhz to 67 ghz 67 ghz to 70 ghz dynamic power range (average power) C35 dbm to 20 dbm power linearity 1 C1 to +15 dbm 0.50% (25 c 10 c) 0.55% (0 to 55 c) +15 to +20 dbm 0.55% (25 c 10 c) 0.60% (0 to 55 c) zero set (20% to 70% rh) 2 25 nw 3 internal calibration accuracy 4 0.52% (25 10 c) 0.59% (0 to 55 c) zeroing duration 16 s internal calibration duration 1.5 s external calibration duration 9 s damage level ac coupled (option 100) 25 dbm (average power), 50 v (dc) 15 w (2 s duration) (peak power) dc coupled (option 200) 25 dbm (average power), 4 v (dc) 15 w (2 s duration) (peak power) U8480 series C1 to +20 dbm measurement uncertainty (%) 0.21 easremet ertat maximum swr frequency band u8481a frequency band u8485a 25 oc 10 oc 0 oc to 55 oc 25 oc 10 oc 0 oc to 55 oc 1. only applicable for the U8480 series option 200 models. frequency band u8487a frequency band u8488a 25 oc 10 oc 0 oc to 55 oc 25 oc 10 oc 0 oc to 55 oc 67 ghz to 70 ghz 1.36 1.41 06 | keysight | U8480 series usb thermocouple power sensors C data sheet figure 2. typical swr for the ac-coupled u8481a (option 100) and the dc-coupled u8481a (option 200) 1.25 1.2 1.15 1.1 1.05 1 0 5 10 15 20 ac-coupled (option 100) dc-coupled (option 200) frequency (ghz) swr u8481a figure 3. typical swr for the ac-coupled u8481a (option 100) when zoomed in to 300 mhz figure 4. typical swr for the ac-coupled u8485a (option 100) and the dc-coupled u8485a (option 200) 1.25 1.2 1.15 1.1 1.05 1 0 10 20 30 ac-coupled (option 100) dc-coupled (option 200) frequency (ghz) swr u8485a 1.25 1.2 1.15 1.1 1.05 1 0 0.05 0.1 0.15 0.2 0.25 0.3 frequency (ghz) swr u8481a (zoomed in to 300 mhz) 07 | keysight | U8480 series usb thermocouple power sensors C data sheet figure 5. typical swr for the ac-coupled u8485a (option 100) when zoomed in to 300 mhz figure 6. typical swr for the ac-coupled u8487a (option 100) figure 7. typical swr for the ac-coupled u8488a (option 100) 1.25 1.2 1.15 1.1 1.05 1 0 0.05 0.1 0.15 0.2 0.25 0.3 frequency (ghz) swr u8485a (zoomed in to 300 mhz) 1.25 1.2 1.15 1.1 1.05 1 0 10 20 30 40 50 60 frequency (ghz) swr u8487a 1.25 1.2 1.15 1.1 1.05 1 0 10 20 30 40 50 60 70 80 frequency (ghz) swr u8488a 08 | keysight | U8480 series usb thermocouple power sensors C data sheet zero drift and measurement noise conditions (rh) 1 zero drift 2, 3 measurement noise 2, 4 20% to 70% 5.5 nw 45 nw 1. rh is the abbreviation for relative humidity. 2. zero drift and measurement noise specifications are tested at 50 mhz. 3. within 1 hour of warm up and after zeroing, at a constant temperature, taken over a period of 4 hours of the total measurement time. this drift is calculated based on the average of hourly drifts. 4. the number of averages at 16 for the normal mode, 32 for the 2 mode, and 512 for the fast mode, at a constant temperature, measured over a 1-minute interval and two standard deviations. noise multiplier number of averages 1 2 4 8 16 32 64 128 256 512 1024 normal mode 3.17 2.62 2.02 1.54 1.00 0.82 0.60 0.50 0.37 0.27 0.15 2 mode 4.55 3.76 3.00 2.25 1.59 1.00 0.85 0.63 0.47 0.42 0.23 fast mode 46.88 33.06 24.00 17.19 12.24 8.39 4.93 4.11 2.48 1.00 0.83 measurement rate measurement speed mode measurement speed normal 20 readings/s double 40 readings/s fast 1 900 readings/s 2 1. to reduce sensor-dependent delay time, use the measurement buffer by setting the trigger count > 1. 2. the measurement is taken with the averaging state set to off. settling time number of averages 1 2 4 8 16 32 64 128 256 512 1024 settling time(s) (normal mode) 1 0.10 0.15 0.25 0.45 0.85 1.63 3.20 6.36 12.6 25.2 50.4 settling time(s) (2 mode) 1 0.08 0.10 0.15 0.25 0.45 0.89 1.63 3.20 6.35 12.6 25.2 settling time(s) (fast mode) 1,2 0.003 0.005 0.007 0.011 0.020 0.036 0.069 0.134 0.265 0.528 1.053 1. manual filter, 10 db decreasing power step. 2. noise measurement in fast mode fluctuates at lower power. although the averaging count (filter) is initially set to 256, if any of the 256 measurement samples taken are higher than C30 dbm, the firmware automatically changes the averaging count to 128. figure 8. auto-flter, default resolution, 10 db decreasing power step normal mode maximum power 150 ms 20 db typical 250 ms 10 db dynamic settling range times 840 ms 10 db 6.36 s 10 db 12.6 s 5 db minimum power x2 mode maximum power 100 ms 20 db typical 150 ms 10 db dynamic settling range times 450 ms 10 db 3.20 s 10 db 6.35 s 5 db minimum power fast mode maximum power 5 ms 20 db typical 7 ms 10 db dynamic settling range times 20 ms 10 db 124 ms 10 db 265 ms 5 db minimum power 09 | keysight | U8480 series usb thermocouple power sensors C data sheet calibration factor (cf) uncertainty the typical measurement uncertainties listed are not to be taken as the maximum cf measurement uncertainties. note: the cf uncertainty is dependent on the calibration standards uncertainty provided by calibration labs. for the exact uncertainty, refer to the individual sensor calibration report. u8481a frequency band 25 oc 3 oc 25 oc 10 oc 0 oc to 55 oc dc to 10 mhz 1 2.63% 3.30% 3.44% 10 mhz to 30 mhz 1.05% 1.25% 2.35% 30 mhz to 500 mhz 0.85% 0.89% 1.10% 500 mhz to 1.2 ghz 0.78% 0.87% 0.87% 1.2 ghz to 6 ghz 0.91% 1.10% 1.51% 6 ghz to 14 ghz 1.26% 1.47% 2.04% 14 ghz to 18 ghz 1.59% 1.96% 2.39% 1. only applicable for the U8480 series option 200 models. u8485a frequency band 25 oc 3 oc 25 oc 10 oc 0 oc to 55 oc dc to 10 mhz 1 2.37% 2.80% 2.88% 10 mhz to 30 mhz 1.50% 1.49% 2.04% 30 mhz to 500 mhz 1.37% 1.46% 1.98% 500 mhz to 1.2 ghz 1.26% 1.52% 2.07% 1.2 ghz to 6 ghz 1.35% 1.68% 2.40% 6 ghz to 14 ghz 1.66% 2.26% 2.99% 14 ghz to 18 ghz 1.83% 2.47% 3.35% 18 ghz to 26.5 ghz 2.67% 3.75% 4.70% 26.5 ghz to 33 ghz 3.32% 4.79% 6.41% 1. only applicable for the U8480 series option 200 models. 10 | keysight | U8480 series usb thermocouple power sensors - data sheet external trigger external ttl trigger input high > 1.9 v low < 1.1 v latency 1 11 s 2 s minimum trigger pulse width 35 ns minimum trigger repetition period 80 ns impedance 50 or 1 m trigger delay range 0 s to 1 s resolution 10 s 1. external trigger latency is defined as the delay between the applied trigger crossing the trigger level and the U8480 series switching into the triggered state. u8487a frequency band 25 oc 3 oc 25 oc 10 oc 0 oc to 55 oc 10 mhz to 30 mhz 1.79% 2.19% 4.15% 30 mhz to 500 mhz 1.78% 1.90% 2.24% 500 mhz to 1.2 ghz 1.79% 1.98% 2.34% 1.2 ghz to 6 ghz 1.82% 2.06% 2.48% 6 ghz to 14 ghz 1.88% 2.27% 2.53% 14 ghz to 18 ghz 1.90% 2.36% 2.71% 18 ghz to 26.5 ghz 2.09% 2.75% 3.23% 26.5 ghz to 33 ghz 2.66% 3.35% 3.92% 33 ghz to 34 ghz 2.66% 3.37% 4.10% 34 ghz to 35 ghz 2.66% 3.39% 4.10% 35 ghz to 40 ghz 2.66% 4.03% 4.69% 40 ghz to 45 ghz 3.73% 4.58% 5.43% 45 ghz to 50 ghz 4.68% 5.71% 6.68% u8488a frequency band 25 oc 3 oc 25 oc 10 oc 0 oc to 55 oc 10 mhz to 50 mhz 2.04% 2.14% 2.16% 50 mhz to 100 mhz 1.94% 2.05% 2.05% 100 mhz to 2 ghz 1.98% 2.18% 2.36% 2 ghz to 12.4 ghz 2.13% 2.80% 3.56% 12.4 ghz to 18 ghz 2.24% 3.01% 3.88% 18 ghz to 26.5 ghz 2.52% 3.09% 3.89% 26.5 ghz to 50 ghz 4.66% 5.49% 6.65% 50 ghz to 67 ghz 5.14% 6.06% 7.4 8% 67 ghz to 70 ghz 5.70% 8.14% 9.16% 11 | keysight | U8480 series usb thermocouple power sensors - data sheet general specifcations acquisition analog-to-digital converter (adc) sampling rate 192 khz adc resolution 24 bits integration time 1 1.024 ms other current requirement 400 ma (approximately) connector u8481a n-type (m), 50 u8485a 3.5 mm (m), 50 u8487a 2.4 mm (m), 50 u8488a 1.85 mm (m), 50 cable usb 2.0 type a to 5-pin mini-b interface usb 2.0 interface, usb-tmc compliant programmability scpi, keysight vee, labview, microsoft visual basic calibration 1 year 1. integration time is the period during which the U8480 series adc samples the input signal for a measurement. typical plot the following typical plot is intended to provide additional information, useful in applying the U8480 series by giving typical but not warranted performance parameters. figure 9. typical calibration factor (cf) and swr vs. frequency 12 | keysight | U8480 series usb thermocouple power sensors - data sheet general characteristics environmental compliance temperature operating condition: 0 c to 55 c storage condition: C40 c to 71 c humidity maximum operating condition: 95% rh at 40 c (non-condensing) storage condition: up to 90% rh at 65 c (non-condensing) altitude operating and storage conditions: up to 4.6 km (15000 ft) regulatory compliance the U8480 series usb thermocouple power sensor complies with the following emc requirements: iec 61326-1:2005 / en 61326-1:2006 canada: ices/nmb-001: issue 4, june 2006 australia/new zealand: as/nzs cispr11:2004 (length width height) u8481a: 145 mm 46 mm 35.90 mm u8485a: 136.50 mm 46 mm 35.90 mm u8487a: 127.70 mm x 4 mm x 35.90 mm u8488a: 128.50 mm x 4 mm x 35.90 mm weight net weight u8481a: 0.256 kg u8485a: 0.25 kg u8487a: 0.22 kg u8488a: 0.22 kg shipping weight u8481a: 1.35 kg u8485a: 1.402 kg u8487a: 1.37 kg u8488a: 1.37 kg connectivity usb 2.0, with the following cable lengths option 301: 1.5 m option 302: 3 m option 303: 5 m recommended calibration interval 1 year pollution degree 2 warranty 3 years 13 | keysight | U8480 series usb thermocouple power sensors - data sheet using the U8480 series with the n1918a power analysis manager n1918a power analysis manager is a powerful application software that complements the U8480 series, u2020 x-series and u2000 series usb power sensors, offering easy monitoring and analysis on a pc display. there are two versions of the n1918a software: the basic power panel and the advanced power analyzer. power analyzer provides full access to the softwares complete features and capabilities and its licenses, n1918a-100 (pc license) and n1918a-200 (usb dongle license), are available for purchase separately. the u8481a and u8485a each come with the n1918a power panel software at no additional cost. a n1918a power analysis manager software cd will be shipped together with the usb power sensor. users can also download the software from www.keysight.com/fnd/n1918a. multiple display types multiple channel list and measurement math data recording with limit and alert settings 14 | keysight | U8480 series usb thermocouple power sensors - data sheet n1918a power analysis manager functions power panel (basic) power analyzer (advanced) measurement display compact mode display soft panel (digital) display (enhanced with limits and alerts notifcations) gauge (analog) display (enhanced with limits and alerts notifcations) strip chart display multiple tabs multiple display per tab multilist graph functions single marker (up to 2 markers per graph) (up to 10 markers per graph) dual marker (one set of markers per graph) (up to 5 sets of markers per graph) graph autoscaling graph zooming measurement math (delta, ratio) save/load fle functions save measurement data (with time stamp) (applies to strip chart display; up to 10,000 data points) (applicable in strip chart and trace graph) load measurement data (application in strip chart and trace graph) (applicable in strip chart and trace graph) data recording (with timestamp) (applicable in trace graph 1 , soft panel, strip chart and gauge) instrument settings options save and restore instrument setting time-gated measurements instrument preset settings fdo table parameters measurement limit and alert functions limit and alert notifcation alert summary support function print application screen 1. recording time for trace graphs may vary based on trace graph settings 15 | keysight | U8480 series usb thermocouple power sensors - data sheet n1918a at tributes other software attributes display units absolute: watts or dbm relative: percent or db display resolution resolution of 1.0, 0.1, 0.01 and 0.001 db in log mode; one to four digits in linear mode default resolution 0.01 db in log mode; three digits in linear mode zero for performing internal and external zeroing range sensor-dependent, confgurable in 1-khz steps relative displays all successive measurements relative to the last referenced value offset allows power measurements to be offset by C100 db to +100 db, confgurable in 0.001 db increments, to compensate for external loss or gain duty cycle duty cycle values between 0.001% to 99.999% can be entered in increments of 0.01% to display a pulse power representation of measured power. the following equation is used to calculate the displayed pulse power value: pulse power = measured power/duty cycle limits high and low limits can be set in the range between C150.00 dbm to +230.00 dbm, in 0.001 dbm increments. preset default values channel offset (db) = 0, duty cycle off, frequency 50 mhz, auto average, auto range, free run mode, dbm mode system requirements hardware processor desktop pc: 1.3 ghz pentium iv or higher recommended laptop pc: 900 mhz pentium m or higher recommended ram 512 mb (1.0 gb or higher recommended) hard disk space 1.0 gb or more free disk space at runtime resolution 800 x 600 or higher (1280 x 1024 recommended) operating system and browser operating system C windows 8 32-bit and 64-bit C windows 7 32-bit and 64-bit C windows vista 32-bit and 64-bit C windows xp professional 32-bit service pack 2 or higher browser microsoft internet explorer 5.1 (6.0 or higher recommended) others any of the following to be pre-installed: C gpib io interface card C lan interface card C usb/gpib interface connector software keysight io libraries suit version 15.5 1 or higher microsoft .net framework runtime version 3.5 microsoft visual c++ 2005 runtime libraries 2 version 1.0 or higher 1. available on the keysight automation-ready cd-rom. keysight io libraries suite 15.5 is required if your pc is running on windows vista 32.bit operating system 2. bundled with n1918a power analysis manager cd 16 | keysight | U8480 series usb thermocouple power sensors - data sheet keysight benchvue software for the pc accelerates testing by providing intuitive, multiple instrument measurement visibility and data capture with no programming necessary. you can derive answers faster than ever by easily viewing, capturing and exporting measurement data and screen shots. using the U8480 series with the benchvue software digital meter, analog meter and datalog view attributes supported functionality measurement displays digital meter analog meter data log view multilist with ratio / delta function compact mode display graph functions single marker (up to 5 markers per graph) dual marker (up to 2 sets of markers per graph) graph autoscaling graph zooming instrument settings save and recall instrument state including graph settings instrument preset settings fdo tables gamma and s-parameters tables full instrumentation control include frequency/average/trigger settings, zero and calibration, etc. limit and alert function sensors limit and alert notifcation alert summary export data or screen shots data logging up to 1 hour (hdf5/matlab/microsoft excel/microsoft word/csv) save screen capture (png/jpeg/bmp) 17 | keysight | U8480 series usb thermocouple power sensors - data sheet system and installation requirements pc operating system windows 10, 8 and 7 windows 10 32-bit and 64-bit (professional, enterprise, education, home versions) windows 8 32-bit and 64-bit (core, professional, enterprise) windows 7 sp1 and later 32-bit and 64-bit (professional, enterprise, ultimate) computer hardware professor: 1 ghz or faster (2 ghz or greater recommended) ram: 1 gb (32-bit) or 2 gb (64-bit) (3 gb or greater recommended) windows xp sp3 32-bit (professional) processor: 600 mhz or faster (1 ghz or greater recommended) ram: 1 gb (2 gb or greater recommended) interfaces usb, gpib, lan, rs-232 display resolution 1024 x 768 minimum for single instrument view (higher resolutions are recommended for multiple instrument view) additional requirements software: benchvue requires a visa (keysight or national instruments) when used to connect to physical instruments. keysight io libraries, which contains the necessary visa, will be installed automatically when benchvue is installed. io libraries information is available at: www.keysight.com/fnd/iosuite 18 | keysight | U8480 series usb thermocouple power sensors - data sheet ordering information model description u8481a usb thermocouple power sensor (type-n) u8481a-100 standard option C 10 mhz to 18 ghz u8481a-200 dc coupled option C dc to 18 ghz u8485a usb thermocouple power sensor (3.5 mm) u8485a-100 standard option C 10 mhz to 33 ghz u8485a-200 dc coupled option C dc to 33 ghz u8487a usb thermocouple power sensor (2.4 mm) u8 4 87a-10 0 standard option C 10 mhz to 50 ghz u8488a usb thermocouple power sensor (1.85 mm) u8488a-100 standard option C 10 mhz to 67 ghz standard shipped items C power sensor cable 5 ft (1.5 m), default cable length C trigger cable, bnc male to smb female, 50 , 1.5 m C certifcate of calibration C documentation cd-rom C n1918a power analysis manager software cd-rom C keysight instrument control dvd (contains io libraries suite, command expert and benchvue software) C u8485a: 3.5 mm (f) to n-type (m) adapter 1 C u8487a/88a: 2.4 mm (f) to n-type (m) adapter 1 1. not applicable to u8481a 19 | keysight | U8480 series usb thermocouple power sensors - data sheet options travel kits u2000a-201 transit case u2000a-202 soft carrying case u2000a-203 holster u2000a-204 soft carrying pouch cables (selectable during sensor purchase) u2000a-301 power sensor cable, 5 ft (1.5 m) u2000a-302 power sensor cable, 10 ft (3 m) u2000a-303 power sensor cable, 16.4 ft (5 m) cables u2031a power sensor cable, 5 ft (1.5 m) u2031b power sensor cable, 10 ft (3 m) u2031c power sensor cable, 16.4 ft (5 m) u2032a bnc male to smb female trigger cable, 50 , 1.5 m calibration u8 4 8x a-1a7 iso17025 compliant calibration and test data u848xa-a6j anziz540 compliant calibration and test data software n1918a-10 0 power analyzer (with pc license) n1918a-200 power analyzer (with usb license) bv0007a benchvue power meter pro app license documentation u8481a/85a/87a/88a-abj japan - japanese user guide; printed u8481a/85a/87a/88a-0b1 english language user guide; printed u8481a/85a/87a/88a-abz italy - italian language user guide; printed u8481a/85a/87a/88a-abe spain - spanish user guide; printed u8481a/85a/87a/88a-abd germany - german user guide; printed u8481a/85a/87a/88a-ab2 china - simplifed chinese user guide; printed u8481a/85a/87a/88a-abf france - french language user guide; printed u8481a/85a/87a/88a-0bf english language programming guide; printed u8481a/85a/87a/88a-0bn english language service guide; printed 20 | keysight | U8480 series usb thermocouple power sensors - data sheet www.axiestandard.org advancedtca ? extensions for instrumentation and test (axie) is an open standard that extends the advancedtca for general purpose and semiconductor test. keysight is a founding member of the axie consortium. atca ? , advancedtca ? , and the atca logo are registered us trademarks of the pci industrial computer manufacturers group. www.lxistandard.org lan extensions for instruments puts the power of ethernet and the web inside your test systems. keysight is a founding member of the lxi consortium. www.pxisa.org pci extensions for instrumentation (pxi) modular instrumentation delivers a rugged, pc-based high-performance measurement and automation system. mykeysight www.keysight.com/find/mykeysight a personalized view into the information most relevant to you. three-year warranty www.keysight.com/find/threeyearwarranty keysights committed to superior product quality and lower total cost of ownership. keysight is the only test and measurement company with three-year warranty standard on all instruments, worldwide. and, we provide a one-year warranty on many accessories, calibration devices, systems and custom products. keysight assurance plans www.keysight.com/find/assuranceplans up to ten years of protection and no budgetary surprises to ensure your instruments are operating to specification, so you can rely on accurate measurements. keysight infoline www.keysight.com/find/service keysights insight to best in class information management. free access to your keysight equipment company reports and e-library. keysight channel partners www.keysight.com/find/channelpartners get the best of both worlds: keysights measurement expertise and product breadth, combined with channel partner convenience. from hewlett-packard through agilent to keysight for more than 75 years, weve been helping you unlock measurement insights. our unique combination of hardware, software and people can help you reach your next breakthrough. unlocking measurement insights since 1939. 1939 the future for more information on keysight technologies products, applications or services, please contact your local keysight office. the complete list is available at: www.keysight.com/find/contactus americas canada (877) 894 4414 brazil 55 11 3351 7010 mexico 001 800 254 2440 united states (800) 829 4444 asia pacifc australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 11 2626 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 other ap countries (65) 6375 8100 europe & middle east austria 0800 001122 belgium 0800 58580 finland 0800 523252 france 0805 980333 germany 0800 6270999 ireland 1800 832700 israel 1 809 343051 italy 800 599100 luxembourg +32 800 58580 netherlands 0800 0233200 russia 8800 5009286 spain 800 000154 sweden 0200 882255 switzerland 0800 805353 opt. 1 (de) opt. 2 (fr) opt. 3 (it) united kingdom 0800 0260637 for other unlisted countries: www.keysight.com/find/contactus (bp- 02-10-16) dekra certified iso9001 quality management system www.keysight.com/go/quality keysight technologies, inc. dekra certified iso 9001:2015 quality management system 21 | keysight | U8480 series usb thermocouple power sensors - data sheet this information is subject to change without notice. ? keysight technologies, 2012 - 2016 published in usa, april 18, 2016 5991-1410en www.keysight.com www.keysight.com/find/usbthermosensor |
Price & Availability of U8480 |