tpk-3 w series www.gztoppower.com tel:020-61038836 email:sales@gztoppower.com page 1 of 3 description the tpk-3w series are miniature, isolated 3w dc/dc converters in a sip package. they offer the ideal solution in many space critical applications for board level power distribution. the internal smd construction makes it possible to offer a product with high performance at low cost. the series offers smaller size, improved efficiency, lower output ripple noise and 3kvdc isolation. selection guide part number nominal input voltage output voltage output current (max./min) load regulation (max) efficiency (typ.) package style v v m a % % tpk0303sa-3w 3.3 3.3 909/90.9 7.2 82 sip tpk0305sa-2w 3.3 5 600/60 7.2 82 sip tpk0503sa-3w 5 3.3 909/90.9 7.2 82 sip tpk0505sa-3w 5 5 600/60 7.2 82 sip tpk0509sa-3w 5 9 333/33.3 5.8 86 sip tpk0512sa-3w 5 12 250/25 5.0 86 sip tpk0515sa-3w 5 15 200/20 4.6 87 sip tpk1205sa-3w 12 5 600/60 4.9 84 sip tpk1209sa-3w 12 9 333/33.3 3.0 87 sip tpk1212sa-3w 12 12 250/25 2.9 87 sip tpk1215sa-3w 12 15 200/20 2.5 89 sip tpk1515sa-3w 15 15 200/20 2.5 84 sip tpk2405sa-3w 24 5 600/60 4.9 84 sip tpk2412sa-3w 24 12 250/25 5.0 84 sip tpk2415sa-3w 24 15 200/20 2.5 89 sip tpk2424sa-3w 24 24 125/12.5 5.0 83 sip tpk0505s-3w 5 5 300/30 6.3 83 sip tpk0509s-3w 5 9 166.5/16.65 5.4 86 sip tpk0512s-3w 5 12 125/12.5 4.8 86 sip tpk0515s-3w 5 15 100/10 5.3 87 sip tpk0524s-3w 5 24 62.5/6.25 5.0 83 sip tpk1205s-3w 12 5 300/30 3.9 84 sip tpk1209s-3w 12 9 166.5/16.65 2.9 86 sip tpk1212s-3w 12 12 125/12.5 2.8 87 sip tpk1215s-3w 12 15 100/10 2.5 87 sip tpk1515s-3w 15 15 100/10 2.5 87 sip tpk2405s-3w 24 5 300/30 3.9 84 sip tpk2412s-3w 24 12 125/12.5 2.8 87 sip tpk2415s-3w 24 15 100/10 2.5 87 sip tpk2424s-3w 24 24 62.5/6.25 5.0 83 sip tpk0305d a -3w 3.3 5 600/60 7.2 82 dip tpk0505d a -3w 5 5 600/60 7.2 82 dip tpk0509d a -3w 5 9 333/33.3 5.8 86 dip tpk0512d a -3w 5 12 250/25 5.0 86 dip tpk0515d a -3w 5 15 200/20 4.6 87 dip tpk1205d a -3w 12 5 600/60 4.9 84 dip tpk1209d a -3w 12 9 333/33.3 3.0 87 dip tpk1212d a -3w 12 12 250/25 2.9 87 dip tpk1215d a -3w 12 15 200/20 2.5 89 dip tpk1515d a -3w 15 15 200/20 2.5 84 dip tpk2405d a -3w 24 5 600/60 4.9 84 dip tpk2412d a -3w 24 12 250/25 5.0 84 dip tpk2424d a -3w 24 24 125/12.5 5.0 83 dip tpk0505d-3w 5 5 300/30 6.3 83 dip tpk0509d-3w 5 9 166.5/16.65 5.4 86 dip tpk0512d-3w 5 12 125/12.5 4.8 86 dip tpk0515d-3w 5 15 100/10 5.3 87 dip tpk1205d-3w 12 5 300/30 3.9 84 dip tpk1209d-3w 12 9 166.5/16.65 2.9 86 dip tpk1212d-3w 12 12 125/12.5 2.8 87 dip tpk1215d-3w 12 15 100/10 2.5 87 dip tpk1515d-3w 15 15 100/10 2.5 87 dip tpk2405d-3w 24 5 300/30 3.9 84 dip tpk2412d-3w 24 12 125/12.5 2.8 87 dip tpk2424d-3w 24 24 62.5/6.25 5.0 83 dip add suffix ?p? for continuous short circuit protection, for example tpk0505sp-3w. features rohs compliant efficiency from 80% input voltage: 3.3v, 5v,12v, 15v,24v operating temperature: -40 to 85 ul 94v-0 package material output voltage: 3.3v,5v, 9v, 12v, 15v ,24v / 5v, 9v, 12v, 15v,24v industry standard pinout 3kvdc isolation (1 minute) ce certification 3w 3kvdc isolated single and dual output dc/dc converters toppower
tpk-3 w series www.gztoppower.com tel:020-61038836 email:sales@gztoppower.com page 2 of 3 input characteristics parameter conditions min. typ. max. units voltage range 3.3v input 2.9 3.3 3.6 v voltage range 5v input 4.5 5 5.5 v voltage range 12v input 11 12 13 v voltage range 15v input 13.4 15 16.4 v voltage range 24v input 22 24 26 v output characteristics parameter conditions min. typ. max. units rated power ta=-40c to 85c 3 w voltage set point accuracy see tolerance envelope line regulation high vin to low vin 1.0 1.2 %/% absolute maximum ratings lead tem p erature 1.5mm from case for 10 seconds 300c internal power dissipation 650mw input voltage vin, tpk03 5.5v input voltage vin, tpk05 7v input voltage vin, tpk12 15v input voltage vin, tpk15 18v input voltage vin, tpk24 28v isolation characteristics parameter conditions min. typ. max. units isolation test voltage tested for 1 minute 3000 vdc resistance viso= 1000vdc 1 g ? general characteristics parameter conditions min. typ. max. units switching frequency 65 khz temper ature characteristics parameter conditions min. typ. max. units specification all output -40 85 storage -50 150 case temperature above ambient 5v output 30 case temperature above ambient all other output 30 cooling free air convection temperature derating graphs tolerance envelopes output voltage t y p i c a l l o a d l i n e 10 25 50 75 100 -4% 2% nom v +5% output load current(%) 0% safe operating area 85 c ambient temperature( c) output power(w) 150 100 50 0 -40 0 1.5 3.0 4.5 toppower
tpk-3 w series www.gztoppower.com tel:020-61038836 email:sales@gztoppower.com page 3 of 3 all dimensions in mm 0.25mm . all pins on a 2.54mm pitch and within 0.25mm of true position. weight: 2.8g * pin n ot fi tted o n s in g l e output v a ri a n ts mechanical dimensions pin connections dual output variants 14 pin dip pin function 1-vin 7 nc 8+vou t 90v 10 -vou t 14 +vin 7 pin sip pin function 1+vin 2-vin 5-vou t 60v 7+vou t single output variants 14 pin dip pin function 1 -vin 7 nc 8 +vou t 10 -vou t 14 +vin 7 pin sip pin function 1 +vin 2 -vin 5 -vou t 7 +vou t recommended footprint details 14pin dip 7pin sip tube outline dimensions 14pin dip 7pin sip soldering information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 for 10 seconds. the series is backward compatible with sn/pb soldering systems unless otherwise stated all dimensions in mm 0.5mm. 2.54 2.54 4 holes 1.00 1.15 9.30 12.43 0.50 5.00 18.00 unless otherwise stated all dimensions in mm 0.5mm. tube len g th : 520mm 2mm. tube quantit y : 25pcs unless otherwise stated all dimensions in mm 0.5mm. 2.54 2.54 6 1.00 1.15 6holes 12.00 14.50 5.05 0.65 5.07 unless otherwise stated all dimensions in mm 0.5mm. tube len g th : 520mm 2mm. tube quantit y : 25pcs 0.30 0.20 15.24 1.45 1.00 2.54 0.4min yyww tpk0505sa-3w 19.50 0.50 1 2 5 2.52 1.54 7 7.50 10.00 4.60 3.60 0.40min bottom view 6 * tpk0505d-3w yyww 19.50 2.54 2.13 15.24 0.55 0.45 1 7 8 9 10 14 9.80 7.70 3.60 4.60 1.09 7.62 0.20 0.30 * bottom view toppower toppower dip packa g e sip packa g e toppower
|