tmc400 series 400 watts ac/dc medical & ite power supplies trumpowe r tumbler technologies + trumpower 3350 scott blvd., building 13 ? santa clara, california 95054, usa ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com input specifications input voltage range .............. 90~264 vac input frequency ..................... 47~63hz input current .......................... 4.2a rms @ 115 vac, 60hz 2.1a rms @ 240 vac, 50hz inrush current ....................... 20a @ 115 vac or 40a @ 230 vac, at 25 c cold start earth leakage current .......... 220 a max. @ 264 vac, 63hz output specifications output power ratings ........... see table output voltage ....................... see table tolerance ............................... 2% ripple and noise* ................. 1% peak to peak max. remote sense ...................... compensation for cable losses up to 0.5v overvoltage protection .......... set at 115-140% of its nominal output voltage overcurrent protection .......... protected to short-circuit conditions thermal shutdown ................ protected to over-temperature conditions temperature coefficient ....... 0.04%/ c max. transient response ............. max. excursion of 4% or better on all models, recovering to 1% of final value within 500 us after a 25% step load change standby power ...................... 5v, 100ma max. @ p4 connector fan power ............................. 12v, 250ma max. @ p5 connector * peak to peak with 20mhz bandwidth and 10 f tantalum capacitor in parallel with a 0.1 f ceramic capacitor at rated line voltage and load ranges general specifications switching frequency ............. 85khz typical power factor ......................... 0.98 typical, with active pfc efficiency ............................... 89% typical @ 115 vac, 92% typical @ 230 vac hold-up time ......................... 12ms at 110 vac line regulation ..................... 0.5% max. at full load operating temperature ........ -10 c to +70 c derating ................................. derate from 100% @ +50 c linearly to 50% @ +70 c storage temperature ............ -40 c to +85 c relative humidity .................. 5% to 95% non-condensing withstand voltage ................. 4000 vac from input to output 1500 vac from input to ground 500 vac from output to ground mtbf ...................................... 350k hours minimum at full load, 25 c ambient, calculated per mil-hdbk-217f features ? 90~264 vac input with active pfc ? 4" x 7" x 1.58" compact size ? 0.98 power factor ? low leakage current ? efficiency up to 92% standards & compliances en55011, en55022 .......... class b conducted, class a radiated fcc .................................... class b conducted, class a radiated vcci ................................... class b conducted, class a radiated en61000-3-2 ..................... harmonic distortion, class a & d en61000-3-3 ..................... line flicker en61000-4-2 ..................... esd, 8 kv air and 6 kv contact en61000-4-3 ..................... radiated immunity, 3v/m en61000-4-4 ..................... fast transient/burst, 2 kv en61000-4-5 ..................... surge, 1 kv diff., 2 kv com. en61000-4-6 ..................... conducted immunity, 3 vrms en61000-4-8 ..................... magnetic field immunity, 3a/m en61000-4-11 ................... volt age dips immunity, 30% reduction for 500ms, 60% reduction for 100ms, >95% reduction for 10ms safety standards ............... ul/iec/en 60601-1 (3 rd edition), ansi/aami es 60601-1 (1 st edition), csa c22.2 no. 60601-1 (2 nd edition), iec/en 60950-1 (2 nd edition) agency approvals .............. ul, tuv, cb, ce other compliance ............. rohs notes: 1. u-bracket format is standard. add suffix ?c? for enclosed format with cooling fan, e.g. tmc400-s12c. 2. all models may be operated at no-load. models list . o n t c u d o r p ] 1 [ t u p t u o e g a t l o v n o i t c e v n o c @ r i a d e c r o f m f c 7 @ . x a m t n e r r u c . x a m r e w o p . x a m t n e r r u c . x a m r e w o p 2 1 s - 0 0 4 c m t v 2 1a 0 0 . 5 2w 0 0 3a 4 3 . 3 3w 0 0 4 5 1 s - 0 0 4 c m t v 5 1a 0 0 . 0 2w 0 0 3a 7 6 . 6 2w 0 0 4 8 1 s - 0 0 4 c m t v 8 1a 7 6 . 6 1w 0 0 3a 3 2 . 2 2w 0 0 4 4 2 s - 0 0 4 c m t v 4 2a 0 5 . 2 1w 0 0 3a 7 6 . 6 1w 0 0 4 8 2 s - 0 0 4 c m t v 8 2a 2 7 . 0 1w 0 0 3a 9 2 . 4 1w 0 0 4 6 3 s - 0 0 4 c m t v 6 3a 4 3 . 8w 0 0 3a 2 1 . 1 1w 0 0 4 8 4 s - 0 0 4 c m t v 8 4a 5 2 . 6w 0 0 3a 4 3 . 8w 0 0 4
tumbler technologies + trumpower 3350 scott blvd., building 13 ? santa clara, california 95054, usa ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com tmc400 series 400 watts ac/dc medical & ite power supplies #tmc400-2011-0331-1 mechanical specifications r o t c e n n o c n i p n o i t c n u f ) c a ( 1 p 1 d n u o r g c a 2 e v i l c a 3 l a r t u e n 2 p t u p t u o + 3 p n r u t e r n o m m o c 4 p 1 n r u t e r n o m m o c 2 e s n e s v + 3 e s n e s v - 4 d f p 5 t i b i h n i 6 y b d n a t s v 5 + 7 k o c d 8 f f o s p 5 p 1 n a f v 2 1 + 2 n r u t e r n o m m o c notes: 1. dimensions: inches [mm] 2. tolerance: 0.02 [0.5] maximum 3. input connector p1 is dinkle terminal p/n dt-35-b01w-03 with m3, nickel plated screws 4. p2, p3: m3 x 0.5 screw connectors 5. connector p4: molex header 87833-08 or equivalent, mating with molex housing 51110-0850 or equivalent 6. fan connector p5: molex header 53048-0210 or equivalent, mating with molex housing 51021-0200 or equivalent 7. weight: 1.0 kg (2.23 lbs.) approx. for u-bracket form, 1.14 kgs. (2.52 lbs.) approx. for enclosed form. 8. maximum penetration depth of fixing screws is 4mm from the outer surface of chassis. u-bracket format enclosed format ? s l a n g i s l o r t n o c d f p , n o i t a r e p o l a m r o n r o f h g i h l t t , r e w o p t u p n i f o s s o l n o p u w o l , s m 0 0 5 - 0 0 1 e m i t y a l e d n o - n r u t m u m i n i m s m 5 e m i t y a l e d f f o - n r u t t i b i h n i t u p t u o f f o n r u t o t w o l l t t k o c d % 5 9 > e g a t l o v t u p t u o n e h w h g i h l t t f f o s p t u p t u o f f o n r u t o t h g i h l t t connectors & signals
|