Part Number Hot Search : 
LG1030 2SB1018A 4X337M00 IS42S164 BCR3AS CT100 12K8EC PER100
Product Description
Full Text Search
 

To Download SR5405A-TO-220AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s r 5 6 0 features mechanical data maximum ratings and electrical characteristics case : jedec to -220a c molded plastic body t erminals : l ead solderable per mil -std -750,method 2026 p olarity : as mark ed mounting p osition : any w eight : 0.08ounce, 2.24 gram (r atings at 25 c ambient temperature unless other wise specified ,single phase ,half wave ,resistive or inductive load. f or capacitive load,derate by 20%.) dimensions in inches and (millimeters) plastic pack age has under writers l aborator y flammability classification 94v -0 metal silicon junction ,majority carrier conduction guard ring for over voltage protection l ow power loss ,high efficiency high current capability ,l ow for ward voltage drop single rectifier construction high surge capability f or use in low voltage ,high frequency inver ters, free wheeling ,and polarity protection applications high temperature soldering guaranteed:260 c/10 seconds, 0.25"(6.35mm)from case component in accordance to r ohs 2002 / 95 / ec and weee 2002 / 96 / ec s r 5 2 0 t h r u s r 5 2 0 0 ( s i n g l e c h i p ) schottky barrier rectifier reverse voltage - 20 to200 volts forward current - 5.0amperes notes : 1.pulse test: 300 s pulse width,1% duty cycle 2.thermal resistance from junction to lead ver tical p .c.b. mounted , 0.375"(9.5mm)lead length 3.measured at 1mhz and reverse voltage of 4.0volts maximum repetitive peak reverse voltage v rrm v olts v olts v olts v olts m a a mps a mps v rms v dc i (a v) i f sm t stg v f i r c j t j r ja r jl maximum rms voltage maximum dc blocking voltage maximum average for ward rectified current 0.375"(9.5mm) lead length(see fig.1) maximum instantaneous for ward voltage at 5.0 a(note 1 ) t =25 c t =100 c a a t ypical thermal resistance (note 2) t ypical junction capacitance(note 3) operating junction temperature range storage temperature range maximum instantaneous reverse current at rated dc blocking voltage(note 1) p eak for ward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method at rated t l ) 5.0 150.0 -65 to+150 -65 to+150 400 500 25.0 8.0 0.2 25 50 0 . 60 0.75 p f c/w c c 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 57 80 100 71 100 symbols units sr 520 sr 530 sr 540 sr 550 sr 560 sr 580 sr 5100 sr 5200 sr 5150 200 140 200 150 105 150 0.90 0.85 0.95 t o-220ac 1.161(29.50) 0.159(4.05) 0.208(5.28) 0.037(0.94) 0.113(2.88) 0.161(4.10) 0.610(15.50) 0.114(2.90) 0.055(1.39) 0.185(4.70) 0.283(7.20) 0.560(14.22) 0.023(0.58) 1.106(28.10) 0.140(3.55) 0.192(4.88) 0.027(0.68) 0.102(2.60) 0.147(3.74) dia 0.571(14.50) 0.098(2.50) 0.045(1.14) 0.175(4.44) 0.244(6.20) 0.512(13.00) 0.014(0.35) 0.053(1.34) 0.047(1.20) pin 1 2 0.388(9.85) 0 . 4 1 0 ( 1 0 . 4 2 ) 1/2
0.01 0.001 0.01 1 0.1 10 20 0.1 1 0 25 50 75 100 125 150 50 10 0 20 0 40 60 80 100 1 10 100 0.2 0.4 0.6 0.8 1.0 1.6 1.4 1.2 0 20 40 60 80 100 120 150 0 2.0 3.0 4.0 5.0 1.0 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) inst ant aneous forw ard vol t age (vol ts) reverse vol t age. vol ts t , pulse dura tion ,sec. percent of ra ted peak reverse vol t age% number of cycles a t 60hz lead tempera ture ( c) t j =25 c t j =125 c t j =150 c pulse width=300 s 1% duty cycle t j =t j max 8.3ms single half sine- wa ve (jedec method) t j =25 c resistive or inductive l oad 0.375" (9.5mm) lead length 1 10 0.1 0.1 0.1 0.01 1 1 10 10 100 100 100 4000 1000 100 fig.5-typical junction capacitance fig.6-typical transient thermal impedance j u n c t i o n c a p a c i t a n c e ( p f ) t r a n s i e n t t h e r m a l i m p e d a n c e , c / w t j =25 c f=1.0mh z vsig=50mvp-p sr520-sr540 sr550-sr5200 sr520-sr540 sr550-sr5200 sr520-sr540 sr550-sr5200 t j =75 c t j =125 c s r 5 2 0 t h r u s r 5 2 0 0 ( s i n g l e c h i p ) schottky barrier rectifier reverse voltage - 20 to200 volts forward current - 5.0amperes 2/2


▲Up To Search▲   

 
Price & Availability of SR5405A-TO-220AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X